Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATTINY13A-SHR Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATTINY13A-SHR
Description  8-bit Microcontroller with 1K Bytes In-System Programmable Flash
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY13A-SHR Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATTINY13A-SHR Datasheet HTML 7Page - ATMEL Corporation ATTINY13A-SHR Datasheet HTML 8Page - ATMEL Corporation ATTINY13A-SHR Datasheet HTML 9Page - ATMEL Corporation ATTINY13A-SHR Datasheet HTML 10Page - ATMEL Corporation ATTINY13A-SHR Datasheet HTML 11Page - ATMEL Corporation ATTINY13A-SHR Datasheet HTML 12Page - ATMEL Corporation ATTINY13A-SHR Datasheet HTML 13Page - ATMEL Corporation ATTINY13A-SHR Datasheet HTML 14Page - ATMEL Corporation ATTINY13A-SHR Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
8126ES–AVR–07/10
ATtiny13A
6. Ordering Information
Notes: 1. Code indicators:
– H or 7: NiPdAu lead finish
– U, N or F: matte tin
– R: tape & reel
2. All packages are Pb-free, halide-free and fully green and they comply with the European directive for Restriction of Hazard-
ous Substances (RoHS).
3. Topside marking for ATtiny13A:
– 1st Line: T13
– 2nd Line: Axx
– 3rd Line: xxx
4. These devices can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering informa-
tion and minimum quantities.
5. For typical and Electrical characteristics for this device please consult Appendix A, ATtiny13A Specification at 105°C.
6. For typical and Electrical characteristics for this device please consult Appendix B, ATtiny13A Specification at 125°C.
Speed (MHz)
Power Supply (V)
Ordering Code(1)
Package(2)
Operation Range
20
1.8 - 5.5
ATtiny13A-PU
ATtiny13A-SU
ATtiny13A-SH
ATtiny13A-SHR
ATtiny13A-SSU
ATtiny13A-SSH
ATtiny13A-SSHR
ATtiny13A-MU
ATtiny13A-MUR
ATtiny13A-MMU(3)
ATtiny13A-MMUR(3)
8P3
8S2
8S2
8S2
8S1
8S1
8S1
20M1
20M1
10M1(3)
10M1(3)
Industrial
(-40°C to +85°C)(4)
ATtiny13A-SN
ATtiny13A-SNR
ATtiny13A-SS7
ATtiny13A-SS7R
8S2
8S2
8S1
8S1
Industrial
(-40°C to +105°C)(5)
ATtiny13A-SF
ATtiny13A-SFR
8S2
8S2
Industrial
(-40°C to +125°C)(6)
Package Type
8P3
8-lead, 0.300" Wide, Plastic Dual Inline Package (PDIP)
8S2
8-lead, 0.209" Wide, Plastic Small Outline Package (EIAJ SOIC)
8S1
8-lead, 0.150" Wide, Plastic Gull-Wing Small Outline (JEDEC SOIC)
20M1
20-pad, 4 x 4 x 0.8 mm Body, Lead Pitch 0.50 mm, Micro Lead Frame Package (MLF)
10M1
10-pad, 3 x 3 x 1 mm Body, Lead Pitch 0.50 mm, Micro Lead Frame Package (MLF)


Similar Part No. - ATTINY13A-SHR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY13A-SH ATMEL-ATTINY13A-SH Datasheet
462Kb / 20P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATtiny13A-SH ATMEL-ATtiny13A-SH Datasheet
3Mb / 174P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
More results

Similar Description - ATTINY13A-SHR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY13A ATMEL-ATTINY13A_09 Datasheet
539Kb / 20P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13A ATMEL-ATTINY13A_1 Datasheet
3Mb / 174P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13 ATMEL-ATTINY13_10 Datasheet
584Kb / 22P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
AT90S1200 ATMEL-AT90S1200 Datasheet
310Kb / 7P
   8-Bit Microcontroller with 1K bytes In-System Programmable Flash
ATTINY13-10SU ATMEL-ATTINY13-10SU Datasheet
535Kb / 22P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13A ATMEL-ATTINY13A Datasheet
462Kb / 20P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13V_0701 ATMEL-ATTINY13V_0701 Datasheet
1Mb / 177P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13V ATMEL-ATTINY13V_07 Datasheet
214Kb / 18P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13 ATMEL-ATTINY13_08 Datasheet
3Mb / 176P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13 ATMEL-ATTINY13 Datasheet
2Mb / 169P
   8-bit AVR Microcontroller with 1K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com