Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATTINY24V-10SSU Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATTINY24V-10SSU
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY24V-10SSU Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATTINY24V-10SSU Datasheet HTML 3Page - ATMEL Corporation ATTINY24V-10SSU Datasheet HTML 4Page - ATMEL Corporation ATTINY24V-10SSU Datasheet HTML 5Page - ATMEL Corporation ATTINY24V-10SSU Datasheet HTML 6Page - ATMEL Corporation ATTINY24V-10SSU Datasheet HTML 7Page - ATMEL Corporation ATTINY24V-10SSU Datasheet HTML 8Page - ATMEL Corporation ATTINY24V-10SSU Datasheet HTML 9Page - ATMEL Corporation ATTINY24V-10SSU Datasheet HTML 10Page - ATMEL Corporation ATTINY24V-10SSU Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7
8006JS–AVR–07/10
ATtiny24/44/84
4. Register Summary
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page
0x3F (0x5F)
SREG
I
T
H
S
V
N
Z
C
Page 8
0x3E (0x5E)
SPH
SP9
SP8
Page 11
0x3D (0x5D)
SPL
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
Page 11
0x3C (0x5C)
OCR0B
Timer/Counter0 – Output Compare Register B
Page 85
0x3B (0x5B)
GIMSK
INT0
PCIE1
PCIE0
Page 51
0x3A (0x5A
GIFR
INTF0
PCIF1
PCIF0
Page 52
0x39 (0x59)
TIMSK0
OCIE0B
OCIE0A
TOIE0
Page 85
0x38 (0x58)
TIFR0
OCF0B
OCF0A
TOV0
Page 85
0x37 (0x57)
SPMCSR
RSIG
CTPB
RFLB
PGWRT
PGERS
SPMEN
Page 157
0x36 (0x56)
OCR0A
Timer/Counter0 – Output Compare Register A
Page 84
0x35 (0x55)
MCUCR
BODS
PUD
SE
SM1
SM0
BODSE
ISC01
ISC00
Pages 36, 51, and 67
0x34 (0x54)
MCUSR
WDRF
BORF
EXTRF
PORF
Page 45
0x33 (0x53)
TCCR0B
FOC0A
FOC0B
WGM02
CS02
CS01
CS00
Page 83
0x32 (0x52)
TCNT0
Timer/Counter0
Page 84
0x31 (0x51)
OSCCAL
CAL7
CAL6CAL5CAL4CAL3CAL2CAL1
CAL0
Page 30
0x30 (0x50)
TCCR0A
COM0A1
COM0A0
COM0B1
COM0B0
WGM01
WGM00
Page 80
0x2F (0x4F)
TCCR1A
COM1A1
COM1A0
COM1B1
COM1B0
WGM11
WGM10
Page 108
0x2E (0x4E)
TCCR1B
ICNC1
ICES1
WGM13
WGM12
CS12
CS11
CS10
Page 110
0x2D (0x4D)
TCNT1H
Timer/Counter1 – Counter Register High Byte
Page 112
0x2C (0x4C)
TCNT1L
Timer/Counter1 – Counter Register Low Byte
Page 112
0x2B (0x4B)
OCR1AH
Timer/Counter1 – Compare Register A High Byte
Page 112
0x2A (0x4A)
OCR1AL
Timer/Counter1 – Compare Register A Low Byte
Page 112
0x29 (0x49)
OCR1BH
Timer/Counter1 – Compare Register B High Byte
Page 112
0x28 (0x48)
OCR1BL
Timer/Counter1 – Compare Register B Low Byte
Page 112
0x27 (0x47)
DWDR
DWDR[7:0]
Page 152
0x26 (0x46)
CLKPR
CLKPCE
CLKPS3
CLKPS2
CLKPS1
CLKPS0
Page 31
0x25 (0x45)
ICR1H
Timer/Counter1 - Input Capture Register High Byte
Page 113
0x24 (0x44)
ICR1L
Timer/Counter1 - Input Capture Register Low Byte
Page 113
0x23 (0x43)
GTCCR
TSM
PSR10
Page 116
0x22 (0x42)
TCCR1C
FOC1A
FOC1B
Page 111
0x21 (0x41)
WDTCSR
WDIF
WDIE
WDP3
WDCE
WDE
WDP2
WDP1
WDP0
Page 45
0x20 (0x40)
PCMSK1
PCINT11
PCINT10
PCINT9
PCINT8
Page 52
0x1F (0x3F)
EEARH
–EEAR8
Page 20
0x1E (0x3E)
EEARL
EEAR7
EEAR6
EEAR5
EEAR4
EEAR3
EEAR2
EEAR1
EEAR0
Page 21
0x1D (0x3D)
EEDR
EEPROM Data Register
Page 21
0x1C (0x3C)
EECR
EEPM1
EEPM0
EERIE
EEMPE
EEPE
EERE
Page 21
0x1B (0x3B)
PORTA
PORTA7
PORTA6
PORTA5
PORTA4
PORTA3
PORTA2
PORTA1
PORTA0
Page 67
0x1A (0x3A)
DDRA
DDA7
DDA6
DDA5
DDA4
DDA3
DDA2
DDA1
DDA0
Page 67
0x19 (0x39)
PINA
PINA7
PINA6
PINA5
PINA4
PINA3
PINA2
PINA1
PINA0
Page 68
0x18 (0x38)
PORTB
PORTB3
PORTB2
PORTB1
PORTB0
Page 68
0x17 (0x37)
DDRB
DDB3
DDB2
DDB1
DDB0
Page 68
0x16 (0x36)
PINB
PINB3
PINB2
PINB1
PINB0
Page 68
0x15 (0x35)
GPIOR2
General Purpose I/O Register 2
Page 23
0x14 (0x34)
GPIOR1
General Purpose I/O Register 1
Page 23
0x13 (0x33)
GPIOR0
General Purpose I/O Register 0
Page 23
0x12 (0x32)
PCMSK0
PCINT7
PCINT6
PCINT5
PCINT4
PCINT3
PCINT2
PCINT1
PCINT0
Page 53
0x11 (0x31))
Reserved
0x10 (0x30)
USIBR
USI Buffer Register
Page 125
0x0F (0x2F)
USIDR
USI Data Register
Page 124
0x0E (0x2E)
USISR
USISIF
USIOIF
USIPF
USIDC
USICNT3
USICNT2
USICNT1
USICNT0
Page 125
0x0D (0x2D)
USICR
USISIE
USIOIE
USIWM1
USIWM0
USICS1
USICS0
USICLK
USITC
Page 126
0x0C (0x2C)
TIMSK1
–ICIE1
OCIE1B
OCIE1A
TOIE1
Page 113
0x0B (0x2B)
TIFR1
–ICF1
OCF1B
OCF1A
TOV1
Page 114
0x0A (0x2A)
Reserved
0x09 (0x29)
Reserved
0x08 (0x28)
ACSR
ACD
ACBG
ACO
ACI
ACIE
ACIC
ACIS1
ACIS0
Page 130
0x07 (0x27)
ADMUX
REFS1
REFS0
MUX5
MUX4
MUX3
MUX2
MUX1
MUX0
Page 145
0x06 (0x26)
ADCSRA
ADEN
ADSC
ADATE
ADIF
ADIE
ADPS2
ADPS1
ADPS0
Page 147
0x05 (0x25)
ADCH
ADC Data Register High Byte
Page 149
0x04 (0x24)
ADCL
ADC Data Register Low Byte
Page 149
0x03 (0x23)
ADCSRB
BIN
ACME
–ADLAR
ADTS2
ADTS1
ADTS0
Page 131, Page 149
0x02 (0x22)
Reserved
0x01 (0x21)
DIDR0
ADC7D
ADC6D
ADC5D
ADC4D
ADC3D
ADC2D
ADC1D
ADC0D
Page 131, Page 150
0x00 (0x20)
PRR
PRTIM1
PRTIM0
PRUSI
PRADC
Page 37


Similar Part No. - ATTINY24V-10SSU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY24V-10SSU ATMEL-ATTINY24V-10SSU Datasheet
287Kb / 21P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY24V-10SSU ATMEL-ATTINY24V-10SSU Datasheet
562Kb / 26P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATtiny24V-10SSU ATMEL-ATtiny24V-10SSU Datasheet
4Mb / 236P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY24V-10SSU ATMEL-ATTINY24V-10SSU Datasheet
4Mb / 238P
   8-bit AVR Microcontroller with 2/4/8K Bytes In-System Programmable Flash
More results

Similar Description - ATTINY24V-10SSU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY261 ATMEL-ATTINY261_06 Datasheet
306Kb / 19P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY25 ATMEL-ATTINY25_06 Datasheet
247Kb / 24P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY25 ATMEL-ATTINY25_09 Datasheet
3Mb / 196P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY261A ATMEL-ATTINY261A_1 Datasheet
8Mb / 292P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY25-15SZ ATMEL-ATTINY25-15SZ Datasheet
3Mb / 196P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY24 ATMEL-ATTINY24_08 Datasheet
562Kb / 26P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY861A-SU ATMEL-ATTINY861A-SU Datasheet
612Kb / 22P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY25 ATMEL-ATTINY25 Datasheet
146Kb / 16P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY24 ATMEL-ATTINY24_1 Datasheet
4Mb / 236P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY24 ATMEL-ATTINY24_09 Datasheet
544Kb / 26P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY24 ATMEL-ATTINY24_07 Datasheet
287Kb / 21P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com