Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B88069X6061B502 Datasheet(PDF) 2 Page - EPCOS

Part # B88069X6061B502
Description  Surge arrester 3-electrode arrester
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B88069X6061B502 Datasheet(HTML) 2 Page - EPCOS

  B88069X6061B502 Datasheet HTML 1Page - EPCOS B88069X6061B502 Datasheet HTML 2Page - EPCOS B88069X6061B502 Datasheet HTML 3Page - EPCOS B88069X6061B502 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Surge arrester
B88069X6061B502
3-electrode arrester
EZ3-A250X
KB AB E / KB AB PM
Issue 02 / 2007-09-06
Please read Cautions and warnings and
Page 2 of 4
Important notes at the end of this document.
Features
Applications
Extremely small size
Fast response time
High current rating
Stable performance over life
Very low capacitance
High insulation resistance
RoHS-compatible
Branch exchange (MDF)
Line protection
Station protection
Electrical specifications
DC spark-over voltage
1) 2) 4)
250
± 20
V
%
Impulse spark-over voltage
4)
at 100 V/µs
- for 99 % of measured values
- typical values of distribution
at 1 kV/µs
- for 99 % of measured values
- typical values of distribution
< 600
< 450
< 750
< 600
V
V
V
V
Service life
10 operations
50 Hz, 1 s
5)
5
A
1 operation
50 Hz, 0.18 s
5)
5
A
10 operations [5x (+) & 5x (–)]
8/20 µs
5)
5
kA
1 operation
10/350 µs
5)
1
kA
300 operations (alternating polarity)
10/1000 µs
5)
200
A
Insulation resistance at 100 Vdc
4)
> 1
G
Ω
Capacitance at 1 MHz
4)
< 1.5
pF
DC holdover voltage
3)
at 135 Vdc / 1300 Ω
< 150
ms
Transverse delay time
3)
< 0.2
µs
Arc voltage at 1 A
Glow to arc transition current
Glow voltage
~ 10
~ 1
~ 80
V
A
V
Weight
~ 0.8
g
Operation and storage temperature
-40 ... +90
°C
Climatic category (IEC 60068-1)
40/ 90/ 21
Marking, blue, negative
EZ 250 YY O
EZ
- Series
250
- Nominal voltage
YY
- Year of production
O
- Non radioactive


Similar Part No. - B88069X6061B502

ManufacturerPart #DatasheetDescription
logo
EPCOS
B88069X6051T902 EPCOS-B88069X6051T902 Datasheet
70Kb / 4P
   Surge arrester 3-electrode arrester
B88069X6071T203 EPCOS-B88069X6071T203 Datasheet
61Kb / 4P
   SURGE ARRESTER 2-electrode arrester
More results

Similar Description - B88069X6061B502

ManufacturerPart #DatasheetDescription
logo
EPCOS
B88069X4030T902 EPCOS-B88069X4030T902 Datasheet
70Kb / 4P
   SURGE ARRESTER 3-electrode arrester
B88069X8630 EPCOS-B88069X8630 Datasheet
67Kb / 4P
   SURGE ARRESTER 3-electrode arrester
B88069X9420B502 EPCOS-B88069X9420B502 Datasheet
66Kb / 4P
   SURGE ARRESTER 3-electrode arrester
B88069X3280B502 EPCOS-B88069X3280B502 Datasheet
57Kb / 4P
   SURGE ARRESTER 3-electrode arrester
B88069X9360B502 EPCOS-B88069X9360B502 Datasheet
49Kb / 2P
   SURGE ARRESTER 3-electrode arrester
B88069X9580B202 EPCOS-B88069X9580B202 Datasheet
28Kb / 2P
   SURGE ARRESTER 3-electrode arrester
B88069X6990B102 EPCOS-B88069X6990B102 Datasheet
25Kb / 2P
   SURGE ARRESTER 3-electrode arrester
B88069X2331T902 EPCOS-B88069X2331T902 Datasheet
69Kb / 4P
   SURGE ARRESTER 3-electrode arrester
B88069X8160B502 EPCOS-B88069X8160B502 Datasheet
62Kb / 4P
   SURGE ARRESTER 3-electrode arrester
B88069X3070C203 EPCOS-B88069X3070C203 Datasheet
54Kb / 4P
   SURGE ARRESTER 3-electrode arrester
B88069X8220B502 EPCOS-B88069X8220B502 Datasheet
28Kb / 2P
   SURGE ARRESTER 3-electrode arrester
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com