Part Name
         Description
R5F357EEJFF

 RENESAS MCU ( 159 Page)


RENESAS
100% 
Zoom Out Zoom In
 94 page
background image
REJ03B0267-0101
Rev.1.01
Page 94 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
5. Electrical Characteristics
J-Version, VCC = 5 V
Note:
1.
This indicates the memory in which the program to be executed exists.
Table 5.16
Electrical Characteristics (2)
Topr = −40°C to 85°C unless otherwise specified.
Symbol
Parameter
Measuring Condition
Standard
Unit
Min.
Typ.
Max.
ICC
Power Supply
Current
(VCC = 4.2V to 5.5
V)
In single-chip
mode, the output
pins are open and
other pins are
VSS
High speed mode
f(BCLK) = 32 MHz,
XIN = 8 MHz (square wave), PLL multiply-by-8
125 kHz on-chip oscillator operates
25
45
mA
f(BCLK) = 20 MHz,
XIN = 20 MHz (square wave),
125 kHz on-chip oscillator operates
21
39
mA
f(BCLK) = 16 MHz,
XIN = 16 MHz (square wave),
125 kHz on-chip oscillator operates
17
mA
40 MHz on-chip oscillator
mode
Main clock stops
40 MHz on-chip oscillator operates
125 kHz on-chip oscillator operates
No division
21
39
mA
Main clock stops
40 MHz on-chip oscillator operates
125 kHz on-chip oscillator operates
Divide-by-8
6mA
125 kHz on-chip oscillator
mode
Main clock stops
40 MHz on-chip oscillator stops
125 kHz on-chip oscillator operates
Divide-by-8
FMR22 = FMR23 = 1 (Low-current
consumption read mode)
190
580
μA
Low power mode
f(BCLK) = 32 kHz
On Flash memory (2)
FMR22 = FMR23 = 1 (Low-current
consumption read mode)
200
μA
Wait mode
Main clock stops
40 MHz on-chip oscillator stops
125 kHz on-chip oscillator operates
Peripheral clock operates
Topr = 25°C
25
μA
Main clock stops
40 MHz on-chip oscillator stops
125 kHz on-chip oscillator operates
Peripheral clock operates
Topr = 85°C
55
μA
Stop mode
Topr = 25°C
315
μA
Topr = 85°C
30
μA
During flash memory
program
f(BCLK) = 10 MHz, PM17 = 1 (one wait)
VCC = 5.0 V
20.0
mA
During flash memory
erase
f(BCLK) = 10 MHz, PM17 = 1 (one wait)
VCC = 5.0 V
30.0
mA
Idet2
Low Voltage Detection Dissipation Current
3
μA
Idet0
Reset Area Detection Dissipation Current
6
μA



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl