Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F35M2EJFF Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R5F35M2EJFF
Description  RENESAS MCU
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F35M2EJFF Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R5F35M2EJFF Datasheet HTML 7Page - Renesas Technology Corp R5F35M2EJFF Datasheet HTML 8Page - Renesas Technology Corp R5F35M2EJFF Datasheet HTML 9Page - Renesas Technology Corp R5F35M2EJFF Datasheet HTML 10Page - Renesas Technology Corp R5F35M2EJFF Datasheet HTML 11Page - Renesas Technology Corp R5F35M2EJFF Datasheet HTML 12Page - Renesas Technology Corp R5F35M2EJFF Datasheet HTML 13Page - Renesas Technology Corp R5F35M2EJFF Datasheet HTML 14Page - Renesas Technology Corp R5F35M2EJFF Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 159 page
background image
REJ03B0267-0101
Rev.1.01
Page 11 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
1. Overview
Figure 1.1
Part Number, Memory Size, and Package
Figure 1.2
Marking Diagram of Flash Memory Version (Top View)
MCU Part No.
R 5 F 3 5M 2 E J FE
Package type
FB: PLQP0100KB-A (100P6Q-A)
FE: PLQP0080KB-A (80P6Q-A)
FF: PLQP0064KB-A (64P6Q-A)
Property code
J: Operating temperature -40°C to 85°C
K: Operating temperature -40°C to 125°C
Memory type
F: Flash memory
Group Name
5M: M16C/5M Group,
57: M16C/57 Group
16-bit MCU
Pin / CAN module / E2 data flash capacity
1: 100 pins / 1 channel / 4 Kbytes
2: 80 pins / 1 channel / 4 Kbytes
3: 64 pins / 1 channel / 4 Kbytes
6: 100 pins / 1 channel /
7: 80 pins / 1 channel /
8: 64 pins / 1 channel /
A: 100 pins / 2 channels / 4 Kbytes
B: 80 pins / 2 channels / 4 Kbytes
C: 64 pins / 2 channels / 4 Kbytes
D: 100 pins / 2 channels /
E: 80 pins / 2 channels /
F: 64 pins / 2 channels /
Memory capacity
Program ROM 1/RAM
3: 96 Kbytes/8 Kbytes
6: 128 Kbytes/12 Kbytes
E: 256 Kbytes/20 Kbytes
Renesas MCU
Renesas semiconductor
57 Group has no CAN Module
Part number
Seven digit date code
M 1 6 C
R 5 F 3 5 M 2 E J F E
X X X X X X X
Part number
Seven digit date code
M 1 6 C
R 5 F 3 5 M 2 E J F E
X X X X X X X
(See Figure 1.1 “Part Number, Memory Size, and Package”.)


Similar Part No. - R5F35M2EJFF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F35M2EJFE RENESAS-R5F35M2EJFE Datasheet
1Mb / 159P
   RENESAS MCU
More results

Similar Description - R5F35M2EJFF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com