Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST39LF040-75-4I-B3KE Datasheet(PDF) 5 Page - Silicon Storage Technology, Inc

Part # SST39LF040-75-4I-B3KE
Description  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39LF040-75-4I-B3KE Datasheet(HTML) 5 Page - Silicon Storage Technology, Inc

  SST39LF040-75-4I-B3KE Datasheet HTML 1Page - Silicon Storage Technology, Inc SST39LF040-75-4I-B3KE Datasheet HTML 2Page - Silicon Storage Technology, Inc SST39LF040-75-4I-B3KE Datasheet HTML 3Page - Silicon Storage Technology, Inc SST39LF040-75-4I-B3KE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST39LF040-75-4I-B3KE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39LF040-75-4I-B3KE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39LF040-75-4I-B3KE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39LF040-75-4I-B3KE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39LF040-75-4I-B3KE Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash
SST39LF512 / SST39LF010 / SST39LF020 / SST39LF040
SST39VF512 / SST39VF010 / SST39VF020 / SST39VF040
5
©2010 Silicon Storage Technology, Inc.
S71150-14-000
01/10
FIGURE 3: Pin Assignments for 32-lead TSOP (8mm x 14mm)
FIGURE 4: Pin Assignment for 48-ball TFBGA (6mm x 8mm) for 1 Mbit, 2 Mbit, and 4 Mbit
A11
A9
A8
A13
A14
NC
WE#
VDD
NC
NC
A15
A12
A7
A6
A5
A4
A11
A9
A8
A13
A14
NC
WE#
VDD
NC
A16
A15
A12
A7
A6
A5
A4
A11
A9
A8
A13
A14
A17
WE#
VDD
NC
A16
A15
A12
A7
A6
A5
A4
A11
A9
A8
A13
A14
A17
WE#
VDD
A18
A16
A15
A12
A7
A6
A5
A4
SST39LF/VF512
SST39LF/VF010
SST39LF/VF020
SST39LF/VF040
SST39LF/VF010 SST39LF/VF020 SST39LF/VF040
SST39LF/VF512
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
OE#
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
VSS
DQ2
DQ1
DQ0
A0
A1
A2
A3
OE#
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
VSS
DQ2
DQ1
DQ0
A0
A1
A2
A3
OE#
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
VSS
DQ2
DQ1
DQ0
A0
A1
A2
A3
OE#
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
VSS
DQ2
DQ1
DQ0
A0
A1
A2
A3
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1150 32-tsop WH P1.0
Standard Pinout
Top View
Die Up
A
B
C
D
E
F
G
H
SST39LF/VF010
6
5
4
3
2
1
TOP VIEW (balls facing down)
A14
A9
WE#
NC
A7
A3
A13
A8
NC
NC
NC
A4
A15
A11
NC
NC
A6
A2
A16
A12
NC
NC
A5
A1
NC
NC
DQ5
DQ2
DQ0
A0
NC
A10
NC
DQ3
NC
CE#
NC
DQ6
VDD
VDD
NC
OE#
VSS
DQ7
DQ4
NC
DQ1
VSS
A
B
C
D
E
F
G
H
SST39LF/VF020
6
5
4
3
2
1
TOP VIEW (balls facing down)
A14
A9
WE#
NC
A7
A3
A13
A8
NC
NC
NC
A4
A15
A11
NC
NC
A6
A2
A16
A12
NC
NC
A5
A1
A17
NC
DQ5
DQ2
DQ0
A0
NC
A10
NC
DQ3
NC
CE#
NC
DQ6
VDD
VDD
NC
OE#
VSS
DQ7
DQ4
NC
DQ1
VSS
A
B
C
D
E
F
G
H
SST39LF/VF040
6
5
4
3
2
1
TOP VIEW (balls facing down)
A14
A9
WE#
NC
A7
A3
A13
A8
NC
NC
A18
A4
A15
A11
NC
NC
A6
A2
A16
A12
NC
NC
A5
A1
A17
NC
DQ5
DQ2
DQ0
A0
NC
A10
NC
DQ3
NC
CE#
NC
DQ6
VDD
VDD
NC
OE#
VSS
DQ7
DQ4
NC
DQ1
VSS


Similar Part No. - SST39LF040-75-4I-B3KE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39LF040-70-4C-B3H SST-SST39LF040-70-4C-B3H Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF040-70-4C-B3K SST-SST39LF040-70-4C-B3K Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF040-70-4C-NH SST-SST39LF040-70-4C-NH Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF040-70-4C-NK SST-SST39LF040-70-4C-NK Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF040-70-4C-WH SST-SST39LF040-70-4C-WH Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
More results

Similar Description - SST39LF040-75-4I-B3KE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512 Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF512 SST-SST39SF512 Datasheet
269Kb / 22P
   512 Kbit / 1 Mbit (x8) Multi-Purpose Flash
SST39SF512 SST-SST39SF512_03 Datasheet
340Kb / 22P
   512 Kbit / 1 Mbit (x8) Multi-Purpose Flash
SST29SF512 SST-SST29SF512 Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST39SF010A SST-SST39SF010A Datasheet
271Kb / 22P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A_04 Datasheet
379Kb / 24P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39LF010 MICROCHIP-SST39LF010 Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39SF010A MICROCHIP-SST39SF010A_16 Datasheet
227Kb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
04/16
SST39SF040A MICROCHIP-SST39SF040A Datasheet
3Mb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2002-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com