Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NZX22A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # NZX22A
Description  Single Zener diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NZX22A Datasheet(HTML) 4 Page - NXP Semiconductors

  NZX22A Datasheet HTML 1Page - NXP Semiconductors NZX22A Datasheet HTML 2Page - NXP Semiconductors NZX22A Datasheet HTML 3Page - NXP Semiconductors NZX22A Datasheet HTML 4Page - NXP Semiconductors NZX22A Datasheet HTML 5Page - NXP Semiconductors NZX22A Datasheet HTML 6Page - NXP Semiconductors NZX22A Datasheet HTML 7Page - NXP Semiconductors NZX22A Datasheet HTML 8Page - NXP Semiconductors NZX22A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NZX_SER_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 3 June 2009
4 of 12
NXP Semiconductors
NZX series
Single Zener diodes
3V6
A
3.4
3.6
100
5
1
B
3.5
3.7
C
3.6
3.8
3V9
A
3.7
3.9
100
3
1
B
3.8
4.0
C
3.9
4.1
4V3
A
4.0
4.2
100
3
1
B
4.1
4.3
C
4.2
4.4
D
4.3
4.5
4V7
A
4.4
4.6
100
3
2
B
4.5
4.7
C
4.6
4.8
D
4.7
4.9
5V1
A
4.8
5.0
100
2
2
B
4.9
5.1
C
5.0
5.2
D
5.1
5.3
5V6
A
5.2
5.5
40
1
2
B
5.3
5.6
C
5.4
5.7
D
5.5
5.8
E
5.6
5.9
6V2
A
5.7
6.0
15
3
4
B
5.8
6.1
C
6.0
6.3
D
6.1
6.4
E
6.3
6.6
6V8
A
6.4
6.7
15
2
4
B
6.6
6.9
C
6.7
7.0
D
6.9
7.2
Table 8.
Characteristics per type; NZX2V4A to NZX18C …continued
Tj =25 °C unless otherwise specified.
NZXxxx
Sel
Working voltage
VZ (V)
Differential
resistance
rdif (Ω)
Reverse current
IR (µA)
IZ =5mA
IZ =5mA
Min
Max
Max
Max
VR (V)


Similar Part No. - NZX22A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NZX20B133 NXP-NZX20B133 Datasheet
139Kb / 13P
   NZX series Single Zener diodes
Rev. 4-28 November 2011
logo
Nexperia B.V. All right...
NZX2V1B NEXPERIA-NZX2V1B Datasheet
937Kb / 13P
   Single Zener diodes
Rev. 4 - 28 November 2011
More results

Similar Description - NZX22A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NZX8V2B133 NXP-NZX8V2B133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
TDZ2V4J PHILIPS-TDZ2V4J Datasheet
247Kb / 12P
   Single Zener diodes
Rev. 2-29 July 2011
NZX12A-133 PHILIPS-NZX12A-133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
BZX84J-C11.115 NXP-BZX84J-C11.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
NZH NEXPERIA-NZH Datasheet
227Kb / 10P
   Single Zener diodes
logo
NXP Semiconductors
BZX84J PHILIPS-BZX84J Datasheet
75Kb / 12P
   Single Zener diodes
Rev. 01-1 March 2007
BZX84J-B5V6.115 NXP-BZX84J-B5V6.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
PDZ-B-Q_SER NEXPERIA-PDZ-B-Q_SER Datasheet
256Kb / 11P
   Single Zener diodes
Rev. 2 - 21 December 2022
NZH_SER NEXPERIA-NZH_SER Datasheet
205Kb / 9P
   Single Zener diodes
Rev. 01 - 27 January 2010
logo
NXP Semiconductors
NZH3V0B PHILIPS-NZH3V0B Datasheet
112Kb / 9P
   Single Zener diodes
Rev. 01-27 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com