Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B88069X0590S102 Datasheet(PDF) 2 Page - EPCOS

Part # B88069X0590S102
Description  Surge arrester 2-electrode arrester
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B88069X0590S102 Datasheet(HTML) 2 Page - EPCOS

  B88069X0590S102 Datasheet HTML 1Page - EPCOS B88069X0590S102 Datasheet HTML 2Page - EPCOS B88069X0590S102 Datasheet HTML 3Page - EPCOS B88069X0590S102 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Surge arrester
B88069X0590S102
2-electrode arrester
EM350X
KB AB E / KB AB PM
Issue 05 / 2007-01-11
Please read Cautions and warnings and
Page 2 of 4
Important notes at the end of this document.
Features
Applications
Very small size
Fast response time
Stable performance over life
Extremely low capacitance
High insulation resistance
RoHS-compatible
Modem
XDSL-splitter
Tuner
Electrical specifications
DC spark-over voltage
1) 2)
350
± 20
V
%
Impulse spark-over voltage
at 100 V/µs
- for 99 % of measured values
- typical values of distribution
at 1 kV/µs
- for 99 % of measured values
- typical values of distribution
< 800
< 700
< 900
< 800
V
V
V
V
Service life
10 operations
50 Hz, 1 s
2.5
A
10 operations
8/20 µs
2.5
kA
1 operation
10/350 µs
0.5
kA
Insulation resistance at 100 Vdc
> 1
G
Ω
Capacitance at 1 MHz
< 1
pF
Arc voltage at 1 A
Glow to arc transition current
Glow voltage
~ 11
~ 0.5
~ 80
V
A
V
Weight
~ 1
g
Operation and storage temperature
-40 ... +90
°C
Climatic category (IEC 60068-1)
40/ 90/21
Marking, red positive
EM 350 YY O
EM
- Series
350
- Nominal voltage
YY
- Year of production
O
- Non radioactive
1)
At delivery AQL 0.65 level II, DIN ISO 2859
2)
In ionized mode
Terms in accordance with ITU-T Rec. K.12 and DIN 57845/VDE0845


Similar Part No. - B88069X0590S102

ManufacturerPart #DatasheetDescription
logo
EPCOS
B88069X0180S102 EPCOS-B88069X0180S102 Datasheet
124Kb / 4P
   Surge arrester
B88069X0180T502 EPCOS-B88069X0180T502 Datasheet
124Kb / 4P
   Surge arrester
B88069X0190S102 EPCOS-B88069X0190S102 Datasheet
124Kb / 4P
   Surge arrester 2-electrode arrester
B88069X0190T502 EPCOS-B88069X0190T502 Datasheet
124Kb / 4P
   Surge arrester 2-electrode arrester
B88069X0200S102 EPCOS-B88069X0200S102 Datasheet
123Kb / 4P
   Surge arrester 2-electrode arrester
More results

Similar Description - B88069X0590S102

ManufacturerPart #DatasheetDescription
logo
EPCOS
V10-H22X EPCOS-V10-H22X Datasheet
83Kb / 2P
   Surge Arrester 2-Electrode-Arrester
B88069X4241S102 EPCOS-B88069X4241S102 Datasheet
124Kb / 4P
   Surge arrester 2-electrode arrester
B88069X9271S102 EPCOS-B88069X9271S102 Datasheet
66Kb / 4P
   Surge arrester 2-electrode arrester
B88069X4190T103 EPCOS-B88069X4190T103 Datasheet
132Kb / 4P
   Surge arrester 2-electrode arrester
B88069X4261B502 EPCOS-B88069X4261B502 Datasheet
124Kb / 4P
   Surge arrester 2-electrode arrester
B88069X5591T902 EPCOS-B88069X5591T902 Datasheet
142Kb / 5P
   Surge arrester 2-electrode arrester
B88069X7200B502 EPCOS-B88069X7200B502 Datasheet
62Kb / 4P
   SURGE ARRESTER 2-electrode arrester
B88069X0660S102 EPCOS-B88069X0660S102 Datasheet
124Kb / 4P
   Surge arrester 2-electrode arrester
B88069X2670T902 EPCOS-B88069X2670T902 Datasheet
101Kb / 2P
   SURGE ARRESTER 2-electrode arrester
B88069X720S102 EPCOS-B88069X720S102 Datasheet
101Kb / 4P
   Surge arrester 2-electrode arrester
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com