Part Name
         Description
R5F35M66JFF

 RENESAS MCU ( 159 Page)


RENESAS
100% 
Zoom Out Zoom In
 49 page
background image
REJ03B0267-0101
Rev.1.01
Page 49 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
4. Special Function Registers (SFRs)
Note:
1.
The blank areas are reserved. No access is allowed.
Table 4.18
SFR Information (18) (1)
Address
Register
Symbol
Reset Value
0390h
DMA2 Source Select Register
DM2SL
00h
0391h
0392h
DMA3 Source Select Register
DM3SL
00h
0393h
0394h
0395h
0396h
0397h
0398h
DMA0 Source Select Register
DM0SL
00h
0399h
039Ah
DMA1 Source Select Register
DM1SL
00h
039Bh
039Ch
039Dh
039Eh
039Fh
03A0h
03A1h
03A2h
Open-Circuit Detection Assist Function Register
AINRST
XX00 XXXXb
03A3h
03A4h
03A5h
03A6h
03A7h
03A8h
03A9h
03AAh
03ABh
03ACh
03ADh
03AEh
03AFh
03B0h
03B1h
03B2h
03B3h
03B4h
SFR Snoop Address Register
CRCSAR
XXXX XXXXb
03B5h
00XX XXXXb
03B6h
CRC Mode Register
CRCMR
0XXX XXX0b
03B7h
03B8h
03B9h
03BAh
03BBh
03BCh
CRC Data Register
CRCD
XXh
03BDh
XXh
03BEh
CRC Input Register
CRCIN
XXh
03BFh
X: Undefined



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl