Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMR2512-A-R005-A-3-C Datasheet(PDF) 4 Page - Sirectifier Global Corp.

Part # PMR2512-A-R005-A-3-C
Description  Power Metal Low OHM Chip Resistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

PMR2512-A-R005-A-3-C Datasheet(HTML) 4 Page - Sirectifier Global Corp.

  PMR2512-A-R005-A-3-C Datasheet HTML 1Page - Sirectifier Global Corp. PMR2512-A-R005-A-3-C Datasheet HTML 2Page - Sirectifier Global Corp. PMR2512-A-R005-A-3-C Datasheet HTML 3Page - Sirectifier Global Corp. PMR2512-A-R005-A-3-C Datasheet HTML 4Page - Sirectifier Global Corp. PMR2512-A-R005-A-3-C Datasheet HTML 5Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
http:// www.sirectsemi.com
RELIABILITU PERFORMANCE
Test Item
Condition of Test
Requirements
Measurement
Method
Thermal Shock
-60°C to + 150°C, 1000 cycles,
15 minutes at each extreme
± 0.5%
Refer to
JIS C 5202 7.4
Short Time Overload
5 x rated power for 5 seconds
± 0.5%
Refer to
JIS C 5202 5.5
Low Temperature Storage
Kept - 60°C for 24 hours
± 0.5%
Refer to
JIS C 5202 7.1
High Temperature Exposure
Kept + 170°C for 1000 hours
± 0.5%
Refer to
JIS C 5202 7.11
Bias Humidity
+ 85°C, 85% RH, 10% Bias,
1000 hours
± 0.5%
-
Mechanical Shock
100G’s for 6 milliseconds, 5 pulses
± 0.5%
Refer to
JIS C 5202 6.2
Vibration
Frequency varied 10 to 2000Hz
in one minute,
3 directions, 12 hours
± 0.5%
-
Load Life
1000 hours @ rated power, + 70°C,
1.5 hours “ON”, 0.5 hours “OFF”
± 1.0%
Refer to
JIS C 5202 7.10
Resistance to Solder Heat
+ 260°C Solder,10 - 12 second dwell,
25mm/second emergence
± 0.5%
Refer to
JIS C 5202 6.4
Moisture Resistance
MIL-STD-202, Method 106,
0% power, 7a and 7b not required
± 0.5%
-
PMR SERIES


Similar Part No. - PMR2512-A-R005-A-3-C

ManufacturerPart #DatasheetDescription
logo
Rohm
PMR25 ROHM-PMR25 Datasheet
95Kb / 3P
   Ultra low ohmic resistors for current detection
PMR25 ROHM-PMR25 Datasheet
431Kb / 5P
   Ultra-low Ohmic Chip Resistors for Current Detection
PMR25HZPFU1L0 ROHM-PMR25HZPFU1L0 Datasheet
937Kb / 4P
   Ultra-Low Ohmic Resistors for Current Detection
PMR25HZPFU1L00 ROHM-PMR25HZPFU1L00 Datasheet
937Kb / 4P
   Ultra-Low Ohmic Resistors for Current Detection
PMR25HZPFU2L0 ROHM-PMR25HZPFU2L0 Datasheet
937Kb / 4P
   Ultra-Low Ohmic Resistors for Current Detection
More results

Similar Description - PMR2512-A-R005-A-3-C

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
PRM SIRECT-PRM Datasheet
238Kb / 5P
   Power Metal Low OHM Chip Resistor
logo
WALSIN TECHNOLOGY CORPO...
WWXXD WALSIN-WWXXD Datasheet
505Kb / 8P
   Metal Foil Low Ohm Power Chip Resistor
logo
List of Unclassifed Man...
RLP-K-HTS-0001-9 ETC-RLP-K-HTS-0001-9 Datasheet
238Kb / 20P
   METAL-PLATE CHIP RESISTOR; LOW OHM
2015.12.25
logo
Riedon Powertron
CSR1206 RIEDON-CSR1206_13 Datasheet
185Kb / 3P
   Ultra Low Ohm (Metal Strip) Chip Resistor
CSR1206 RIEDON-CSR1206 Datasheet
219Kb / 2P
   Ultra Low Ohm (Metal Strip) Chip Resistor
logo
WALSIN TECHNOLOGY CORPO...
WW12R_V WALSIN-WW12R_V Datasheet
583Kb / 9P
   Metal low ohm power chip resistors
WW12R WALSIN-WW12R Datasheet
749Kb / 11P
   Metal Low Ohm Power Chip Resistors
WW12L WALSIN-WW12L Datasheet
573Kb / 10P
   Thick Film Power Low Ohm Chip Resistor
WW25Q WALSIN-WW25Q Datasheet
238Kb / 8P
   Metal plate low ohm power chip resistors
WW12K WALSIN-WW12K Datasheet
505Kb / 7P
   Metal Ultra low ohm power chip resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com