Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B78477P1008A024 Datasheet(PDF) 6 Page - EPCOS

Part # B78477P1008A024
Description  RJ45 Jacks with integrated magnetics 10/100 Base-T, dual port, tab down
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B78477P1008A024 Datasheet(HTML) 6 Page - EPCOS

  B78477P1008A024 Datasheet HTML 1Page - EPCOS B78477P1008A024 Datasheet HTML 2Page - EPCOS B78477P1008A024 Datasheet HTML 3Page - EPCOS B78477P1008A024 Datasheet HTML 4Page - EPCOS B78477P1008A024 Datasheet HTML 5Page - EPCOS B78477P1008A024 Datasheet HTML 6Page - EPCOS B78477P1008A024 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Cautions and warnings
If the components are to be washed varnished it is necessary to check whether the washing
varnish agent that is used has a negative effect on the wire insulation, any plastics that are
used, or on glued joints. In particular, it is possible for washing varnish agent residues to have a
negative effect in the long-term on wire insulation.
The following points must be observed if the components are potted in customer applications:
– Many potting materials shrink as they harden. They therefore exert a pressure on the plastic
housing or core. This pressure can have a deleterious effect on electrical properties, and in
extreme cases can damage the core or plastic housing mechanically.
– It is necessary to check whether the potting material used attacks or destroys the wire
insulation, plastics or glue.
– The effect of the potting material can change the high-frequency behaviour of the
components.
Ferrites are sensitive to direct impact. This can cause the core material to flake, or lead to
breakage of the core.
Even for customer-specific products, conclusive validation of the component in the circuit can
only be carried out by the customer.
RJ45 Jacks with integrated magnetics
B78477P1***A*24
10/100 Base-T, dual port, tab down
Page 6 of 7
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B78477P1008A024

ManufacturerPart #DatasheetDescription
logo
EPCOS
B78477P1001A314 EPCOS-B78477P1001A314 Datasheet
431Kb / 12P
   RJ45 Jacks with integrated magnetics 10/100 Base-T, single port, tab down
B78477P1002A014 EPCOS-B78477P1002A014 Datasheet
431Kb / 12P
   RJ45 Jacks with integrated magnetics 10/100 Base-T, single port, tab down
B78477P1003A014 EPCOS-B78477P1003A014 Datasheet
431Kb / 12P
   RJ45 Jacks with integrated magnetics 10/100 Base-T, single port, tab down
B78477P1004A314 EPCOS-B78477P1004A314 Datasheet
431Kb / 12P
   RJ45 Jacks with integrated magnetics 10/100 Base-T, single port, tab down
B78477P1005A314 EPCOS-B78477P1005A314 Datasheet
431Kb / 12P
   RJ45 Jacks with integrated magnetics 10/100 Base-T, single port, tab down
More results

Similar Description - B78477P1008A024

ManufacturerPart #DatasheetDescription
logo
EPCOS
B78477P1 EPCOS-B78477P1 Datasheet
431Kb / 12P
   RJ45 Jacks with integrated magnetics 10/100 Base-T, single port, tab down
B78477P1XXXAX44 EPCOS-B78477P1XXXAX44 Datasheet
311Kb / 7P
   RJ45 Jacks with integrated magnetics 10/100 Base-T, quad port, tab down
logo
Bothhand USA, LP.
DU8T20103 BOTHHAND-DU8T20103 Datasheet
411Kb / 4P
   10/100 Base-T RJ45 2x8 Integrated Magnetics Connector
logo
Allied Components Inter...
AR1015-1221 ALLIED-AR1015-1221 Datasheet
466Kb / 2P
   Single Port RJ45 CONNECTOR WITH INTEGRATED MAGNETICS,TAB DOWN
logo
VITALCONN ELECTRONICS H...
TH20011D VITALCONN-TH20011D Datasheet
342Kb / 1P
   Dual Port 10/100 BASE-T MAGNETICS MODULES
2022/01/10 (REV: A2)
logo
HALO Electronics, Inc.
HFJ11-1041HRL HALO-HFJ11-1041HRL Datasheet
483Kb / 3P
   1x1 10BASE-T Integrated Magnetics Tab Down RJ45
logo
Bothhand USA, LP.
DA4S103A4 BOTHHAND-DA4S103A4 Datasheet
487Kb / 5P
   10/100/1000 Base-T RJ45 2x4 Integrated Magnetics Connector
DA1D102K4 BOTHHAND-DA1D102K4 Datasheet
431Kb / 4P
   10/100/1000 Base-T RJ45 2x1 Integrated Magnetics Connector
DA8T001A3 BOTHHAND-DA8T001A3 Datasheet
409Kb / 4P
   10/100/1000 Base-T RJ45 2x8 Integrated Magnetics Connector
DA6T001A3 BOTHHAND-DA6T001A3 Datasheet
423Kb / 4P
   10/100/1000 Base-T RJ45 2x6 Integrated Magnetics Connector
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com