Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UEI25-120-D48 Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # UEI25-120-D48
Description  Single Output Isolated 25-Watt DC/DC Converters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UEI25-120-D48 Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button UEI25-120-D48 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. UEI25-120-D48 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. UEI25-120-D48 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UEI25-120-D48 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. UEI25-120-D48 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UEI25-120-D48 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UEI25-120-D48 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. UEI25-120-D48 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. UEI25-120-D48 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
UEI25-120 Series
Single Output Isolated 25-Watt DC/DC Converters
www.murata-ps.com
email: sales@murata-ps.com
17 Aug 2010
MDC_UEI25-120.A02 Page 8 of 11
Input Fusing
Certain applications and/or safety agencies may require fuses at the inputs of
power conversion components. Fuses should also be used when there is the
possibility of sustained input voltage reversal which is not current-limited. For
greatest safety, we recommend a fast blow fuse installed in the ungrounded
input supply line.
The installer must observe all relevant safety standards and regulations. For
safety agency approvals, install the converter in compliance with the end-user
safety standard.
Input Reverse-Polarity Protection
If the input voltage polarity is reversed, an internal diode will become forward
biased and likely draw excessive current from the power source. If this source
is not current-limited or the circuit appropriately fused, it could cause perma-
nent damage to the converter.
Input Under-Voltage Shutdown and Start-Up Threshold
Under normal start-up conditions, converters will not begin to regulate properly
until the rising input voltage exceeds and remains at the Start-Up Threshold
Voltage (see Specifications). Once operating, converters will not turn off until
the input voltage drops below the Under-Voltage Shutdown Limit. Subsequent
restart will not occur until the input voltage rises again above the Start-Up
Threshold. This built-in hysteresis prevents any unstable on/off operation at a
single input voltage.
Users should be aware however of input sources near the Under-Voltage
Shutdown whose voltage decays as input current is consumed (such as capacitor
inputs), the converter shuts off and then restarts as the external capacitor re-
charges. Such situations could oscillate. To prevent this, make sure the operating
input voltage is well above the UV Shutdown voltage AT ALL TIMES.
Start-Up Delay
Assuming that the output current is set at the rated maximum, the Vin to Vout Start-
Up Delay (see Specifications) is the time interval between the point when the rising
input voltage crosses the Start-Up Threshold and the fully loaded regulated output
voltage enters and remains within its specified regulation band. Actual measured
times will vary with input source impedance, external input capacitance, input volt-
age slew rate and final value of the input voltage as it appears at the converter.
These converters include a soft start circuit to moderate the duty cycle of the
PWM controller at power up, thereby limiting the input inrush current.
The On/Off Remote Control interval from inception to VOUT regulated as-
sumes that the converter already has its input voltage stabilized above the
Start-Up Threshold before the On command. The interval is measured from the
On command until the output enters and remains within its specified regulation
band. The specification assumes that the output is fully loaded at maximum
rated current.
Input Source Impedance
These converters will operate to specifications without external components,
assuming that the source voltage has very low impedance and reasonable in-
put voltage regulation. Since real-world voltage sources have finite impedance,
performance is improved by adding external filter components. Sometimes only
APPLICATION NOTES
a small ceramic capacitor is sufficient. Since it is difficult to totally characterize
all applications, some experimentation may be needed. Note that external input
capacitors must accept high speed switching currents.
Because of the switching nature of DC/DC converters, the input of these
converters must be driven from a source with both low AC impedance and
adequate DC input regulation. Performance will degrade with increasing input
inductance. Excessive input inductance may inhibit operation. The DC input
regulation specifies that the input voltage, once operating, must never degrade
below the Shut-Down Threshold under all load conditions. Be sure to use
adequate trace sizes and mount components close to the converter.
I/O Filtering, Input Ripple Current and Output Noise
All models in this converter series are tested and specified for input reflected
ripple current and output noise using designated external input/output compo-
nents, circuits and layout as shown in the figures below. External input capaci-
tors (CIN in the figure) serve primarily as energy storage elements, minimizing
line voltage variations caused by transient IR drops in the input conductors.
Users should select input capacitors for bulk capacitance (at appropriate
frequencies), low ESR and high RMS ripple current ratings. In the figure below,
the CBUS and LBUS components simulate a typical DC voltage bus. Your specific
system configuration may require additional considerations. Please note that the
values of CIN, LBUS and CBUS may vary according to the specific converter model.
In critical applications, output ripple and noise (also referred to as periodic
and random deviations or PARD) may be reduced by adding filter elements
such as multiple external capacitors. Be sure to calculate component tempera-
ture rise from reflected AC current dissipated inside capacitor ESR. In figure 3,
the two copper strips simulate real-world printed circuit impedances between
the power supply and its load. In order to minimize circuit errors and standard-
ize tests between units, scope measurements should be made using BNC
connectors or the probe ground should not exceed one half inch and soldered
directly to the fixture.
Floating Outputs
Since these are isolated DC/DC converters, their outputs are “floating” with
respect to their input. The essential feature of such isolation is ideal ZERO
CURRENT FLOW between input and output. Real-world converters however do
exhibit tiny leakage currents between input and output (see Specifications).
These leakages consist of both an AC stray capacitance coupling component
CIN
VIN
CBUS
LBUS
CIN = 33μF, ESR < 700mΩ @ 100kHz
CBUS = 220μF, ESR < 100mΩ @ 100kHz
LBUS = 12μH
1
2
+INPUT
−INPUT
CURRENT
PROBE
TO
OSCILLOSCOPE
+
+
Figure 2. Measuring Input Ripple Current


Similar Part No. - UEI25-120-D48

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UEI25-120-D48 MURATA-UEI25-120-D48 Datasheet
1Mb / 23P
   Single Output Isolated 25-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI25-120-D48 MURATA-PS-UEI25-120-D48 Datasheet
2Mb / 24P
   Single Output Isolated 25-Watt DC/DC Converters
2023
More results

Similar Description - UEI25-120-D48

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UEI25 MURATA-UEI25 Datasheet
1Mb / 23P
   Single Output Isolated 25-Watt DC/DC Converters
logo
Murata Manufacturing Co...
SPM25 MURATA1-SPM25 Datasheet
840Kb / 20P
   Single Output Potted Metal Package Isolated 25-Watt DC-DC Converters
logo
Intronics Power, Inc.
DC1800 INTRONICS-DC1800 Datasheet
182Kb / 1P
   25 Watt Single Dual Triple & 3.3V Output DC-DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
logo
Power-One
IMS25 POWER-ONE-IMS25 Datasheet
130Kb / 4P
   25 Watt DC-DC Converters
BG3020-7 POWER-ONE-BG3020-7 Datasheet
151Kb / 4P
   25 Watt DC-DC Converters
logo
Murata Power Solutions ...
CME MURATA-PS-CME Datasheet
361Kb / 11P
   Isolated 0.75W Single Output Isolated DC/DC Converters
SPM15 MURATA-PS-SPM15 Datasheet
911Kb / 36P
   Single Output Potted Metal Package Isolated 15-Watt DC-DC Converters
logo
RSG Electronic Componen...
EC2SC-24S18 RSG-EC2SC-24S18 Datasheet
1Mb / 1P
   14.4 TO 25 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
CHB50W RSG-CHB50W Datasheet
1Mb / 1P
   25 TO 50 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com