Part Name
         Description
R5F35733KFE

 RENESAS MCU ( 159 Page)


RENESAS
100% 
Zoom Out Zoom In
 91 page
background image
REJ03B0267-0101
Rev.1.01
Page 91 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
5. Electrical Characteristics
J-Version
Note:
1.
To use the power-on reset function, enable voltage monitor 0 reset by setting the LVDAS bit in the OFS1 address
to 0.
Figure 5.4
Power-On Reset Circuit Electrical Characteristics
Note:
1.
When VCC = 5 V.
Table 5.12
Power-On Reset Circuit
The measurement condition is Topr = -40°C to 85°C, unless otherwise specified.
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
trth
External power VCC rise gradient
2.0
50000 mV/ms
tfth
External power VCC fall gradient
50000 mV/ms
Vpor
Voltage at which power-on reset enabled (1)
0.1
V
tw(por)
Hold time at which power-on reset enabled
1.0
ms
Table 5.13
Power Supply Circuit Timing Characteristics
Symbol
Parameter
Measuring Condition
Standard
Unit
Min.
Typ.
Max.
td(P-R)
Time for Internal Power Supply Stabilization
During Powering-On
VCC = 3.0 V to 5.5V
5ms
td(R-S)
STOP Release Time
300
μs
td(W-S)
Low Power Mode Wait Mode Release Time
300
μs
Vpor
Internal
reset signal
1
fOCO-S
× 128
External Power VCC
Vdet0
t rth
tw(por)
t rth
Vdet0
1
fOCO-S
× 128
t fth



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl