Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OKL-T-6-W5 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # OKL-T-6-W5
Description  Programmable Output 6-Amp iLGA SMT PoLs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

OKL-T-6-W5 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  OKL-T-6-W5 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. OKL-T-6-W5 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. OKL-T-6-W5 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. OKL-T-6-W5 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. OKL-T-6-W5 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. OKL-T-6-W5 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. OKL-T-6-W5 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. OKL-T-6-W5 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. OKL-T-6-W5 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Performance and Functional Specifications
See Note 1
Input
Input Voltage Range
See Ordering Guide and Note 7.
Isolation
Not isolated
Start-Up Voltage
2.05 V
Undervoltage Shutdown (see Note 15)
1.92 V
Overvoltage Shutdown
None
Reflected (Back) Ripple Current (Note 2)
TBD mA pk-pk
Internal Input Filter Type
Capacitive
Recommended External Fuse
TBD
Reverse Polarity Protection
None, Install external fuse
Input Current:
Full Load Conditions
See Ordering Guide
Inrush Transient
TBD A
2Sec.
Shutdown Mode (Off, UV, OT)
1 mA
Output in Short Circuit
10 mA
Low Line (Vin=Vmin)
4.68 A (Vout = 3.3V)
Remote On/Off Control (Note 5)
Negative Logic
ON = Open pin or -0.2V to Vin -1.6V max.
OFF = Vin -0.8V min. to +Vin max.
Positive Logic
ON = Open pin (internally pulled up) or
+1.2V to +Vin max.
OFF = -0.3V to +0.3V max. or ground
Current
TBD
Tracking/Sequencing (optional)
Slew Rate
2 Volts per millisecond, max.
Tracking accuracy, rising input
Vout = ±100 mV of Sequence In
Tracking accuracy, falling input
Vout = ±100 mV of Sequence In
Output
Output Power
19.8W max.
Output Voltage Range
See Ordering Guide
Minimum Loading
No minimum load
Accuracy (50% load, untrimmed)
±2 % of Vnominal
Voltage Output Range (Note 13)
See Ordering Guide
Overvoltage Protection (Note 16)
None
Temperature Coefficient
TBD
Ripple/Noise (20 MHz bandwidth)
See Ordering Guide and note 8
Line/Load Regulation
See Ordering Guide and note 10
Efficiency
See Ordering Guide
Maximum Capacitive Loading (Note 14)
Cap-ESR=0.001 to 0.01 Ohms
300 μF
Cap-ESR >0.01 Ohms
TBD
Current Limit Inception (Note 6)
(98% of Vout setting, after warm up)
12 Amps
Short Circuit Mode
Short Circuit Current Output
10 mA
Protection Method
Hiccup autorecovery upon overload
removal. (Note 17)
Short Circuit Duration
Continuous, no damage
(output shorted to ground)
Prebias Startup
Converter will start up if the external
output voltage is less than Vnominal.
Dynamic Characteristics
Dynamic Load Response
50μSec max. to within ±2% of final value
(50-100% load step, di/dt=1A/μSec)
(Note 1)
Peak Deviation
±350 mV
Start-Up Time
6 mSec for Vout=nominal (Vin On)
(Vin on or On/Off to Vout regulated)
6 mSec for Vout=nominal (Remote On/Off)
Switching Frequency
600 KHz ± 100 kHz
Environmental
Calculated MTBF (hours)
OKL Models
OKL2 Models
Telecordia method (4a)
5,573,000
5,341,000
Calculated MTBF (hours)
MIL-HDBK-217N2 method (4b)
5,999,000
5,176,000
Operating Temperature Range (Ambient, all output ranges)
See derating curves
-40 to +85 °C. with derating (Note 9)
Storage Temperature Range
-55 to +125 °C.
Thermal Protection/Shutdown
Included in PWM
Relative Humidity
To 85%/+85 °C., non-condensing
Physical
Outline Dimensions
See Mechanical Specifications
Weight
0.06 ounces (1.6 grams)
Safety
Meets UL/cUL 60950-1, CSA-
C22.2 No. 60950-1, IEC/EN 60950-1,
2nd Edition
Restriction of Hazardous Substances
RoHS-6 (does not claim EU RoHS exemption
7b–lead in solder
)
Absolute Maximum Ratings
Input Voltage (Continuous or transient)
0 V. to +6 Volts max.
On/Off Control
0 V. min. to +Vin max.
Input Reverse Polarity Protection
None, Install external fuse
Output Current (Note 7)
Current-limited. Devices can withstand a
sustained short circuit without damage.
The outputs are not intended to accept
appreciable reverse current.
Storage Temperature
-55 to +125 °C.
Lead Temperature
See soldering specifications
Absolute maximums are stress ratings. Exposure of devices to greater than any of
any of these conditions may adversely affect long-term reliability. Proper operation
under conditions other than those listed in the Performance/Functional Specifications
Table is not implied nor recommended.
Specification Notes:
(1)
Specifications are typical at +25 °C, Vin=nominal (+5V), Vout=nominal (+3.3V), full load, external caps and
natural convection unless otherwise indicated. Extended tests at full power must supply substantial forced airflow.
All models are tested and specified with external 10μF ceramic output capacitors and a 22 μF external
input capacitor. All capacitors are low ESR types. These capacitors are necessary to accommodate our test
equipment and may not be required to achieve specified performance in your applications. However, Murata
Power Solutions recommends installation of these capacitors. All models are stable and regulate within
spec under no-load conditions.
(2)
Input Back Ripple Current is tested and specified over a 5 Hz to 20 MHz bandwidth. Input filtering is Cin=2 x
100 μF ceramic, Cbus=1000 μF electrolytic, Lbus=1 μH.
(3)
Note that Maximum Power Derating curves indicate an average current at nominal input voltage. At higher
temperatures and/or lower airflow, the DC/DC converter will tolerate brief full current outputs if the total
RMS current over time does not exceed the Derating curve.
(4a) Mean Time Before Failure is calculated using the Telcordia (Belcore) SR-332 Method 1, Case 3, ground fixed
conditions, Tpcboard=+25 ˚C, full output load, natural air convection.
(4b) Mean Time Before Failure is calculated using the MIL-HDBK-217N2 method, ground benign, +25ºC., full
output load, natural convection.
(5)
The On/Off Control Input should use either a switch or an open collector/open drain transistor referenced
to -Input Common. A logic gate may also be used by applying appropriate external voltages which do not
exceed +Vin.
(6)
Short circuit shutdown begins when the output voltage degrades approximately 2% from the selected
setting.
OKL-T/6-W5 Series
Programmable Output 6-Amp iLGA SMT PoLs
www.murata-ps.com
email: sales@murata-ps.com
13 May 2010
MDC_OKL-T/6-W5 Series.A02 Page 4 of 15


Similar Part No. - OKL-T-6-W5

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
OKL-T-6-W12 MURATA-PS-OKL-T-6-W12 Datasheet
1Mb / 17P
   Programmable Output 6-Amp iLGA SMT PoLs
2023
More results

Similar Description - OKL-T-6-W5

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
OKL-T6-W5 MURATA-PS-OKL-T6-W5 Datasheet
985Kb / 15P
   Programmable Output 6-Amp iLGA SMT PoLs
OKL-T6-W12 MURATA-PS-OKL-T6-W12 Datasheet
1Mb / 15P
   Programmable Output 6-Amp ILGA SMT PoLs
logo
Murata Manufacturing Co...
OKL-T1-W12 MURATA-OKL-T1-W12 Datasheet
1Mb / 16P
   Programmable Output 1-Amp iLGA SMT PoLs
logo
Murata Power Solutions ...
OKL-T1-W12 MURATA-PS-OKL-T1-W12 Datasheet
1Mb / 16P
   Programmable Output 1-Amp iLGA SMT PoLs
OKL-T MURATA-PS-OKL-T Datasheet
1Mb / 17P
   Programmable Output 3-Amp iLGA SMT PoLs
OKL-T3-W12 MURATA-PS-OKL-T3-W12 Datasheet
175Kb / 4P
   Programmable Output 3-Amp iLGA SMT PoLs
OKL2-T MURATA-PS-OKL2-T Datasheet
1Mb / 17P
   Programmable Output 3-Amp iLGA SMT PoLs
logo
Murata Manufacturing Co...
OKL-T-3-W5 MURATA-OKL-T-3-W5 Datasheet
1Mb / 15P
   Programmable Output 3-Amp iLGA SMT PoLs
logo
Murata Power Solutions ...
OKL-T3-W12 MURATA-PS-OKL-T3-W12_10 Datasheet
978Kb / 15P
   Programmable Output 3-Amp iLGA SMT PoLs
OKL-T3-W5 MURATA-PS-OKL-T3-W5 Datasheet
1Mb / 15P
   Programmable Output 3-Amp iLGA SMT PoLs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com