Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OKL-T-6-W5 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # OKL-T-6-W5
Description  Programmable Output 6-Amp iLGA SMT PoLs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

OKL-T-6-W5 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  OKL-T-6-W5 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. OKL-T-6-W5 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. OKL-T-6-W5 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. OKL-T-6-W5 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. OKL-T-6-W5 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. OKL-T-6-W5 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. OKL-T-6-W5 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. OKL-T-6-W5 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. OKL-T-6-W5 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
 
The OKL-T/6-W5 series are non-isolated
Point-of-Load (PoL) DC/DC power converters for
embedded applications. Featuring inspectable Land
Grid Array (LGA) format, the OKL-T/6-W5 measures
only 0.48 x 0.48 x 0.283 inches max. (12.2 x 12.2
x 7.2 mm max.).
The wide input range is 2.4 to 5.5 Volts DC.
The maximum output current is 6 Amps. Based
on fixed-frequency synchronous buck converter
switching topology, the high power conversion
efficient Point of Load (PoL) module features
programmable output voltage and On/Off control.
These converters also include under voltage lock
out (UVLO), output short circuit protection, over-
current and over temperature protections.
An optional sequence/tracking feature allows
power sequencing of PoL’s. These units meet all
standard UL/EN/IEC 60950-1 safety certifications
(2nd Edition) and RoHS-6 hazardous substance
compliance.
PRODUCT OVERVIEW
Connection Diagram
Figure 1. OKL-T/6-W5
Note: Murata Power Solutions strongly recommends an external input fuse, F1. See specifications.
External
DC
Power
Source
F1
On/Off
Control
Common
Common
Sequence/Tracking
(OKL2 Models)
Open = On
Closed = Off
+Vin
+Vout
Trim
Sense
Controller
Reference and
Error Amplifier
(Positive
On/Off)
FEATURES
2.4-5.5Vdc input voltage range
Programmable output voltage from 0.6-3.3Vdc
High power conversion efficiency at 93.5%
Inspectable Land Grid Array
Drives up to 300 μF ceramic capacitive loads
On/Off control
Optional Sequence/Tracking operation
Outstanding thermal derating performance
Over temperature and over current protection
Meets UL/EN/IEC 60950-1 safety, 2nd Edition
RoHS-6 hazardous substance compliance
Contents
Page
Description, Connection Diagram, Photograph
1
Ordering Guide, Model Numbering, Product Label
2
Mechanical Specifications, Input/Output Pinout
3
Output Voltage Adustment, Application Notes
5
Soldering Guidelines
7
Performance Data and Oscillograms
8
Tape & Reel Information
15
Typical unit
OKL-T/6-W5 Series
Programmable Output 6-Amp iLGA SMT PoLs
For full details go to
www.murata-ps.com/rohs
www.murata-ps.com
www.murata-ps.com
email: sales@murata-ps.com
13 May 2010
MDC_OKL-T/6-W5 Series.A02 Page 1 of 15


Similar Part No. - OKL-T-6-W5

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
OKL-T-6-W12 MURATA-PS-OKL-T-6-W12 Datasheet
1Mb / 17P
   Programmable Output 6-Amp iLGA SMT PoLs
2023
More results

Similar Description - OKL-T-6-W5

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
OKL-T6-W5 MURATA-PS-OKL-T6-W5 Datasheet
985Kb / 15P
   Programmable Output 6-Amp iLGA SMT PoLs
OKL-T6-W12 MURATA-PS-OKL-T6-W12 Datasheet
1Mb / 15P
   Programmable Output 6-Amp ILGA SMT PoLs
logo
Murata Manufacturing Co...
OKL-T1-W12 MURATA-OKL-T1-W12 Datasheet
1Mb / 16P
   Programmable Output 1-Amp iLGA SMT PoLs
logo
Murata Power Solutions ...
OKL-T1-W12 MURATA-PS-OKL-T1-W12 Datasheet
1Mb / 16P
   Programmable Output 1-Amp iLGA SMT PoLs
OKL-T MURATA-PS-OKL-T Datasheet
1Mb / 17P
   Programmable Output 3-Amp iLGA SMT PoLs
OKL-T3-W12 MURATA-PS-OKL-T3-W12 Datasheet
175Kb / 4P
   Programmable Output 3-Amp iLGA SMT PoLs
OKL2-T MURATA-PS-OKL2-T Datasheet
1Mb / 17P
   Programmable Output 3-Amp iLGA SMT PoLs
logo
Murata Manufacturing Co...
OKL-T-3-W5 MURATA-OKL-T-3-W5 Datasheet
1Mb / 15P
   Programmable Output 3-Amp iLGA SMT PoLs
logo
Murata Power Solutions ...
OKL-T3-W12 MURATA-PS-OKL-T3-W12_10 Datasheet
978Kb / 15P
   Programmable Output 3-Amp iLGA SMT PoLs
OKL-T3-W5 MURATA-PS-OKL-T3-W5 Datasheet
1Mb / 15P
   Programmable Output 3-Amp iLGA SMT PoLs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com