Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OKI-78SR Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # OKI-78SR
Description  Fixed Output 1.5 Amp SIP DC/DC Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

OKI-78SR Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button OKI-78SR Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. OKI-78SR Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. OKI-78SR Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. OKI-78SR Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. OKI-78SR Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. OKI-78SR Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. OKI-78SR Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. OKI-78SR Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. OKI-78SR Datasheet HTML 10Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
OKI-78SR Series
Fixed Output 1.5 Amp SIP DC/DC Converters
www.murata-ps.com
email: sales@murata-ps.com
21 May 2010
MDC_OKI-78SR-W36.A01 Page 8 of 10
PERFORMANCE DATA – OKI-78SR5/1.5-W36
Step Load Transient Response (Vin=36V, Vout=nominal, Cload=0, Iout=0.75A to 1.5A,
Slew=1A/μS, Ta=+25˚C.) Trace 2=Vout, 100 mV/div. Trace 4=Iout, 0.5A/div.
Step Load Transient Response (Vin=12V, Vout=nominal, Cload=0, Iout=0.75A to 1.5A,
Slew=1A/μS, Ta=+25˚C.) Trace 2=Vout, 100 mV/div. Trace 4=Iout, 0.5A/div.
Step Load Transient Response (Vin=7V, Vout=nominal, Cload=0, Iout=0.75A to 1.5A,
Slew=1A/μS, Ta=+25˚C.) Trace 2=Vout, 100 mV/div. Trace 4=Iout, 0.5A/div.
Step Load Transient Response (Vin=36V, Vout=nominal, Cload=0, Iout=1.5A to 0.75A,
Slew=1A/μS, Ta=+25˚C.) Trace 2=Vout, 100 mV/div. Trace 4=Iout, 0.5A/div.
Step Load Transient Response (Vin=12V, Vout=nominal, Cload=0, Iout=1.5A to 0.75A,
Slew=1A/μS, Ta=+25˚C.) Trace 2=Vout, 100 mV/div. Trace 4=Iout, 0.5A/div.
Step Load Transient Response (Vin=7V, Vout=nominal, Cload=0, Iout=1.5A to 0.75A,
Slew=1A/μS, Ta=+25˚C.) Trace 2=Vout, 100 mV/div. Trace 4=Iout, 0.5A/div.


Similar Part No. - OKI-78SR

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
OKI-78SR MURATA-PS-OKI-78SR Datasheet
482Kb / 10P
   Fixed Output 1.5 Amp SIP DC/DC Converters
OKI-78SR MURATA-PS-OKI-78SR Datasheet
2Mb / 20P
   Non-Isolated Switching Regulator DC-DC
logo
Murata Manufacturing Co...
OKI-78SR MURATA1-OKI-78SR Datasheet
2Mb / 20P
   Non-Isolated Switching Regulator DC-DC
2021
logo
Murata Power Solutions ...
OKI-78SR MURATA-PS-OKI-78SR Datasheet
2Mb / 20P
   Non-Isolated Switching Regulator DC-DC
2023
logo
Murata Manufacturing Co...
OKI-78SR-1.0-W36E-C MURATA1-OKI-78SR-1.0-W36E-C Datasheet
1Mb / 20P
   Encapsulated Non-Isolated Switching Regulator DC-DC
2017
More results

Similar Description - OKI-78SR

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
OKI-78SR MURATA-PS-OKI-78SR Datasheet
482Kb / 10P
   Fixed Output 1.5 Amp SIP DC/DC Converters
logo
Murata Manufacturing Co...
OKR-T MURATA-OKR-T Datasheet
484Kb / 16P
   Adjustable Output 1.5-Amp SIP-mount DC/DC Converters
OKR-T-6 MURATA-OKR-T-6 Datasheet
480Kb / 11P
   Adjustable Output 6-Amp SIP-mount DC/DC Converters
logo
Murata Power Solutions ...
OKR-T3 MURATA-PS-OKR-T3 Datasheet
220Kb / 3P
   Adjustable Output 3-Amp SIP-mount DC/DC Converters
OKR-T6 MURATA-PS-OKR-T6 Datasheet
480Kb / 11P
   Adjustable Output 6-Amp SIP-mount DC/DC Converters
OKR-T3 MURATA-PS-OKR-T3_10 Datasheet
475Kb / 11P
   Adjustable Output 3-Amp SIP-mount DC/DC Converters
logo
Murata Manufacturing Co...
OKR-T-10-W12 MURATA-OKR-T-10-W12 Datasheet
295Kb / 9P
   Adjustable Output 10-Amp SIP-mount DC/DC Converters
logo
Murata Power Solutions ...
OKR-T10-W12 MURATA-PS-OKR-T10-W12 Datasheet
295Kb / 9P
   Adjustable Output 10-Amp SIP-mount DC/DC Converters
OKR-T MURATA-PS-OKR-T Datasheet
491Kb / 11P
   Adjustable Output 6-Amp SIP-mount DC/DC Converters
logo
MicroPower Direct, LLC
MD300S MPD-MD300S Datasheet
199Kb / 2P
   Miniature 3W Single Output SIP DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com