Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F357AEJFE Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # R5F357AEJFE
Description  RENESAS MCU
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F357AEJFE Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button R5F357AEJFE Datasheet HTML 4Page - Renesas Technology Corp R5F357AEJFE Datasheet HTML 5Page - Renesas Technology Corp R5F357AEJFE Datasheet HTML 6Page - Renesas Technology Corp R5F357AEJFE Datasheet HTML 7Page - Renesas Technology Corp R5F357AEJFE Datasheet HTML 8Page - Renesas Technology Corp R5F357AEJFE Datasheet HTML 9Page - Renesas Technology Corp R5F357AEJFE Datasheet HTML 10Page - Renesas Technology Corp R5F357AEJFE Datasheet HTML 11Page - Renesas Technology Corp R5F357AEJFE Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 159 page
background image
REJ03B0267-0101
Rev.1.01
Page 8 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
1. Overview
1.3
Product List
Table 1.7 to Table 1.8 list product informations. Figure 1.1 shows part numbers, memory sizes, and
packages. Figure 1.2 shows marking drawing (top view).
Table 1.7
M16C/5M Group Product List (J-Version)
As of May. 2010
Part Number
ROM Capacity
RAM
Capacity
CAN
Package Name
Remarks
Program
ROM 1
Program
ROM 2
Data flash
E2dataFlash
R5F35M23JFE
(P)
96 Kbytes
16 Kbytes
4 Kbytes
× 2 blocks
4 Kbytes
8 Kbytes
1 channel
PLQP0080KB-A
Operating
Temperature
-40°C to 85°C
R5F35M33JFF
(P)
PLQP0064KB-A
R5F35M73JFE
(P)
—–
PLQP0080KB-A
R5F35M83JFF
(P)
PLQP0064KB-A
R5F35M16JFB
(P)
128 Kbytes 16 Kbytes
4 Kbytes
× 2 blocks
4 Kbytes
12 Kbytes
PLQP0100KB-A
R5F35M26JFE
(P)
PLQP0080KB-A
R5F35M36JFF
(P)
PLQP0064KB-A
R5F35M66JFB
(P)
—–
PLQP0100KB-A
R5F35M76JFE
(P)
PLQP0080KB-A
R5F35M86JFF
(P)
PLQP0064KB-A
R5F35M1EJFB
(P)
256 Kbytes 16 Kbytes
4 Kbytes
× 2 blocks
4 Kbytes
20 Kbytes
PLQP0100KB-A
R5F35M2EJFE
(P)
PLQP0080KB-A
R5F35M3EJFF
(P)
PLQP0064KB-A
R5F35M6EJFB
(P)
—–
PLQP0100KB-A
R5F35M7EJFE
(P)
PLQP0080KB-A
R5F35M8EJFF
(P)
PLQP0064KB-A
R5F35MB3JFE
(P)
96 Kbytes
16 Kbytes
4 Kbytes
× 2 blocks
4 Kbytes
8 Kbytes
2 channels
PLQP0080KB-A
R5F35MC3JFF
(P)
PLQP0064KB-A
R5F35ME3JFE
(P)
—–
PLQP0080KB-A
R5F35MF3JFF
(P)
PLQP0064KB-A
R5F35MA6JFB
(P)
128 Kbytes 16 Kbytes
4 Kbytes
× 2 blocks
4 Kbytes
12 Kbytes
PLQP0100KB-A
R5F35MB6JFE
(P)
PLQP0080KB-A
R5F35MC6JFF
(P)
PLQP0064KB-A
R5F35MD6JFB (P)
—–
PLQP0100KB-A
R5F35ME6JFE
(P)
PLQP0080KB-A
R5F35MF6JFF
(P)
PLQP0064KB-A
R5F35MAEJFB (D)
256 Kbytes 16 Kbytes
4 Kbytes
× 2 blocks
4 Kbytes
20 Kbytes
PLQP0100KB-A
R5F35MBEJFE (D)
PLQP0080KB-A
R5F35MCEJFF (D)
PLQP0064KB-A
R5F35MDEJFB (P)
—–
PLQP0100KB-A
R5F35MEEJFE (P)
PLQP0080KB-A
R5F35MFEJFF
(P)
PLQP0064KB-A
(D): Under development
(P): Under planning
The old package names are as follows:
PLQP00100KB-A: 100P6Q-A
PLQP0080KB-A: 80P6Q-A
PLQP0064KB-A: 64P6Q-A


Similar Part No. - R5F357AEJFE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F35623DFE RENESAS-R5F35623DFE Datasheet
612Kb / 85P
   RENESAS MCU
R5F35623DFE RENESAS-R5F35623DFE Datasheet
673Kb / 88P
   RENESAS MCU
R5F35623DFE RENESAS-R5F35623DFE Datasheet
673Kb / 88P
   RENESAS MCU
R5F35623JFE RENESAS-R5F35623JFE Datasheet
1Mb / 117P
   RENESAS MCU
R5F35623JFE RENESAS-R5F35623JFE Datasheet
767Kb / 116P
   RENESAS MCU
More results

Similar Description - R5F357AEJFE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com