Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST25WF512-40-5I-SAE Datasheet(PDF) 6 Page - Silicon Storage Technology, Inc

Part # SST25WF512-40-5I-SAE
Description  512 Kbit / 1 Mbit / 2 Mbit / 4Mbit 1.8V SPI Serial Flash
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25WF512-40-5I-SAE Datasheet(HTML) 6 Page - Silicon Storage Technology, Inc

Back Button SST25WF512-40-5I-SAE Datasheet HTML 2Page - Silicon Storage Technology, Inc SST25WF512-40-5I-SAE Datasheet HTML 3Page - Silicon Storage Technology, Inc SST25WF512-40-5I-SAE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST25WF512-40-5I-SAE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25WF512-40-5I-SAE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25WF512-40-5I-SAE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25WF512-40-5I-SAE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25WF512-40-5I-SAE Datasheet HTML 9Page - Silicon Storage Technology, Inc SST25WF512-40-5I-SAE Datasheet HTML 10Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
Data Sheet
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
SST25WF512 / SST25WF010 / SST25WF020 / SST25WF040
©2009 Silicon Storage Technology, Inc.
S71328-08-000
11/09
Hold
The Hold operation enables the hold pin functionality of the
RST#/HOLD# pin. Once set to hold pin mode, the RST#/
HOLD# pin continues functioning as a hold pin until the
device is powered off and then powered on. After a power-
off and power-on, the pin functionality returns to a reset pin
(RST#) mode. See “Enable-Hold (EHLD)” on page 20 for
detailed timing of the Hold instruction.
In the hold mode, serial sequences underway with the SPI
Flash memory are paused without resetting the clocking
sequence. To activate the HOLD# mode, CE# must be in
active low state. The HOLD# mode begins when the SCK
active low state coincides with the falling edge of the
HOLD# signal. The Hold mode ends when the rising edge
of the HOLD# signal coincides with the SCK active low
state. If the falling edge of the HOLD# signal does not coin-
cide with the SCK active low state, then the device enters
Hold mode when the SCK next reaches the active low
state. Similarly, if the rising edge of the HOLD# signal does
not coincide with the SCK active low state, then the device
exits Hold mode when the SCK next reaches the active low
state. See Figure 5 for Hold Condition waveform.
Once the device enters Hold mode, SO will be in high-
impedance state while SI and SCK can be VIL or VIH.
If CE# is driven active high during a Hold condition, the
device returns to standby mode. The device can then be
re-initiated with the command sequences listed in Tables 9
and 10. As long as HOLD# signal is low, the memory
remains in the Hold condition. To resume communication
with the device, HOLD# must be driven active high, and
CE# must be driven active low. See Figure 5 for Hold tim-
ing.
FIGURE 5: Hold Condition Waveform
Write Protection
SST25WF512/010/020/040 provide software Write pro-
tection. The Write Protect pin (WP#) enables or disables
the lock-down function of the status register. The Block-
Protection bits (BP2, BP1, BP0, and BPL) in the status reg-
ister provide Write protection to the memory array and the
status register. See Table 5 for the Block-Protection
description.
Write Protect Pin (WP#)
The Write Protect (WP#) pin enables the lock-down func-
tion of the BPL bit (bit 7) in the status register. When WP#
is driven low, the execution of the Write-Status-Register
(WRSR) instruction is determined by the value of the BPL
bit (see Table 3). When WP# is high, the lock-down func-
tion of the BPL bit is disabled.
Active
Hold
Active
Hold
Active
1328 Fx5.0
SCK
HOLD#
TABLE
3: Conditions to execute Write-Status-Register (WRSR) Instruction
WP#
BPL
Execute WRSR Instruction
L
1
Not Allowed
L
0
Allowed
H
X
Allowed
T3.0 1328


Similar Part No. - SST25WF512-40-5I-SAE

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST25WF512-40-5I-SAF MICROCHIP-SST25WF512-40-5I-SAF Datasheet
252Kb / 36P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
11/14
More results

Similar Description - SST25WF512-40-5I-SAE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25WF512 SST-SST25WF512 Datasheet
826Kb / 29P
   512 Kbit / 1 Mbit / 2 Mbit 1.8V SPI Serial Flash
logo
Microchip Technology
SST25WF512 MICROCHIP-SST25WF512 Datasheet
252Kb / 36P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
11/14
logo
Silicon Storage Technol...
SST45VF512 SST-SST45VF512 Datasheet
170Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit Serial Flash
logo
Microchip Technology
48L512 MICROCHIP-48L512 Datasheet
872Kb / 40P
   512-Kbit/1-Mbit SPI Serial EERAM
Revision C / 10/2019
SST25WF020A MICROCHIP-SST25WF020A_14 Datasheet
387Kb / 39P
   2 Mbit 1.8V SPI Serial Flash
2014
SST25WF020A MICROCHIP-SST25WF020A_V01 Datasheet
1Mb / 42P
   2 Mbit 1.8V SPI Serial Flash
Revision F July 2017
SST25WF020A MICROCHIP-SST25WF020A Datasheet
546Kb / 36P
   2 Mbit 1.8V SPI Serial Flash
2013
logo
Silicon Storage Technol...
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST29SF512 SST-SST29SF512 Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com