Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST25VF080B-50-4C-QAF Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST25VF080B-50-4C-QAF
Description  8 Mbit SPI Serial Flash
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF080B-50-4C-QAF Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST25VF080B-50-4C-QAF Datasheet HTML 1Page - Silicon Storage Technology, Inc SST25VF080B-50-4C-QAF Datasheet HTML 2Page - Silicon Storage Technology, Inc SST25VF080B-50-4C-QAF Datasheet HTML 3Page - Silicon Storage Technology, Inc SST25VF080B-50-4C-QAF Datasheet HTML 4Page - Silicon Storage Technology, Inc SST25VF080B-50-4C-QAF Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25VF080B-50-4C-QAF Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25VF080B-50-4C-QAF Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25VF080B-50-4C-QAF Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25VF080B-50-4C-QAF Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
©2010 Silicon Storage Technology, Inc.
S71296-04-000
01/10
1
The SST logo and SuperFlash are registered Trademarks of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Data Sheet
FEATURES:
Single Voltage Read and Write Operations
– 2.7-3.6V
Serial Interface Architecture
– SPI Compatible: Mode 0 and Mode 3
High Speed Clock Frequency
– 50/66 MHz conditional (see Table 13)
- (SST25VF080B-50-xx-xxxx)
–80 MHz
- (SST25VF080B-80-xx-xxxx)
Superior Reliability
– Endurance: 100,000 Cycles (typical)
– Greater than 100 years Data Retention
Low Power Consumption:
– Active Read Current: 10 mA (typical)
– Standby Current: 5 µA (typical)
Flexible Erase Capability
– Uniform 4 KByte sectors
– Uniform 32 KByte overlay blocks
– Uniform 64 KByte overlay blocks
Fast Erase and Byte-Program:
– Chip-Erase Time: 35 ms (typical)
– Sector-/Block-Erase Time: 18 ms (typical)
– Byte-Program Time: 7 µs (typical)
Auto Address Increment (AAI) Programming
– Decrease total chip programming time over
Byte-Program operations
End-of-Write Detection
– Software polling the BUSY bit in Status Register
– Busy Status readout on SO pin in AAI Mode
Hold Pin (HOLD#)
– Suspends a serial sequence to the memory
without deselecting the device
Write Protection (WP#)
– Enables/Disables the Lock-Down function of the
status register
Software Write Protection
– Write protection through Block-Protection bits in
status register
Temperature Range
– Commercial: 0°C to +70°C
– Industrial: -40°C to +85°C
Packages Available
– 8-lead SOIC (200 mils)
– 8-contact WSON (6mm x 5mm)
– 8-lead PDIP (300 mils)
All devices are RoHS compliant
PRODUCT DESCRIPTION
SST’s 25 series Serial Flash family features a four-wire,
SPI-compatible interface that allows for a low pin-count
package which occupies less board space and ultimately
lowers total system costs. The SST25VF080B devices are
enhanced with improved operating frequency and lower
power consumption. SST25VF080B SPI serial flash mem-
ories are manufactured with SST’s proprietary, high-perfor-
mance CMOS SuperFlash technology. The split-gate cell
design and thick-oxide tunneling injector attain better reli-
ability and manufacturability compared with alternate
approaches.
The SST25VF080B devices significantly improve perfor-
mance and reliability, while lowering power consumption.
The devices write (Program or Erase) with a single power
supply of 2.7-3.6V for SST25VF080B. The total energy
consumed is a function of the applied voltage, current, and
time of application. Since for any given voltage range, the
SuperFlash technology uses less current to program and
has a shorter erase time, the total energy consumed during
any Erase or Program operation is less than alternative
flash memory technologies.
The SST25VF080B device is offered in 8-lead SOIC (200
mils), 8-contact WSON (6mm x 5mm), and 8-lead PDIP
(300 mils) packages. See Figure 2 for pin assignments.
8 Mbit SPI Serial Flash
SST25VF080B
SST25VF080B8Mb Serial Peripheral Interface (SPI) flash memory


Similar Part No. - SST25VF080B-50-4C-QAF

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF080B-50-4C-QAF SST-SST25VF080B-50-4C-QAF Datasheet
350Kb / 28P
   8 Mbit SPI Serial Flash
SST25VF080B-50-4C-QAF SST-SST25VF080B-50-4C-QAF Datasheet
679Kb / 28P
   8 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF080B-50-4C-QAF MICROCHIP-SST25VF080B-50-4C-QAF Datasheet
968Kb / 32P
   8 Mbit SPI Serial Flash
2015
SST25VF080B-50-4C-QAF MICROCHIP-SST25VF080B-50-4C-QAF Datasheet
1Mb / 33P
   8-Mbit SPI Serial Flash
Revision D March 2020
SST25VF080B-50-4C-QAF-T MICROCHIP-SST25VF080B-50-4C-QAF-T Datasheet
968Kb / 32P
   8 Mbit SPI Serial Flash
2015
More results

Similar Description - SST25VF080B-50-4C-QAF

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF080B SST-SST25VF080B Datasheet
350Kb / 28P
   8 Mbit SPI Serial Flash
SST25VF080B SST-SST25VF080B_07 Datasheet
679Kb / 28P
   8 Mbit SPI Serial Flash
SST25LF080A SST-SST25LF080A Datasheet
290Kb / 25P
   8 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF080B MICROCHIP-SST25VF080B_V01 Datasheet
1Mb / 33P
   8-Mbit SPI Serial Flash
Revision D March 2020
SST25VF080B MICROCHIP-SST25VF080B_11 Datasheet
3Mb / 36P
   8 Mbit SPI Serial Flash
2011 Silicon
SST25VF080B MICROCHIP-SST25VF080B_15 Datasheet
968Kb / 32P
   8 Mbit SPI Serial Flash
2015
SST25WF080B MICROCHIP-SST25WF080B Datasheet
726Kb / 39P
   8 Mbit 1.8V SPI Serial Flash
2014
SST25WF080 MICROCHIP-SST25WF080_12 Datasheet
228Kb / 33P
   8 Mbit 1.8V SPI Serial Flash
10/12
SST25PF080B MICROCHIP-SST25PF080B Datasheet
417Kb / 32P
   8 Mbit 2.3-3.6V SPI Serial Flash
2014
SST25PF080B MICROCHIP-SST25PF080B_12 Datasheet
215Kb / 32P
   8 Mbit 2.3-3.6V SPI Serial Flash
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com