Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX1507QBXXX Datasheet(PDF) 9 Page - Semtech Corporation

Part # SX1507QBXXX
Description  World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1507QBXXX Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SX1507QBXXX Datasheet HTML 5Page - Semtech Corporation SX1507QBXXX Datasheet HTML 6Page - Semtech Corporation SX1507QBXXX Datasheet HTML 7Page - Semtech Corporation SX1507QBXXX Datasheet HTML 8Page - Semtech Corporation SX1507QBXXX Datasheet HTML 9Page - Semtech Corporation SX1507QBXXX Datasheet HTML 10Page - Semtech Corporation SX1507QBXXX Datasheet HTML 11Page - Semtech Corporation SX1507QBXXX Datasheet HTML 12Page - Semtech Corporation SX1507QBXXX Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 3 – 9
th Sept. 2010
9
www.semtech.com
SX1507QB/SX1508QB/SX1509QB
World’s Lowest Voltage Level Shifting GPIO
with LED Driver and Keypad Engine
Symbol
Description
Conditions
Min
Typ
Max
Unit
I/Os set as Output
VOH
High level output voltage
-
VCC1,2
– 0.3
-
VCC1,2
V
VOL
Low level output voltage
-
-0.4
-
0.3
V
VCC1,2 >= 2V
-
-
8
(2)
IOH
High level output source current
VCC1,2 < 2V
-
-
2
(2)
mA
VCC1,2 >= 2V
-
-
15
(2)
IOL
Low level output sink current
VCC1,2 < 2V
-
-
8
(2)
mA
tPV
Output data valid timing
Cf. Figure 10
-
-
425
ns
NINT (Output)
VOL
Low level output voltage
-
-0.4
-
0.3
V
VDDM >= 2V
-
-
8
IOLM
Low level output sink current
VDDM < 2V
-
-
4
mA
tIV
Interrupt valid timing
From input data change
-
-
4
µs
tIR
Interrupt reset timing
From RegInterruptSource
clearing
-
-
4
µs
NRESET (Input)
VDDM >= 2V
0.7*VDDM
-
VDDMmax
VIHMR
High level input voltage
VDDM < 2V
0.8*VDDM
-
VDDMmax
V
VDDM >= 2V
-0.4
-
0.3*VDDM
VILM
Low level input voltage
VDDM < 2V
-0.4
-
0.2*VDDM
V
ILEAK
Input leakage current
-
-1
-
1
µA
CI
Input capacitance
-
-
-
10
pF
VPOR
Power-On-Reset voltage
Cf. Figure 8
-
0.8
-
V
VDROPH High brown-out voltage
Cf. Figure 8
-
VDDM-1
-
V
VDROPL Low brown-out voltage
Cf. Figure 8
-
0.2
-
V
tRESET
Reset time
Cf. Figure 8
-
-
2.5
ms
tPULSE
Reset pulse from host uC
Cf. Figure 8
200
-
-
ns
ADDR0, ADDR1 (Inputs)
VDDM >= 2V
0.7*VDDM
-
VDDM+0.3
VIHMA
High level input voltage
VDDM < 2V
0.8*VDDM
-
VDDM+0.3
V
VDDM >= 2V
-0.4
-
0.3*VDDM
VILM
Low level input voltage
VDDM < 2V
-0.4
-
0.2*VDDM
V
ILEAK
Input leakage current
-
-1
-
1
µA
CI
Input capacitance
-
-
-
10
pF
OSCIO (Input/Output)
VDDM >= 2V
0.7*VDDM
-
VDDM+0.3
1.425V =< VDDM < 2V
0.8*VDDM
-
VDDM+0.3
VIHMO
High level input voltage
VDDM < 1.425V
0.9*VDDM
-
VDDM+0.3
V
VDDM >= 2V
-0.4
-
0.3*VDDM
1.425V =< VDDM < 2V
-0.4
-
0.2*VDDM
V
VILMO
Low level input voltage
VDDM < 1.425V
-0.4
-
0.1*VDDM
ILEAK
Input leakage current
-
-1
-
1
µA
CI
Input capacitance
-
-
-
10
pF
VOHM
High level output voltage
-
VDDM-0.3
-
VDDM
V
VOL
Low level output voltage
-
-0.4
-
0.3
V
VDDM >= 2V
-
-
8
IOHM
High level output source current
VDDM < 2V
-
-
2
mA
VDDM >= 2V
-
-
8
IOLM
Low level output sink current
VDDM < 2V
-
-
4
mA
SCL (Input) and SDA (Input/Output)
(3)


Similar Part No. - SX1507QBXXX

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1507QBXXX SEMTECH-SX1507QBXXX Datasheet
1Mb / 42P
   World?셲 Lowest Voltage Level Shifting GPIO ADVANCED COMMUNICATIONS & SENSING
More results

Similar Description - SX1507QBXXX

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1510B SEMTECH-SX1510B Datasheet
1Mb / 43P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1511B SEMTECH-SX1511B_11 Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1509BEVK SEMTECH-SX1509BEVK Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1507 SEMTECH-SX1507 Datasheet
1Mb / 41P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1508B SEMTECH-SX1508B Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1508QB SEMTECH-SX1508QB Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1511B SEMTECH-SX1511B Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX15007QB SEMTECH-SX15007QB Datasheet
1Mb / 42P
   World?셲 Lowest Voltage Level Shifting GPIO ADVANCED COMMUNICATIONS & SENSING
logo
Solarflare Communicatio...
X2541 SOLARFLARE-X2541 Datasheet
288Kb / 2P
   The World?셲 Lowest Latency 100G Ethernet NIC
logo
Asahi Kasei Microsystem...
AK4184 AKM-AK4184 Datasheet
608Kb / 36P
   TSC with Keypad Scanner and GPIO Expander
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com