Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC4626xEVB-1 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4626xEVB-1
Description  2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4626xEVB-1 Datasheet(HTML) 1 Page - Semtech Corporation

  SC4626xEVB-1 Datasheet HTML 1Page - Semtech Corporation SC4626xEVB-1 Datasheet HTML 2Page - Semtech Corporation SC4626xEVB-1 Datasheet HTML 3Page - Semtech Corporation SC4626xEVB-1 Datasheet HTML 4Page - Semtech Corporation SC4626xEVB-1 Datasheet HTML 5Page - Semtech Corporation SC4626xEVB-1 Datasheet HTML 6Page - Semtech Corporation SC4626xEVB-1 Datasheet HTML 7Page - Semtech Corporation SC4626xEVB-1 Datasheet HTML 8Page - Semtech Corporation SC4626xEVB-1 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
April 23, 2009
POWER MANAGEMENT
2.5MHz, 1A Synchronous Step
Down Regulator in SOT23-5
SC4626
www.semtech.com

Typical Application Circuit
Features
V
IN Range: 2.9 – 5.5V
V
OUT Options: .0 - 3.3V
Up to A Output Current
2.5MHz Switching Frequency
Efficiency Up to 93%
Low Output Noise Across Load Range
Excellent Transient Response
Start Up into Pre-Bias Output
00% Duty-Cycle Low Dropout Operation
<µA Shutdown Current
Internal Soft Start
Input Under-Voltage Lockout
Output Over-Voltage, Current Limit Protection
Over-Temperature Protection
Adjustable Output Voltage
SOT23-5 Package
-40 to 85°C Temperature Range
Fully WEEE and RoHS Compliant
Applications
Bluetooth Radios
DSC and PMPs
GPS Devices
xDSL Systems
POL Regulators
Portable HDD
Wireless LAN
Description
The SC4626 is a high efficiency, synchronous step-down
regulator providing up to A output current in a SOT23-
5 package. The device requires only three external filter
components for a complete step-down regulator solution.
The input voltage range is 2.9 to 5.5V with either factory
programmed outputs from .0 to 3.3V or adjustable
output via an external resistor divider.
The converter operates at fixed 2.5MHz switching
frequency allowing small L/C filtering components.
The voltage mode architecture is compatible with chip
inductors and capacitors for minimum PCB footprint and
lowest overall system cost.
Up to 93% efficiency is achieved with low R
DS(ON) internal
switches. PWM constant frequency operation ensures
low output ripple across the load range. 00% duty-cycle
provides 300mV dropout voltage at A which extends
the minimum input voltage for 2.5V and 3.3V outputs.
Excellent transient response is achieved with no external
compensation components.
The SC4626 provides input under-voltage, output over-
voltage, output short circuit and over-temperature
protection to safeguard the device and system under fault
conditions. The regulator provides integrated soft-start to
minimize inrush currents. Standby quiescient current is
less than µA.
The SC4626 is available in a SOT23-5 package rated for -40
to +85°C ambient temperature range.
EN
GND
CIN
10µF
VIN
2.9V to 5.5V
VOUT
1.20V/1A
COUT
10µF
L
2.2µH
LX
VOUT
Enable
SC4626C
VIN


Similar Part No. - SC4626xEVB-1

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4626 SEMTECH-SC4626 Datasheet
1,018Kb / 22P
   2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5
SC4626ASKTRT SEMTECH-SC4626ASKTRT Datasheet
1,018Kb / 22P
   2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5
SC4626CSKTRT SEMTECH-SC4626CSKTRT Datasheet
1,018Kb / 22P
   2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5
More results

Similar Description - SC4626xEVB-1

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4626CSKTRT SEMTECH-SC4626CSKTRT Datasheet
1,018Kb / 22P
   2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5
SC4626ASKTRT SEMTECH-SC4626ASKTRT Datasheet
1,018Kb / 22P
   2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5
SC183C SEMTECH-SC183C Datasheet
1Mb / 20P
   2.5MHz, 2A Synchronous Step-Down Regulator
logo
Kingbor Technology Co
KB3408 KINGBOR-KB3408 Datasheet
109Kb / 6P
   1.5MHz,350mA Synchronous Step-Down Regulator in SOT23-5
logo
Semicoa Semiconductor
SC189ASK.TRT SEMICOA-SC189ASK.TRT Datasheet
1Mb / 24P
   2.5MHz, 1.5A Synchronous Step Down Regulator
logo
Kingbor Technology Co
KB3426 KINGBOR-KB3426 Datasheet
199Kb / 16P
   1.5MHz, 800mA Synchronous Step-Down Regulator in SOT23-5
logo
Semtech Corporation
SC189 SEMTECH-SC189 Datasheet
1Mb / 23P
   2.5MHz, 1.5A Synchronous Step Down Regulator
logo
Exar Corporation
XRP6670 EXAR-XRP6670 Datasheet
3Mb / 13P
   3A 300kHz-2.5MHz Synchronous Step Down Regulator
logo
Kingbor Technology Co
KB3361 KINGBOR-KB3361 Datasheet
196Kb / 6P
   1.4MHz 800mA High Efficiency Synchronous Step-Down Regulator in SOT23-5
logo
ETA SOLUTIONS CO. LIMIT...
ETA3408 ETA-ETA3408 Datasheet
194Kb / 1P
   1A, 1.5MHz Step-Down Converter in SOT23-5 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com