Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST49LF030A-33-4C-NHE Datasheet(PDF) 7 Page - Silicon Storage Technology, Inc

Part # SST49LF030A-33-4C-NHE
Description  3 Mbit LPC Flash
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST49LF030A-33-4C-NHE Datasheet(HTML) 7 Page - Silicon Storage Technology, Inc

Back Button SST49LF030A-33-4C-NHE Datasheet HTML 3Page - Silicon Storage Technology, Inc SST49LF030A-33-4C-NHE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST49LF030A-33-4C-NHE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST49LF030A-33-4C-NHE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST49LF030A-33-4C-NHE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST49LF030A-33-4C-NHE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST49LF030A-33-4C-NHE Datasheet HTML 9Page - Silicon Storage Technology, Inc SST49LF030A-33-4C-NHE Datasheet HTML 10Page - Silicon Storage Technology, Inc SST49LF030A-33-4C-NHE Datasheet HTML 11Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
EOL Product Data Sheet
3 Mbit LPC Flash
SST49LF030A
7
©2005 Silicon Storage Technology, Inc.
S71234-03-EOL
5/06
PIN ASSIGNMENTS
FIGURE 2: Pin Assignments for 32-lead PLCC
FIGURE 3: Pin Assignments for 32-lead TSOP (8mm x 14mm)
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
A7(GPI1)
A6 (GPI0)
A5 (WP#)
A4 (TBL#)
A3 (ID3)
A2 (ID2)
A1 (ID1)
A0 (ID0)
DQ0 (LAD0)
MODE (MODE)
NC (CE#)
NC
NC
VDD (VDD)
OE# (INIT#)
WE# (LFRAME#)
NC
DQ7 (RES)
4
3
2
1
32
31 30
32-lead PLCC
Top View
1234 32-plcc P1.0
14
15
16
17 18
19
20
( ) Designates LPC Mode
NC
NC
NC
NC (CE#)
MODE (MODE)
A10 (GPI4)
R/C# (LCLK)
VDD (VDD)
NC
RST# (RST#)
A9 (GPI3)
A8 (GPI2)
A7 (GPI1)
A6 (GPI0)
A5 (WP#)
A4 (TBL#)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
OE# (INIT#)
WE# (LFRAME#)
VDD (VDD)
DQ7 (RES)
DQ6 (RES)
DQ5 (RES)
DQ4 (RES)
DQ3 (LAD3)
VSS (VSS)
DQ2 (LAD2)
DQ1 (LAD1)
DQ0 (LAD0)
A0 (ID0)
A1 (ID1)
A2 (ID2)
A3 (ID3)
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1234 32-tsop P2.0
Standard Pinout
Top View
Die Up
( ) Designates LPC Mode


Similar Part No. - SST49LF030A-33-4C-NHE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST49LF002A SST-SST49LF002A Datasheet
412Kb / 36P
   2 Mbit / 3 Mbit / 4 Mbit / 8 Mbit Firmware Hub
SST49LF002A-33-4C-NH SST-SST49LF002A-33-4C-NH Datasheet
412Kb / 36P
   2 Mbit / 3 Mbit / 4 Mbit / 8 Mbit Firmware Hub
SST49LF002A-33-4C-WH SST-SST49LF002A-33-4C-WH Datasheet
412Kb / 36P
   2 Mbit / 3 Mbit / 4 Mbit / 8 Mbit Firmware Hub
SST49LF003A SST-SST49LF003A Datasheet
412Kb / 36P
   2 Mbit / 3 Mbit / 4 Mbit / 8 Mbit Firmware Hub
SST49LF003A-33-4C-NH SST-SST49LF003A-33-4C-NH Datasheet
412Kb / 36P
   2 Mbit / 3 Mbit / 4 Mbit / 8 Mbit Firmware Hub
More results

Similar Description - SST49LF030A-33-4C-NHE

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST49LF160C MICROCHIP-SST49LF160C Datasheet
301Kb / 37P
   16 Mbit LPC Flash
02/16
SST49LF080A MICROCHIP-SST49LF080A Datasheet
341Kb / 50P
   8 Mbit LPC Flash
11/14
logo
Silicon Storage Technol...
SST49LF040 SST-SST49LF040 Datasheet
724Kb / 48P
   4 Mbit LPC Flash
SST49LF080A SST-SST49LF080A Datasheet
579Kb / 49P
   8 Mbit LPC Flash
SST49LF020A SST-SST49LF020A Datasheet
593Kb / 50P
   2 Mbit LPC Flash
SST49LF080A SST-SST49LF080A_06 Datasheet
589Kb / 49P
   8 Mbit LPC Flash
SST49LF160C SST-SST49LF160C Datasheet
655Kb / 35P
   16 Mbit LPC Flash
SST49LF016C SST-SST49LF016C Datasheet
563Kb / 37P
   16 Mbit LPC Serial Flash
SST49LF004B SST-SST49LF004B Datasheet
460Kb / 39P
   4 Mbit LPC Firmware Flash
SST49LF004C SST-SST49LF004C Datasheet
510Kb / 36P
   4 Mbit / 8 Mbit LPC Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com