Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST25WF512-40-5I-SAF Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST25WF512-40-5I-SAF
Description  512 Kbit / 1 Mbit / 2 Mbit / 4Mbit 1.8V SPI Serial Flash
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25WF512-40-5I-SAF Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST25WF512-40-5I-SAF Datasheet HTML 1Page - Silicon Storage Technology, Inc SST25WF512-40-5I-SAF Datasheet HTML 2Page - Silicon Storage Technology, Inc SST25WF512-40-5I-SAF Datasheet HTML 3Page - Silicon Storage Technology, Inc SST25WF512-40-5I-SAF Datasheet HTML 4Page - Silicon Storage Technology, Inc SST25WF512-40-5I-SAF Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25WF512-40-5I-SAF Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25WF512-40-5I-SAF Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25WF512-40-5I-SAF Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25WF512-40-5I-SAF Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
©2009 Silicon Storage Technology, Inc.
S71328-08-000
11/09
1
The SST logo and SuperFlash are registered Trademarks of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Data Sheet
FEATURES:
Single Voltage Read and Write Operations
– 1.65-1.95V
Serial Interface Architecture
– SPI Compatible: Mode 0 and Mode 3
High Speed Clock Frequency
–40MHz
Superior Reliability
– Endurance: 100,000 Cycles
– Greater than 100 years Data Retention
Ultra-Low Power Consumption:
– Active Read Current: 2 mA (typical @ 20MHz)
– Standby Current: 2 µA (typical)
Flexible Erase Capability
– Uniform 4 KByte sectors
– Uniform 32 KByte overlay blocks
– Uniform 64 KByte overlay blocks
(2 Mbit and 4 Mbit only)
Fast Erase and Byte-Program:
– Chip-Erase Time: 125 ms (typical)
– Sector-/Block-Erase Time: 62ms (typical)
– Byte-Program Time: 50 µS (typical)
Auto Address Increment (AAI) Programming
– Decrease total chip programming time over
Byte-Program operations
End-of-Write Detection
– Software polling the BUSY bit in Status Register
– Busy Status readout on SO pin
Reset Pin (RST#) or Programmable Hold Pin
(HOLD#) option
– Hardware Reset pin as default
– Hold pin option to suspend a serial sequence
without deselecting the device
Write Protection (WP#)
– Enables/Disables the Lock-Down function of the
status register
Software Write Protection
– Write protection through Block-Protection bits in
status register
Temperature Range
– Industrial: -40°C to +85°C
Packages Available
– 8-lead SOIC (150 mils)
– 8-contact WSON (5mm x 6mm)
All non-Pb (lead-free) devices are RoHS compliant
PRODUCT DESCRIPTION
The SST25WF512, SST25WF010, SST25WF020, and
SST25WF040 are members of the Serial Flash 25 Series
family and feature a four-wire, SPI-compatible interface that
allows for a low pin-count package which occupies less
board space and ultimately lowers total system costs.
SST25WF512/010/020/040 SPI serial flash memories are
manufactured with SST proprietary, high-performance
CMOS SuperFlash technology. The split-gate cell design
and thick-oxide tunneling injector attain better reliability and
manufacturability compared with alternate approaches.
The
SST25WF512/010/020/040
devices
significantly
improve performance and reliability, while lowering power
consumption. The devices write (Program or Erase) with a
single power supply of 1.65-1.95V for SST25WF512/010/
020/040. The total energy consumed is a function of the
applied voltage, current, and time of application. Since for
any given voltage range, the SuperFlash technology uses
less current to program and has a shorter erase time, the
total energy consumed during any Erase or Program oper-
ation is less than alternative flash memory technologies.
The SST25WF512/010/020/040 devices are offered in
both 8-lead SOIC and an 8-contact WSON packages. See
Figure 2 for the pin assignment.
512 Kbit / 1 Mbit / 2 Mbit / 4Mbit 1.8V SPI Serial Flash
SST25WF512 / SST25WF010 / SST25WF020 / SST25WF040
SST25VF016B16Mb Serial Peripheral Interface (SPI) flash memory


Similar Part No. - SST25WF512-40-5I-SAF

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST25WF512-40-5I-SAF MICROCHIP-SST25WF512-40-5I-SAF Datasheet
252Kb / 36P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
11/14
More results

Similar Description - SST25WF512-40-5I-SAF

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25WF512 SST-SST25WF512 Datasheet
826Kb / 29P
   512 Kbit / 1 Mbit / 2 Mbit 1.8V SPI Serial Flash
logo
Microchip Technology
SST25WF512 MICROCHIP-SST25WF512 Datasheet
252Kb / 36P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
11/14
logo
Silicon Storage Technol...
SST45VF512 SST-SST45VF512 Datasheet
170Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit Serial Flash
logo
Microchip Technology
48L512 MICROCHIP-48L512 Datasheet
872Kb / 40P
   512-Kbit/1-Mbit SPI Serial EERAM
Revision C / 10/2019
SST25WF020A MICROCHIP-SST25WF020A_14 Datasheet
387Kb / 39P
   2 Mbit 1.8V SPI Serial Flash
2014
SST25WF020A MICROCHIP-SST25WF020A_V01 Datasheet
1Mb / 42P
   2 Mbit 1.8V SPI Serial Flash
Revision F July 2017
SST25WF020A MICROCHIP-SST25WF020A Datasheet
546Kb / 36P
   2 Mbit 1.8V SPI Serial Flash
2013
logo
Silicon Storage Technol...
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST29SF512 SST-SST29SF512 Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com