Part Name
         Description
R5F35766JFE

 RENESAS MCU ( 159 Page)


RENESAS
100% 
Zoom Out Zoom In
 82 page
background image
REJ03B0267-0101
Rev.1.01
Page 82 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
5. Electrical Characteristics
J-Version
5.1.2
Recommended Operating Conditions
Notes:
1.
The mean output current is the mean value within 100ms.
2.
clock oscillation frequency/PLL clock oscillation frequency and supply voltage.
Table 5.2
Operating Conditions (1)
VCC = 3.0 V to 5.5 V, Topr = -40°C to 85°C unless otherwise specified.
Symbol
Characteristic
Value
Unit
Min.
Typ.
Max.
VCC
Supply voltage
3.0
5.5
V
AVCC
Analog supply voltage
VCC
V
VSS
Ground voltage
0V
AVSS
Analog ground voltage
0V
VIH
High level
input voltage
P0_0 to P0_7, P1_0 to P1_7,
P2_0 to P2_7, P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7,
P8_0 to P8_7, P9_0 to P9_7,
P10_0 to P10_7
Input level 0.50 VCC
0.7 VCC
VCC
V
Input level 0.70 VCC
0.85VCC
VCC
V
XIN,
RESET, CNVSS
0.8 VCC
VCC
SDAMM, SCLMM
When I2C-bus input level selected
0.7 VCC
VCC
V
When SMBUS input level selected
2.1
VCC
V
VIL
Low level input
voltage
P0_0 to P0_7, P1_0 to P1_7,
P2_0 to P2_7, P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7,
P8_0 to P8_7, P9_0 to P9_7,
P10_0 to P10_7
Input level 0.50 VCC
0
0.3 VCC
V
Input level 0.70 VCC
0
0.45VCC
V
XIN,
RESET, CNVSS
0
0.2 VCC
V
SDAMM, SCLMM
When I2C-bus input level selected
0
0.3 VCC
V
When SMBUS input level selected
0
0.8
V
IOH(sum)
High peak
output current
Sum of IOH(peak) at P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0
to P3_7, P4_0 to P4_7, P5_0 to P5_7, P6_0 to P6_7, P7_0 to P7_7,
P8_0 to P8_4, P8_6 to P8_7, P9_0 to P9_7, P10_0 to P10_7
-80.0
mA
IOH(peak)
High level
peak output
current
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7, P4_0 to
P4_7, P5_0 to P5_7, P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_4,
P8_6 to P8_7, P9_0 to P9_7, P10_0 to P10_7
-10.0
mA
IOH(avg)
High level
average output
current (1)
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7, P4_0 to
P4_7, P5_0 to P5_7, P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_4,
P8_6 to P8_7, P9_0 to P9_7, P10_0 to P10_7
-5.0
mA
IOL(sum)
Low peak
output current
Sum of IOL(peak) at P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0
to P3_7, P4_0 to P4_7, P5_0 to P5_7, P6_0 to P6_7, P7_0 to P7_7,
P8_0 to P8_7, P9_0 to P9_7, P10_0 to P10_7
80.0
mA
IOL(peak)
Low level peak
output current
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7, P4_0 to
P4_7, P5_0 to P5_7, P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_7,
P9_0 to P9_7, P10_0 to P10_7
10.0
mA
IOL(avg)
Low level
average output
current (1)
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7, P4_0 to
P4_7, P5_0 to P5_7, P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_7,
P9_0 to P9_7, P10_0 to P10_7
5.0
mA
f(XIN)
Main clock input oscillation frequency (2)
020
MHz
f(XCIN)
Sub clock oscillation oscillator frequency
32.768
50
kHz
f(PLL)
PLL clock oscillation frequency (2)
10
32
MHz
f(BCLK)
CPU operation frequency
0
32
MHz
tsu(PLL)
Wait time to stabilize PLL frequency synthesizer
1
ms



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl