Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST25WF010-40-5I-QAF Datasheet(PDF) 10 Page - Silicon Storage Technology, Inc

Part # SST25WF010-40-5I-QAF
Description  512 Kbit / 1 Mbit / 2 Mbit / 4Mbit 1.8V SPI Serial Flash
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25WF010-40-5I-QAF Datasheet(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SST25WF010-40-5I-QAF Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25WF010-40-5I-QAF Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25WF010-40-5I-QAF Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25WF010-40-5I-QAF Datasheet HTML 9Page - Silicon Storage Technology, Inc SST25WF010-40-5I-QAF Datasheet HTML 10Page - Silicon Storage Technology, Inc SST25WF010-40-5I-QAF Datasheet HTML 11Page - Silicon Storage Technology, Inc SST25WF010-40-5I-QAF Datasheet HTML 12Page - Silicon Storage Technology, Inc SST25WF010-40-5I-QAF Datasheet HTML 13Page - Silicon Storage Technology, Inc SST25WF010-40-5I-QAF Datasheet HTML 14Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
10
Data Sheet
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
SST25WF512 / SST25WF010 / SST25WF020 / SST25WF040
©2009 Silicon Storage Technology, Inc.
S71328-08-000
11/09
INSTRUCTIONS
Instructions are used to read, write (Erase and Program),
and
configure
the
SST25WF512/010/020/040.
The
instruction bus cycles are 8 bits each for commands (Op
Code), data, and addresses. The Write-Enable (WREN)
instruction must be executed prior to Byte-Program, Auto
Address Increment (AAI) programming, Sector-Erase,
Block-Erase, Write-Status-Register, or Chip-Erase instruc-
tions. The complete instructions are provided in Tables 9
and 10. All instructions are synchronized off a high-to-low
transition of CE#. Inputs will be accepted on the rising edge
of SCK starting with the most significant bit. CE# must be
driven low before an instruction is entered and must be
driven high after the last bit of the instruction has been
shifted in (except for Read, Read-ID, and Read-Status-
Register instructions). Any low-to-high transition on CE#,
before receiving the last bit of an instruction bus cycle, will
terminate the instruction in progress and return the device
to standby mode. Instruction commands (Op Code),
addresses, and data are all input from the most significant
bit (MSB) first.
TABLE
9: Device Operation Instructions for SST25WF512 and SST25WF010
Instruction
Description
Op Code Cycle1
1. One bus cycle is eight clock periods.
Address
Cycle(s)2
2. Address bits above the most significant bit of each density can be VIL or VIH.
Dummy
Cycle(s)
Data
Cycle(s)
Maximum
Frequency
Read
Read Memory
0000 0011b (03H)
3
0
1 to
20 MHz
High-Speed Read
Read Memory at Higher Speed 0000 1011b (0BH)
3
1
1 to
40 MHz
4 KByte Sector-
Erase3
3. 4 KByte Sector-Erase addresses: use AMS-A12, remaining addresses are don’t care but must be set either at VIL or VIH.
Erase 4 KByte of
memory array
0010 0000b (20H)
3
0
0
32 KByte Block-
Erase4
4. 32 KByte Block-Erase addresses: use AMS-A15, remaining addresses are don’t care but must be set either at VIL or VIH.
Erase 32 KByte block
of memory array
0101 0010b (52H)
3
0
0
Chip-Erase
Erase Full Memory Array
0110 0000b (60H) or
1100 0111b (C7H)
00
0
Byte-Program
To Program One Data Byte
0000 0010b (02H)
3
0
1
AAI-Word-Program5
5. To continue programming to the next sequential address location, enter the 8-bit command, ADH, followed by 2 bytes of data to be
programmed. Data Byte 0 will be programmed into the initial address [A23-A1] with A0=0, Data Byte 1 will be programmed into the
initial address [A23-A1] with A0 = 1.
Auto Address Increment
Programming
1010 1101b (ADH)
3
0
2 to
RDSR6
6. The Read-Status-Register is continuous with ongoing clock cycles until terminated by a low to high transition on CE#.
Read-Status-Register
0000 0101b (05H)
0
0
1 to
EWSR7
7. Either EWSR or WREN followed by WRSR will write to the Status register. The EWSR-WRSR sequence provides backward compat-
ibility to the SST25VF/LF series. The WREN-WRSR sequence is recommended for new designs.
Enable-Write-Status-Register
0110 0000b (50H)
0
0
0
WRSR
Write-Status-Register
0000 0001b (01H)
0
0
1
WREN7
Write-Enable
0000 0110b (06H)
0
0
0
WRDI
Write-Disable
0000 0100b (04H)
0
0
0
RDID8
8. Manufacturer’s ID is read with A0=0, and Device ID is read with A0=1. All other address bits are 00H. The Manufacturer’s ID and
device ID output stream is continuous until terminated by a low-to-high transition on CE#.
Read-ID
1001 0000b (90H) or
1010 1011b (ABH)
30
1 to
EBSY
Enable SO to output RY/BY#
status during AAI programming
0111 0000b (70H)
0
0
0
DBSY
Disable SO to output RY/BY#
status during AAI programming
1000 0000b (80H)
0
0
0
JEDEC-ID
JEDEC ID read
1001 1111b (9FH)
0
0
3 to
EHLD
Enable HOLD# pin functionality
of the RST#/HOLD# pin
1010 1010b (AAH)
0
0
0
T9.0
1328


Similar Part No. - SST25WF010-40-5I-QAF

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST25WF010-40-5I-SAF MICROCHIP-SST25WF010-40-5I-SAF Datasheet
252Kb / 36P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
11/14
More results

Similar Description - SST25WF010-40-5I-QAF

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25WF512 SST-SST25WF512 Datasheet
826Kb / 29P
   512 Kbit / 1 Mbit / 2 Mbit 1.8V SPI Serial Flash
logo
Microchip Technology
SST25WF512 MICROCHIP-SST25WF512 Datasheet
252Kb / 36P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
11/14
logo
Silicon Storage Technol...
SST45VF512 SST-SST45VF512 Datasheet
170Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit Serial Flash
logo
Microchip Technology
48L512 MICROCHIP-48L512 Datasheet
872Kb / 40P
   512-Kbit/1-Mbit SPI Serial EERAM
Revision C / 10/2019
SST25WF020A MICROCHIP-SST25WF020A_14 Datasheet
387Kb / 39P
   2 Mbit 1.8V SPI Serial Flash
2014
SST25WF020A MICROCHIP-SST25WF020A_V01 Datasheet
1Mb / 42P
   2 Mbit 1.8V SPI Serial Flash
Revision F July 2017
SST25WF020A MICROCHIP-SST25WF020A Datasheet
546Kb / 36P
   2 Mbit 1.8V SPI Serial Flash
2013
logo
Silicon Storage Technol...
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST29SF512 SST-SST29SF512 Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com