Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST25VF080B-50-4I-PAE Datasheet(PDF) 8 Page - Silicon Storage Technology, Inc

Part # SST25VF080B-50-4I-PAE
Description  8 Mbit SPI Serial Flash
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF080B-50-4I-PAE Datasheet(HTML) 8 Page - Silicon Storage Technology, Inc

Back Button SST25VF080B-50-4I-PAE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST25VF080B-50-4I-PAE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25VF080B-50-4I-PAE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25VF080B-50-4I-PAE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25VF080B-50-4I-PAE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25VF080B-50-4I-PAE Datasheet HTML 9Page - Silicon Storage Technology, Inc SST25VF080B-50-4I-PAE Datasheet HTML 10Page - Silicon Storage Technology, Inc SST25VF080B-50-4I-PAE Datasheet HTML 11Page - Silicon Storage Technology, Inc SST25VF080B-50-4I-PAE Datasheet HTML 12Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8
Data Sheet
8 Mbit SPI Serial Flash
SST25VF080B
©2010 Silicon Storage Technology, Inc.
S71296-04-000
01/10
Instructions
Instructions are used to read, write (Erase and Program),
and configure the SST25VF080B. The instruction bus
cycles are 8 bits each for commands (Op Code), data, and
addresses. Prior to executing any Byte-Program, Auto
Address Increment (AAI) programming, Sector-Erase,
Block-Erase, Write-Status-Register, or Chip-Erase instruc-
tions, the Write-Enable (WREN) instruction must be exe-
cuted first. The complete list of instructions is provided in
Table 5. All instructions are synchronized off a high to low
transition of CE#. Inputs will be accepted on the rising edge
of SCK starting with the most significant bit. CE# must be
driven low before an instruction is entered and must be
driven high after the last bit of the instruction has been
shifted in (except for Read, Read-ID, and Read-Status-
Register instructions). Any low to high transition on CE#,
before receiving the last bit of an instruction bus cycle, will
terminate the instruction in progress and return the device
to standby mode. Instruction commands (Op Code),
addresses, and data are all input from the most significant
bit (MSB) first.
TABLE
5: Device Operation Instructions
Instruction
Description
Op Code Cycle1
1. One bus cycle is eight clock periods.
Address
Cycle(s)2
2. Address bits above the most significant bit of each density can be VIL or VIH.
Dummy
Cycle(s)
Data
Cycle(s)
Read
Read Memory
0000 0011b (03H)
3
0
1 to
High-Speed Read
Read Memory at higher speed
0000 1011b (0BH)
3
1
1 to
4 KByte Sector-Erase3
3. 4KByte Sector Erase addresses: use AMS-A12, remaining addresses are don’t care but must be set either at VIL or VIH.
Erase 4 KByte of
memory array
0010 0000b (20H)
3
0
0
32 KByte Block-Erase4
4. 32KByte Block Erase addresses: use AMS-A15, remaining addresses are don’t care but must be set either at VIL or VIH.
Erase 32 KByte block
of memory array
0101 0010b (52H)
3
0
0
64 KByte Block-Erase5
5. 64KByte Block Erase addresses: use AMS-A16, remaining addresses are don’t care but must be set either at VIL or VIH.
Erase 64 KByte block
of memory array
1101 1000b (D8H)
3
0
0
Chip-Erase
Erase Full Memory Array
0110 0000b (60H) or
1100 0111b (C7H)
00
0
Byte-Program
To Program One Data Byte
0000 0010b (02H)
3
0
1
AAI-Word-Program6
6. To continue programming to the next sequential address location, enter the 8-bit command, ADH, followed by 2 bytes of data to be
programmed. Data Byte 0 will be programmed into the initial address [A23-A1] with A0=0, Data Byte 1 will be programmed into the
initial address [A23-A1] with A0=1.
Auto Address Increment
Programming
1010 1101b (ADH)
3
0
2 to
RDSR7
7. The Read-Status-Register is continuous with ongoing clock cycles until terminated by a low to high transition on CE#.
Read-Status-Register
0000 0101b (05H)
0
0
1 to
EWSR
Enable-Write-Status-Register
0101b 0000b (50H)
0
0
0
WRSR
Write-Status-Register
0000 0001b (01H)
0
0
1
WREN
Write-Enable
0000 0110b (06H)
0
0
0
WRDI
Write-Disable
0000 0100b (04H)
0
0
0
RDID8
8. Manufacturer’s ID is read with A0=0, and Device ID is read with A0=1. All other address bits are 00H. The Manufacturer’s ID and
device ID output stream is continuous until terminated by a low-to-high transition on CE#.
Read-ID
1001 0000b (90H) or
1010 1011b (ABH)
30
1 to
JEDEC-ID
JEDEC ID read
1001 1111b (9FH)
0
0
3 to
EBSY
Enable SO to output RY/BY#
status during AAI programming
0111 0000b (70H)
0
0
0
DBSY
Disable SO to output RY/BY#
status during AAI programming
1000 0000b (80H)
0
0
0
T5.0
1296


Similar Part No. - SST25VF080B-50-4I-PAE

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST25VF080B-50-4I-QAE MICROCHIP-SST25VF080B-50-4I-QAE Datasheet
968Kb / 32P
   8 Mbit SPI Serial Flash
2015
SST25VF080B-50-4I-QAE MICROCHIP-SST25VF080B-50-4I-QAE Datasheet
1Mb / 33P
   8-Mbit SPI Serial Flash
Revision D March 2020
SST25VF080B-50-4I-QAE-T MICROCHIP-SST25VF080B-50-4I-QAE-T Datasheet
968Kb / 32P
   8 Mbit SPI Serial Flash
2015
SST25VF080B-50-4I-QAE-T MICROCHIP-SST25VF080B-50-4I-QAE-T Datasheet
1Mb / 33P
   8-Mbit SPI Serial Flash
Revision D March 2020
logo
Silicon Storage Technol...
SST25VF080B-50-4I-QAF SST-SST25VF080B-50-4I-QAF Datasheet
350Kb / 28P
   8 Mbit SPI Serial Flash
More results

Similar Description - SST25VF080B-50-4I-PAE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF080B SST-SST25VF080B Datasheet
350Kb / 28P
   8 Mbit SPI Serial Flash
SST25VF080B SST-SST25VF080B_07 Datasheet
679Kb / 28P
   8 Mbit SPI Serial Flash
SST25LF080A SST-SST25LF080A Datasheet
290Kb / 25P
   8 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF080B MICROCHIP-SST25VF080B_V01 Datasheet
1Mb / 33P
   8-Mbit SPI Serial Flash
Revision D March 2020
SST25VF080B MICROCHIP-SST25VF080B_11 Datasheet
3Mb / 36P
   8 Mbit SPI Serial Flash
2011 Silicon
SST25VF080B MICROCHIP-SST25VF080B_15 Datasheet
968Kb / 32P
   8 Mbit SPI Serial Flash
2015
SST25WF080B MICROCHIP-SST25WF080B Datasheet
726Kb / 39P
   8 Mbit 1.8V SPI Serial Flash
2014
SST25WF080 MICROCHIP-SST25WF080_12 Datasheet
228Kb / 33P
   8 Mbit 1.8V SPI Serial Flash
10/12
SST25PF080B MICROCHIP-SST25PF080B Datasheet
417Kb / 32P
   8 Mbit 2.3-3.6V SPI Serial Flash
2014
SST25PF080B MICROCHIP-SST25PF080B_12 Datasheet
215Kb / 32P
   8 Mbit 2.3-3.6V SPI Serial Flash
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com