Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST25VF080B-50-4C-QAE Datasheet(PDF) 11 Page - Silicon Storage Technology, Inc

Part # SST25VF080B-50-4C-QAE
Description  8 Mbit SPI Serial Flash
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF080B-50-4C-QAE Datasheet(HTML) 11 Page - Silicon Storage Technology, Inc

Back Button SST25VF080B-50-4C-QAE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25VF080B-50-4C-QAE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25VF080B-50-4C-QAE Datasheet HTML 9Page - Silicon Storage Technology, Inc SST25VF080B-50-4C-QAE Datasheet HTML 10Page - Silicon Storage Technology, Inc SST25VF080B-50-4C-QAE Datasheet HTML 11Page - Silicon Storage Technology, Inc SST25VF080B-50-4C-QAE Datasheet HTML 12Page - Silicon Storage Technology, Inc SST25VF080B-50-4C-QAE Datasheet HTML 13Page - Silicon Storage Technology, Inc SST25VF080B-50-4C-QAE Datasheet HTML 14Page - Silicon Storage Technology, Inc SST25VF080B-50-4C-QAE Datasheet HTML 15Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
8 Mbit SPI Serial Flash
SST25VF080B
11
©2010 Silicon Storage Technology, Inc.
S71296-04-000
01/10
Byte-Program
The Byte-Program instruction programs the bits in the
selected byte to the desired data. The selected byte must
be in the erased state (FFH) when initiating a Program
operation. A Byte-Program instruction applied to a pro-
tected memory area will be ignored.
Prior to any Write operation, the Write-Enable (WREN)
instruction must be executed. CE# must remain active low
for the duration of the Byte-Program instruction. The Byte-
Program instruction is initiated by executing an 8-bit com-
mand, 02H, followed by address bits [A23-A0]. Following the
address, the data is input in order from MSB (bit 7) to LSB
(bit 0). CE# must be driven high before the instruction is
executed. The user may poll the Busy bit in the software
status register or wait TBP for the completion of the internal
self-timed Byte-Program operation. See Figure 7 for the
Byte-Program sequence.
FIGURE 7: Byte-Program Sequence
1296 ByteProg.0
CE#
SO
SI
SCK
ADD.
01 2 3 4 5 6 7 8
ADD.
ADD.
DIN
02
HIGH IMPEDANCE
15 16
23 24
31 32
39
MODE 0
MODE 3
MSB
MSB
MSB
LSB


Similar Part No. - SST25VF080B-50-4C-QAE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF080B-50-4C-QAF SST-SST25VF080B-50-4C-QAF Datasheet
350Kb / 28P
   8 Mbit SPI Serial Flash
SST25VF080B-50-4C-QAF SST-SST25VF080B-50-4C-QAF Datasheet
679Kb / 28P
   8 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF080B-50-4C-QAF MICROCHIP-SST25VF080B-50-4C-QAF Datasheet
968Kb / 32P
   8 Mbit SPI Serial Flash
2015
SST25VF080B-50-4C-QAF MICROCHIP-SST25VF080B-50-4C-QAF Datasheet
1Mb / 33P
   8-Mbit SPI Serial Flash
Revision D March 2020
SST25VF080B-50-4C-QAF-T MICROCHIP-SST25VF080B-50-4C-QAF-T Datasheet
968Kb / 32P
   8 Mbit SPI Serial Flash
2015
More results

Similar Description - SST25VF080B-50-4C-QAE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF080B SST-SST25VF080B Datasheet
350Kb / 28P
   8 Mbit SPI Serial Flash
SST25VF080B SST-SST25VF080B_07 Datasheet
679Kb / 28P
   8 Mbit SPI Serial Flash
SST25LF080A SST-SST25LF080A Datasheet
290Kb / 25P
   8 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF080B MICROCHIP-SST25VF080B_V01 Datasheet
1Mb / 33P
   8-Mbit SPI Serial Flash
Revision D March 2020
SST25VF080B MICROCHIP-SST25VF080B_11 Datasheet
3Mb / 36P
   8 Mbit SPI Serial Flash
2011 Silicon
SST25VF080B MICROCHIP-SST25VF080B_15 Datasheet
968Kb / 32P
   8 Mbit SPI Serial Flash
2015
SST25WF080B MICROCHIP-SST25WF080B Datasheet
726Kb / 39P
   8 Mbit 1.8V SPI Serial Flash
2014
SST25WF080 MICROCHIP-SST25WF080_12 Datasheet
228Kb / 33P
   8 Mbit 1.8V SPI Serial Flash
10/12
SST25PF080B MICROCHIP-SST25PF080B Datasheet
417Kb / 32P
   8 Mbit 2.3-3.6V SPI Serial Flash
2014
SST25PF080B MICROCHIP-SST25PF080B_12 Datasheet
215Kb / 32P
   8 Mbit 2.3-3.6V SPI Serial Flash
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com