Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST25VF040B-80-4I-S2AF Datasheet(PDF) 10 Page - Silicon Storage Technology, Inc

Part # SST25VF040B-80-4I-S2AF
Description  4 Mbit SPI Serial Flash
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF040B-80-4I-S2AF Datasheet(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SST25VF040B-80-4I-S2AF Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25VF040B-80-4I-S2AF Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25VF040B-80-4I-S2AF Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25VF040B-80-4I-S2AF Datasheet HTML 9Page - Silicon Storage Technology, Inc SST25VF040B-80-4I-S2AF Datasheet HTML 10Page - Silicon Storage Technology, Inc SST25VF040B-80-4I-S2AF Datasheet HTML 11Page - Silicon Storage Technology, Inc SST25VF040B-80-4I-S2AF Datasheet HTML 12Page - Silicon Storage Technology, Inc SST25VF040B-80-4I-S2AF Datasheet HTML 13Page - Silicon Storage Technology, Inc SST25VF040B-80-4I-S2AF Datasheet HTML 14Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
10
Data Sheet
4 Mbit SPI Serial Flash
SST25VF040B
©2009 Silicon Storage Technology, Inc.
S71295-05-000
10/09
High-Speed-Read (50/80 MHz)
The High-Speed-Read instruction supporting up to 50 MHz
(for
SST25VF040B-50-xx-xxF)
or
80
MHz
(for
SST25VF040B-80-xx-xxE) Read is initiated by executing
an 8-bit command, 0BH, followed by address bits [A23-A0]
and a dummy byte. CE# must remain active low for the
duration of the High-Speed-Read cycle. See Figure 6 for
the High-Speed-Read sequence.
Following a dummy cycle, the High-Speed-Read instruc-
tion outputs the data starting from the specified address
location. The data output stream is continuous through all
addresses until terminated by a low to high transition on
CE#. The internal address pointer will automatically incre-
ment until the highest memory address is reached. Once
the highest memory address is reached, the address
pointer will automatically increment to the beginning (wrap-
around) of the address space. Once the data from address
location 7FFFFH has been read, the next output will be
from address location 00000H.
FIGURE 6: High-Speed-Read Sequence
1295 HSRdSeq.0
CE#
SO
SI
SCK
ADD.
012 3 4 5
6 7 8
ADD.
ADD.
0B
HIGH IMPEDANCE
15 16
23 24
31 32
39 40
47 48
55 56
63 64
N+2
N+3
N+4
N
N+1
X
MSB
MSB
MSB
MODE 0
MODE 3
DOUT
DOUT
DOUT
DOUT
80
71 72
DOUT
Note: X = Dummy Byte: 8 Clocks Input Dummy Cycle (VIL or VIH)


Similar Part No. - SST25VF040B-80-4I-S2AF

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF040B-50-4C-QAF SST-SST25VF040B-50-4C-QAF Datasheet
350Kb / 28P
   4 Mbit SPI Serial Flash
SST25VF040B-50-4C-QAF SST-SST25VF040B-50-4C-QAF Datasheet
511Kb / 30P
   4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF040B-50-4C-QAF MICROCHIP-SST25VF040B-50-4C-QAF Datasheet
439Kb / 31P
   4 Mbit SPI Serial Flash
2015
SST25VF040B-50-4C-QAF MICROCHIP-SST25VF040B-50-4C-QAF Datasheet
1Mb / 31P
   4-Mbit SPI Serial Flash
Revision F June 2020
SST25VF040B-50-4C-QAF-T MICROCHIP-SST25VF040B-50-4C-QAF-T Datasheet
439Kb / 31P
   4 Mbit SPI Serial Flash
2015
More results

Similar Description - SST25VF040B-80-4I-S2AF

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF040B SST-SST25VF040B_07 Datasheet
511Kb / 30P
   4 Mbit SPI Serial Flash
SST25VF040B SST-SST25VF040B Datasheet
350Kb / 28P
   4 Mbit SPI Serial Flash
SST25VF040 SST-SST25VF040_10 Datasheet
472Kb / 23P
   4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF040B MICROCHIP-SST25VF040B_V01 Datasheet
1Mb / 31P
   4-Mbit SPI Serial Flash
Revision F June 2020
SST25VF040B MICROCHIP-SST25VF040B_11 Datasheet
3Mb / 33P
   4 Mbit SPI Serial Flash
2011
SST25VF040B MICROCHIP-SST25VF040B Datasheet
439Kb / 31P
   4 Mbit SPI Serial Flash
2015
logo
Silicon Storage Technol...
SST25VF040 SST-SST25VF040 Datasheet
379Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020_06 Datasheet
397Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020 Datasheet
658Kb / 24P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25LF020A SST-SST25LF020A Datasheet
300Kb / 26P
   2 Mbit / 4 Mbit SPI Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com