Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST25VF064C Datasheet(PDF) 11 Page - Silicon Storage Technology, Inc

Part # SST25VF064C
Description  64 Mbit SPI Serial Dual I/O Flash
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF064C Datasheet(HTML) 11 Page - Silicon Storage Technology, Inc

Back Button SST25VF064C Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25VF064C Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25VF064C Datasheet HTML 9Page - Silicon Storage Technology, Inc SST25VF064C Datasheet HTML 10Page - Silicon Storage Technology, Inc SST25VF064C Datasheet HTML 11Page - Silicon Storage Technology, Inc SST25VF064C Datasheet HTML 12Page - Silicon Storage Technology, Inc SST25VF064C Datasheet HTML 13Page - Silicon Storage Technology, Inc SST25VF064C Datasheet HTML 14Page - Silicon Storage Technology, Inc SST25VF064C Datasheet HTML 15Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Data Sheet
64 Mbit SPI Serial Dual I/O Flash
SST25VF064C
11
©2010 Silicon Storage Technology, Inc.
S71392-04-000
04/10
FIGURE 7: High-Speed Read Sequence
Fast-Read Dual-Output (75 MHz)
The Fast-Read Dual-Output (3BH) instruction outputs data
up to 75 MHz from the SIO0 and SIO1 pins. To initiate the
instruction, execute an 8-bit command (3BH) followed by
address bits A23-A0 and a dummy byte on SI/SIO0. Fol-
lowing a dummy cycle, the Fast-Read Dual-Output instruc-
tion outputs the data starting from the specified address
location on the SIO1 and SIO0 lines. SIO1 outputs, per
clock sequence, odd data bits D7, D5, D3, and D1; and
SIO0 outputs even data bits D6, D4, D2, and D0. CE# must
remain active low for the duration of the Fast-Read Dual-
Output instruction cycle. See Figure 8 for the Fast-Read
Dual-Output sequence.
The data output stream is continuous through all
addresses until terminated by a low-to-high transition on
CE#. The internal address pointer will automatically incre-
ment until the highest memory address is reached. Once
the highest memory address is reached, the address
pointer automatically increments to the beginning (wrap-
around) of the address space. for 64 Mbit density, once the
data from address location 7FFFFFH has been read the
next output will be from address location 000000H.
FIGURE 8: Fast-Read Dual Output Sequence
1392 F07.0
CE#
SO
SI
SCK
ADD.
012 34 5 6 7 8
ADD.
ADD.
0B
HIGH IMPEDANCE
15 16
23 24
31 32
39 40
47 48
55 56
63 64
N+2
N+3
N+4
N
N+1
X
MSB
MODE 0
MODE 3
DOUT
DOUT
DOUT
DOUT
80
71 72
DOUT
1392 F08.1
CE#
SIO1
SIO0
SCK
012 3 4 5 6 7 8
28 29 30 31
MSB
MODE 3
MODE 0
32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55
6
4
20 6
4
20 6
4
20 6
4
20
75
3
1
75
3 1
75
3 1
75
3 1
24-Bit Address
Dummy Cycle
DOUT
MSB
DOUT
MSB
DOUT
MSB
DOUT
3B
N
N+1
N+2
N+3
IO, Switches from Input to Output
X
ADD.
ADD.
ADD.
15 16
HIGH IMPEDANCE


Similar Part No. - SST25VF064C

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF064C SST-SST25VF064C Datasheet
908Kb / 31P
   64 Mbit SPI Serial Dual I/O Flash
logo
Microchip Technology
SST25VF064C MICROCHIP-SST25VF064C Datasheet
4Mb / 37P
   64 Mbit SPI Serial Dual I/O Flash
04/15
SST25VF064C-80-4C-Q2AE MICROCHIP-SST25VF064C-80-4C-Q2AE Datasheet
4Mb / 37P
   64 Mbit SPI Serial Dual I/O Flash
04/15
SST25VF064C-80-4I-Q2AE MICROCHIP-SST25VF064C-80-4I-Q2AE Datasheet
4Mb / 37P
   64 Mbit SPI Serial Dual I/O Flash
04/15
SST25VF064C-80-4I-S3AE MICROCHIP-SST25VF064C-80-4I-S3AE Datasheet
4Mb / 37P
   64 Mbit SPI Serial Dual I/O Flash
04/15
More results

Similar Description - SST25VF064C

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST25VF064C MICROCHIP-SST25VF064C Datasheet
4Mb / 37P
   64 Mbit SPI Serial Dual I/O Flash
04/15
logo
Silicon Storage Technol...
SST25VF064C SST-SST25VF064C Datasheet
908Kb / 31P
   64 Mbit SPI Serial Dual I/O Flash
logo
Dialog Semiconductor
AT25QF641B DIALOG-AT25QF641B Datasheet
1Mb / 58P
   64-Mbit SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
AT25SF641B DIALOG-AT25SF641B Datasheet
1Mb / 59P
   64-Mbit SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
logo
Renesas Technology Corp
AT25QF641B RENESAS-AT25QF641B Datasheet
2Mb / 58P
   64-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
2022-05-18
AT25SF641B RENESAS-AT25SF641B Datasheet
1Mb / 60P
   64-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
2022-06-03
AT25DF641A RENESAS-AT25DF641A Datasheet
2Mb / 57P
   64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual–I/O Support
02/2022
logo
Dialog Semiconductor
AT25QF641 DIALOG-AT25QF641 Datasheet
5Mb / 74P
   64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
AT25QL641 DIALOG-AT25QL641 Datasheet
5Mb / 77P
   64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
AT25SL641 DIALOG-AT25SL641 Datasheet
5Mb / 76P
   64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com