Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2511F8RSP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CC2511F8RSP
Description  Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
Download  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2511F8RSP Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC2511F8RSP Datasheet HTML 6Page - Texas Instruments CC2511F8RSP Datasheet HTML 7Page - Texas Instruments CC2511F8RSP Datasheet HTML 8Page - Texas Instruments CC2511F8RSP Datasheet HTML 9Page - Texas Instruments CC2511F8RSP Datasheet HTML 10Page - Texas Instruments CC2511F8RSP Datasheet HTML 11Page - Texas Instruments CC2511F8RSP Datasheet HTML 12Page - Texas Instruments CC2511F8RSP Datasheet HTML 13Page - Texas Instruments CC2511F8RSP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 244 page
background image
CC2510Fx / CC2511Fx
SWRS055F
Page 10 of 241
6
Electrical Specifications
6.1
Current Consumption
TA = 25°C, VDD = 3.0 V if nothing else stated. All measurement results are obtained using the
CC2510EM reference design ([1]).
Parameter
Min
Typ
Max
Unit
Condition
4.8
mA
System clock running at 26 MHz.
4.6
mA
System clock running at 24 MHz.
Active mode, full
speed (high speed
crystal oscillator)
1.
Low CPU activity.
Digital regulator on. High speed crystal oscillator and low power
RCOSC running. No peripherals running.
Low CPU activity: No flash access (i.e. only cache hit), no RAM
access
Active mode, full
speed (HS
RCOSC)
1.
Low CPU activity.
2.5
mA
System clock running at 13 MHz.
Digital regulator on. HS RCOSC and low power RCOSC running. No
peripherals running.
Low CPU activity: No flash access (i.e. only cache hit), no RAM
access
Digital regulator on. High speed crystal oscillator and low power
RCOSC running. Radio in RX mode (sensitivity optimized
MDMCFG2.DEM_DCFILT_OFF=0)
19.8
20.6
17.1
mA
mA
mA
2.4 kBaud, input at sensitivity limit, system clock running at 26 MHz.
2.4 kBaud, input at sensitivity limit, system clock running at 24 MHz.
2.4 kBaud, input at sensitivity limit, system clock running at 203 kHz.
19.8
mA
2.4 kBaud, input well above sensitivity limit, system clock running at
26 MHz.
21.5
22.1
18.8
mA
mA
mA
10 kBaud, input at sensitivity limit, system clock running at 26 MHz.
10 kBaud, input at sensitivity limit, system clock running at 24 MHz.
10 kBaud, input at sensitivity limit, system clock running at 203 kHz.
19.0
mA
10 kBaud, input well above sensitivity limit, system clock running at
26 MHz.
22.9
22.7
20.5
mA
mA
mA
250 kBaud, input at sensitivity limit, system clock running at 26 MHz.
250 kBaud, input at sensitivity limit, system clock running at 24 MHz.
250 kBaud, input at sensitivity limit, system clock running at 1.625
MHz.
19.6
mA
250 kBaud, input well above sensitivity limit, system clock running at
26 MHz. See Figure 2 for typical variation over operating conditions
19.7
20.8
17.5
mA
mA
mA
500 kBaud, input at sensitivity limit, system clock running at 26 MHz.
500 kBaud, input at sensitivity limit, system clock running at 24 MHz.
500 kBaud, input at sensitivity limit, system clock running at 3.25
MHz.
16.7
mA
500 kBaud, input well above sensitivity limit
Digital regulator on. High speed crystal oscillator and low power
RCOSC running. Radio in RX mode (current optimized
MDMCFG2.DEM_DCFILT_OFF=1)
17.4
mA
2.4 kBaud, input at sensitivity limit, system clock running at 26 MHz.
14.7
mA
2.4 kBaud, input at sensitivity limit, system clock running at 203 kHz.
Active mode with
radio in RX
17.4
mA
2.4 kBaud, input well above sensitivity limit, system clock running at
26 MHz.
1
Note: In order to reduce the current consumption in active mode, the clock speed can be reduced by
setting
CLKCON.CLKSPD≠000 (see section 13.1 for details). Figure 1 shows typical current
consumption in active mode for different clock speeds


Similar Part No. - CC2511F8RSP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2511F8RSP TI1-CC2511F8RSP Datasheet
2Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2511F8RSP TI-CC2511F8RSP Datasheet
3Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2511F8RSP TI1-CC2511F8RSP Datasheet
3Mb / 245P
[Old version datasheet]   Low-Power SoC (System-on-Chip)
CC2511F8RSPG3 TI-CC2511F8RSPG3 Datasheet
3Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2511F8RSPR TI1-CC2511F8RSPR Datasheet
2Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
More results

Similar Description - CC2511F8RSP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2510F8RHHR TI-CC2510F8RHHR Datasheet
3Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510F16 TI1-CC2510F16 Datasheet
2Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510FX TI-CC2510FX Datasheet
2Mb / 242P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510 TI-CC2510_15 Datasheet
3Mb / 245P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory,2.4 GHz RF Transceiver, and USB Controller
CC1110FX TI-CC1110FX Datasheet
2Mb / 243P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110FX TI-CC1110FX_08 Datasheet
3Mb / 245P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F16 TI1-CC1110F16 Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F8RHHR TI1-CC1110F8RHHR Datasheet
3Mb / 249P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110FX TI-CC1110FX_10 Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F32RHHR TI1-CC1110F32RHHR Datasheet
3Mb / 249P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com