Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UR6225G-XX-T92-C-K Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UR6225G-XX-T92-C-K
Description  POSITIVE VOLTAGE REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR6225G-XX-T92-C-K Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button UR6225G-XX-T92-C-K Datasheet HTML 4Page - Unisonic Technologies UR6225G-XX-T92-C-K Datasheet HTML 5Page - Unisonic Technologies UR6225G-XX-T92-C-K Datasheet HTML 6Page - Unisonic Technologies UR6225G-XX-T92-C-K Datasheet HTML 7Page - Unisonic Technologies UR6225G-XX-T92-C-K Datasheet HTML 8Page - Unisonic Technologies UR6225G-XX-T92-C-K Datasheet HTML 9Page - Unisonic Technologies UR6225G-XX-T92-C-K Datasheet HTML 10Page - Unisonic Technologies UR6225G-XX-T92-C-K Datasheet HTML 11Page - Unisonic Technologies UR6225G-XX-T92-C-K Datasheet HTML 12Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
UR6225
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 16
www.unisonic.com.tw
QW-R502-030,R
ELECTRICAL CHARACTERISTICS(Cont.)
UR6225-2.7V (Note1)
PARAMETER
CIRCUIT
SYMBOL
TEST CONDITONS
MIN
TYP
MAX
UNIT
Output Voltage
1
VOUT(E)(Note2) IOUT=50μA ~40mA, VIN=3.7V 2.646 2.700 2.754
V
Maximum Output Current
1
IOUT(MAX)
VIN=3.7V, VOUT(E)≥2.43V
150
mA
Minimum Load Current
IOUT(MIN)
VIN=VOUT+1V
50
μA
Load Stability
1
V
OUT
VIN=3.7V
1mA≤IOUT≤76mA
45
90
mV
1
VDIF1
IOUT=76mA
180
360
mV
Input-Output Voltage
Differential(Note3)
1
VDIF2
IOUT=152mA
400
700
mV
Supply Current
2
ISS
VIN=3.7V
2.0
4.5
μA
Input Stability
1
VOUT
VIN ×VOUT
IOUT=40mA
3.7V≤VIN≤10V
0.2
0.3
%/V
Input Voltage
VIN
IOUT=5mA
10
V
Thermal Shutdown
150
°С
Output Voltage Temperature
Characteristics
1
VOUT
TOPR ×VOUT
IOUT=40mA
-40°С≤TOPR≤85°С
±100
ppm/°С
UR6225-2.6V (Note1)
PARAMETER
CIRCUIT
SYMBOL
TEST CONDITONS
MIN
TYP
MAX
UNIT
Output Voltage
1
VOUT(E)(Note2) IOUT=50μA ~40mA, VIN=3.6V 2.548 2.600 2.652
V
Maximum Output Current
1
IOUT(MAX)
VIN=3.6V, VOUT(E)≥2.34V
150
mA
Minimum Load Current
IOUT(MIN)
VIN=VOUT+1V
50
μA
Load Stability
1
V
OUT
VIN=3.6V
1mA≤IOUT≤72mA
45
90
mV
1
VDIF1
IOUT=72mA
180
360
mV
Input-Output Voltage
Differential(Note3)
1
VDIF2
IOUT=144mA
400
700
mV
Supply Current
2
ISS
VIN=3.6V
2.0
4.5
μA
Input Stability
1
VOUT
VIN ×VOUT
IOUT=40mA
3.6V≤VIN≤10V
0.2
0.3
%/V
Input Voltage
VIN
IOUT=5mA
10
V
Thermal Shutdown
150
°С
Output Voltage Temperature
Characteristics
1
VOUT
TOPR×VOUT
IOUT=40mA
-40°С≤TOPR≤85°С
±100
ppm/°С
UR6225-2.5V (Note1)
PARAMETER
CIRCUIT
SYMBOL
TEST CONDITONS
MIN
TYP
MAX
UNIT
Output Voltage
1
VOUT(E)(Note2) IOUT=50μA ~40mA, VIN=3.5V
2.45
2.500
2.55
V
Maximum Output Current
1
IOUT(MAX)
VIN=3.5V, VOUT(E)≥2.25V
125
mA
Minimum Load Current
IOUT(MIN)
VIN=VOUT+1V
50
μA
Load Stability
1
V
OUT
VIN=3.5V
1mA≤IOUT≤70mA
45
90
mV
1
VDIF1
IOUT=70mA
180
360
mV
Input-Output Voltage
Differential(Note3)
1
VDIF2
IOUT=140mA
400
700
mV
Supply Current
2
ISS
VIN=3.5V
2.0
4.5
μA
Input Stability
1
VOUT
VIN ×VOUT
IOUT=40mA
3.5V≤VIN≤10V
0.2
0.3
%/V
Input Voltage
VIN
IOUT=5mA
10
V
Thermal Shutdown
150
°С
Output Voltage Temperature
Characteristics
1
VOUT
TOPR ×VOUT
IOUT=40mA
-40°С≤TOPR≤85°С
±100
ppm/°С


Similar Part No. - UR6225G-XX-T92-C-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR6225G-XX-T92-C-K UTC-UR6225G-XX-T92-C-K Datasheet
467Kb / 15P
   POSITIVE VOLTAGE REGULATOR
More results

Similar Description - UR6225G-XX-T92-C-K

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
   Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
   Positive Voltage Regulator
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
   Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_18 Datasheet
409Kb / 15P
   POSITIVE VOLTAGE REGULATOR
logo
Estek Electronics Co. L...
ET-78DXX ESTEK-ET-78DXX Datasheet
478Kb / 9P
   Positive-Voltage Regulator
ET-78MXX ESTEK-ET-78MXX Datasheet
609Kb / 11P
   Positive-Voltage Regulator
logo
Weitron Technology
WT78LXXK WEITRON-WT78LXXK Datasheet
900Kb / 7P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_11 Datasheet
467Kb / 15P
   POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com