Part Name
         Description
R5F35MFEKFB

 RENESAS MCU ( 159 Page)


RENESAS
100% 
Zoom Out Zoom In
 93 page
background image
REJ03B0267-0101
Rev.1.01
Page 93 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
5. Electrical Characteristics
5.2
Electrical Characteristics (J-Version, VCC = 5 V)
5.2.1
Electrical Characteristics
J-Version, VCC = 5 V
Table 5.15
Electrical Characteristics (1)
VCC = 4.2 to 5.5 V, VSS = 0 V at Topr = -40°C to 85°C, f(BCLK) = 32 MHz unless otherwise specified.
Symbol
Parameter
Measuring Condition
Standard
Unit
Min.
Typ.
Max.
VOH
HIGH Output Voltage
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_4,
P8_6 to P8_7, P9_0 to P9_7, P10_0 to P10_7
IOH=−5 mA
VCC−2.0
VCC
V
VOH
HIGH Output Voltage
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_4,
P8_6 to P8_7,P9_0 to P9_7, P10_0 to P10_7
IOH = −200 μAVCC−−0.3
VCC
V
VOH
HIGH Output Voltage
XOUT
HIGH POWER
IOH = −1 mA
VCC−−2.0
VCC
V
LOW POWER
IOH = −0.5 mA
VCC−−2.0
VCC
HIGH Output Voltage
XCOUT
HIGH POWER
With no load applied
2.5
V
LOW POWER
With no load applied
1.6
VOL
LOW Output Voltage
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_7,
P9_0 to P9_7, P10_0 to P10_7
IOL = 5 mA
2.0
V
VOL
LOW Output Voltage
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_7,
P9_0 to P9_7, P10_0 to P10_7
IOL = 200 μA
0.45
V
VOL
LOW Output Voltage
XOUT
HIGH POWER
IOL = 1 mA
2.0
V
LOW POWER
IOL = 0.5 mA
2.0
LOW Output Voltage
XCOUT
HIGH POWER
With no load applied
0
V
LOW POWER
With no load applied
0
VT+-VT-
Hysteresis
TA0IN to TA4IN, TB0IN to TB5IN,
INT0 to INT7,
NMI, ADTRG, CTS0 to CTS3, SCL2, SDA2,
CLK0 to CLK4, TA0OUT to TA4OUT,
KI0 to KI3, RXD0 to RXD4, ZP, IDU, IDW, IDV,
SD, INPC1_0 to INPC1_7, SSI0, SSCK0
, SCS0,
LIN0IN, CRX0, CRX1
0.2
0.4VCC
V
VT+-VT-
Hysteresis
RESET
0.2
2.5
V
VT+-VT-
Hysteresis
XIN
0.2
0.8
V
IIH
HIGH Input Current
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_7,
P9_0 to P9_7, P10_0 to P10_7
XIN,
RESET, CNVSS
VI = 5 V
5.0
μA
IIL
LOW Input Current
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_7,
P9_0 to P9_7, P10_0 to P10_7
XIN,
RESET, CNVSS
VI = 0 V
−5.0
μA
RPULLUP
Pull-Up
Resistance
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_4,
P8_6 to P8_7, P9_0 to P9_7, P10_0 to P10_7
VI = 0 V
30
50
170
k
Ω
RfXIN
Feedback Resistance XIN
1.5
M
Ω
RfXCIN
Feedback Resistance XCIN
15
M
Ω
VRAM
RAM Retention Voltage
At stop mode
2.0
V



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl