Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OKY-T10 Datasheet(PDF) 5 Page - Murata Power Solutions Inc.

Part # OKY-T10
Description  Programmable DOSA-SMT 10/16-Amp DC/DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

OKY-T10 Datasheet(HTML) 5 Page - Murata Power Solutions Inc.

  OKY-T10 Datasheet HTML 1Page - Murata Power Solutions Inc. OKY-T10 Datasheet HTML 2Page - Murata Power Solutions Inc. OKY-T10 Datasheet HTML 3Page - Murata Power Solutions Inc. OKY-T10 Datasheet HTML 4Page - Murata Power Solutions Inc. OKY-T10 Datasheet HTML 5Page - Murata Power Solutions Inc. OKY-T10 Datasheet HTML 6Page - Murata Power Solutions Inc. OKY-T10 Datasheet HTML 7Page - Murata Power Solutions Inc. OKY-T10 Datasheet HTML 8Page - Murata Power Solutions Inc. OKY-T10 Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Specification Notes, Cont.:
(5)
The On/Off Control Input should use either a switch or an open collector/open drain transistor referenced
to -Input Common. A logic gate may also be used by applying appropriate external voltages which do not
exceed +Vin.
(6)
Short circuit shutdown begins when the output voltage degrades approximately 2% from the selected
setting.
(7)
For W5 models, the Input Voltage must exceed the Output Voltage at all times by 0.5 Volts or greater.
(8)
Output noise may be further reduced by adding an external filter. At zero output current, the output may
contain low frequency components which exceed the ripple specification. The output may be operated
indefinitely with no load.
(9)
All models are fully operational and meet published specifications, including “cold start” at –40° C.
(10) Regulation specifications describe the deviation as the line input voltage or output load current is varied
from a nominal midpoint value to either extreme.
(11) Other input or output voltage ranges will be reviewed under scheduled quantity special order.
(12) Maximum PC board temperature is measured with the sensor in the center of the converter.
(13) Do not exceed maximum power specifications when adjusting the output trim.
(14) The maximum output capacitive loads depend on the the Equivalent Series Resistance (ESR) of the external
output capacitor and, to a lesser extent, the distance and series impedance to the load. Larger caps will
reduce output noise but may change the transient response. Newer ceramic caps with very low ESR may
require lower capacitor values to avoid instability. Thoroughly test your capacitors in the application. Please
refer to the Output Capacitive Load Application Note.
(15) Do not allow the input voltage to degrade lower than the input undervoltage shutdown voltage at all times.
Otherwise, you risk having the converter turn off. The undervoltage shutdown is not latching and will
attempt to recover when the input is brought back into normal operating range.
(16) The outputs are not intended to sink appreciable reverse current.
(17) “Hiccup” overcurrent operation repeatedly attempts to restart the converter with a brief, full-current output.
If the overcurrent condition still exists, the restart current will be removed and then tried again. This short
current pulse prevents overheating and damaging the converter. Once the fault is removed, the converter
immediately recovers normal operation.
Output Voltage Adustment
The output voltage may be adjusted over a limited range by connecting an
external trim resistor (Rtrim) between the Trim pin and Ground. The Rtrim
resistor must be a 1/10 Watt precision metal film type, ±1% accuracy or
better with low temperature coefficient, ±100 ppm/oC. or better. Mount the
resistor close to the converter with very short leads or use a surface mount
trim resistor.
In the tables below, the calculated resistance is given. Do not exceed the
specified limits of the output voltage or the converter’s maximum power
rating when applying these resistors. Also, avoid high noise at the Trim
input. However, to prevent instability, you should never connect any capaci-
tors to Trim.
RTRIM (
:) = _____________ – 5110
VOUT – 0.7525V
21070
OKY-T/10-W5, -T/16-W5
Output Voltage
Calculated Rtrim (KΩ)
3.3 V.
3.160
2.5 V.
6.947
2.0 V.
11.780
1.8 V.
15.004
1.5 V.
23.077
1.2 V.
41.973
1.0 V.
80.021
0.7525 V.
∞ (open)
Resistor Trim Equation, W5 models:
Soldering Guidelines
Murata Power Solutions recommends the specifications below when installing these
converters. These specifications vary depending on the solder type. Exceeding these
specifications may cause damage to the product. Your production environment
may differ therefore please thoroughly review these guidelines with your process
engineers.
Recommended Lead-free Solder Reflow Profile
High trace = normal upper limit
Low trace - normal lower limit
0
50
100
150
200
250
0
30
60
90
120
150
180
210
240
270
300
Time (sec)
Preheating Zone
240 sec max
Soaking Zone
120 sec max
Reflow Zone
time above 217° C
45-75 sec
Peak Temp.
235-260° C
<1.5° C/sec
Reflow Solder Operations for surface-mount products (SMT)
For Sn/Ag/Cu based solders:
Preheat Temperature
Less than 1 ºC. per second
Time over Liquidus
45 to 75 seconds
Maximum Peak Temperature
260 ºC.
Cooling Rate
Less than 3 ºC. per second
For Sn/Pb based solders:
Preheat Temperature
Less than 1 ºC. per second
Time over Liquidus
60 to 75 seconds
Maximum Peak Temperature
235 ºC.
Cooling Rate
Less than 3 ºC. per second
OKY-T/10 & T/16-W5 Series
Programmable DOSA-SMT 10/16-Amp DC/DC Converters
www.murata-ps.com
email: sales@murata-ps.com
22 Mar 2010
MDC_OKY_T10T16.W5.A03 Page 5 of 16


Similar Part No. - OKY-T10

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
OKY-T10 MURATA-PS-OKY-T10 Datasheet
169Kb / 3P
   Programmable DOSA-SMT 10/16-Amp DC/DC Converters
OKY-T10 MURATA-PS-OKY-T10_1 Datasheet
651Kb / 17P
   Programmable DOSA-SMT 10/16-Amp DC/DC Converters
More results

Similar Description - OKY-T10

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
OKY-T10 MURATA-PS-OKY-T10_1 Datasheet
651Kb / 17P
   Programmable DOSA-SMT 10/16-Amp DC/DC Converters
OKY-T10 MURATA-PS-OKY-T10 Datasheet
169Kb / 3P
   Programmable DOSA-SMT 10/16-Amp DC/DC Converters
OKX-T10-T16-D12 MURATA-PS-OKX-T10-T16-D12 Datasheet
448Kb / 17P
   Adjustable DOSA 10/16-Amp SIP DC/DC Converters
OKX-T10 MURATA-PS-OKX-T10 Datasheet
190Kb / 4P
   Adjustable DOSA 10/16-Amp SIP DC/DC Converters
OKX MURATA-PS-OKX Datasheet
518Kb / 15P
   Adjustable DOSA 10/16-Amp SIP DC/DC Converters
OKX-T10 MURATA-PS-OKX-T10_1 Datasheet
346Kb / 13P
   Adjustable DOSA 10/16-Amp SIP DC/DC Converters
OKX-T10-T16-W5 MURATA-PS-OKX-T10-T16-W5 Datasheet
320Kb / 14P
   Adjustable DOSA 10/16-Amp SIP DC/DC Converters
OKI-T3-W40 MURATA-PS-OKI-T3-W40 Datasheet
518Kb / 12P
   Adjustable Output 3-Amp DOSA-SMT DC/DC Converters
logo
Murata Manufacturing Co...
LSM2-T MURATA-LSM2-T Datasheet
1Mb / 12P
   DOSA-SMT, 30A POL DC/DC Converters
LSM2-T-30-D12-C MURATA-LSM2-T-30-D12-C Datasheet
421Kb / 12P
   DOSA-SMT, 30A POL DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com