Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


4-1415899-0 Datasheet(PDF) 4 Page - Tyco Electronics

Part No. 4-1415899-0
Description  Power PCB Relay RZ
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 4 page
background image
Datasheet Rev. IK1
Issued 2009/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
Power PCB Relay RZ (Continued)
4
SCHRACK
Product key
Version
Contacts
Contact material
Coil
Part number
RZ01-1A3-D005
12A
1 NO (form A)
AgSnO2
5 VDC
3-1415899-7
RZ01-1A3-D006
pinning 3.5 mm
6 VDC
3-1415899-8
RZ01-1A3-D012
flux proof
12 VDC
3-1415899-9
RZ01-1A3-D024
24 VDC
4-1415899-0
RZ01-1A3-D048
48 VDC
4-1415899-1
RZ01-1A4-D005
AgNi 90/10
5 VDC
1415899-1
RZ01-1A4-D006
6 VDC
1415899-2
RZ01-1A4-D009
9 VDC
1415899-3
RZ01-1A4-D012
12 VDC
1415899-4
RZ01-1A4-D024
24 VDC
1415899-5
RZ01-1A4-D048
48 VDC
1415899-6
RZ01-1C3-D005
1 CO (form C)
AgSnO2
5 VDC
4-1415899-2
RZ01-1C3-D006
6 VDC
4-1415899-3
RZ01-1C3-D012
12 VDC
4-1415899-4
RZ01-1C3-D024
24 VDC
4-1415899-5
RZ01-1C3-D048
48 VDC
4-1415899-6
RZ01-1C4-D005
AgNi 90/10
5 VDC
1415899-7
RZ01-1C4-D006
6 VDC
1415899-8
RZ01-1C4-D009
9 VDC
1415899-9
RZ01-1C4-D012
12 VDC
1-1415899-0
RZ01-1C4-D024
24 VDC
1-1415899-1
RZ01-1C4-D048
48 VDC
1-1415899-2
RZ03-1A3-D005
16A
1 NO (form A)
AgSnO2
5 VDC
4-1415899-7
RZ03-1A3-D006
pinning 5 mm
6 VDC
4-1415899-8
RZ03-1A3-D012
flux proof
12 VDC
4-1415899-9
RZ03-1A3-D024
24 VDC
5-1415899-0
RZ03-1A3-D048
48 VDC
5-1415899-1
RZ03-1A4-D005
AgNi 90/10
5 VDC
1-1415899-3
RZ03-1A4-D006
6 VDC
1-1415899-4
RZ03-1A4-D009
9 VDC
1-1415899-5
RZ03-1A4-D012
12 VDC
1-1415899-6
RZ03-1A4-D024
24 VDC
1-1415899-7
RZ03-1A4-D048
48 VDC
1-1415899-8
RZ03-1C3-D005
1 CO (form C)
AgSnO2
5 VDC
5-1415899-2
RZ03-1C3-D006
6 VDC
5-1415899-3
RZ03-1C3-D012
12 VDC
5-1415899-4
RZ03-1C3-D024
24 VDC
5-1415899-5
RZ03-1C3-D048
48 VDC
5-1415899-6
RZ03-1C4-D005
AgNi 90/10
5 VDC
1-1415899-9
RZ03-1C4-D006
6 VDC
2-1415899-0
RZ03-1C4-D009
9 VDC
2-1415899-1
RZ03-1C4-D012
12 VDC
2-1415899-2
RZ03-1C4-D024
24 VDC
2-1415899-3
RZ03-1C4-D048
48 VDC
2-1415899-4
RZH3-1C4-D012
16A, 105°C
12 VDC
2-1415899-5
RZH3-1C4-D024
pinning 5 mm
24 VDC
2-1415899-6
RZH3-1A4-D009
flux proof
1 NO (form A)
9 VDC
2-1415899-7
RZH3-1A4-D012
12 VDC
2-1415899-8
RZH3-1A4-D024
24 VDC
2-1415899-9




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl