Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VBP104S Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VBP104S
Description  Silicon PIN Photodiode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VBP104S Datasheet(HTML) 2 Page - Vishay Siliconix

  VBP104S Datasheet HTML 1Page - Vishay Siliconix VBP104S Datasheet HTML 2Page - Vishay Siliconix VBP104S Datasheet HTML 3Page - Vishay Siliconix VBP104S Datasheet HTML 4Page - Vishay Siliconix VBP104S Datasheet HTML 5Page - Vishay Siliconix VBP104S Datasheet HTML 6Page - Vishay Siliconix VBP104S Datasheet HTML 7Page - Vishay Siliconix VBP104S Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
For technical questions, contact: detectortechsupport@vishay.com
Document Number: 81170
2
Rev. 1.2, 20-Apr-10
VBP104S, VBP104SR
Vishay Semiconductors
Silicon PIN Photodiode
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Reverse Dark Current vs. Ambient Temperature
Fig. 2 - Relative Reverse Light Current vs. Ambient Temperature
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 50 mA
VF
11.3
V
Breakdown voltage
IR = 100 µA, E = 0
V(BR)
60
V
Reverse dark current
VR = 10 V, E = 0
Iro
230
nA
Diode capacitance
VR = 0 V, f = 1 MHz, E = 0
CD
48
pF
VR = 3 V, f = 1 MHz, E = 0
CD
17
40
pF
Open circuit voltage
Ee = 1 mW/cm2, λ = 950 nm
Vo
350
mV
Temperature coefficient of Vo
Ee = 1 mW/cm2, λ = 950 nm
TKVo
- 2.6
mV/K
Short circuit current
Ee = 1 mW/cm2, λ = 950 nm
Ik
32
µA
Temperature coefficient of Ik
Ee = 1 mW/cm2, λ = 950 nm
TKIk
0.1
%/K
Reverse light current
Ee = 1 mW/cm2, λ = 950 nm,
VR = 5 V
Ira
25
35
µA
Angle of half sensitivity
ϕ
± 65
deg
Wavelength of peak sensitivity
λ
p
940
nm
Range of spectral bandwidth
λ
0.1
430 to 1100
nm
Noise equivalent power
VR = 10 V, λ = 950 nm
NEP
4 x 10-14
W/
√Hz
Rise time
VR = 10 V, RL = 1 kΩ,
λ = 820 nm
tr
100
ns
Fall time
VR = 10 V, RL = 1 kΩ,
λ = 820 nm
tf
100
ns
20
40
60
80
1
10
100
1000
100
94 8403
V
R = 10 V
T
amb - Ambient Temperature (°C)
0.6
0.8
1.0
1.2
1.4
94 8409
VR =5 V
λ = 950 nm
100
80
60
40
20
0
T
- Ambient Temperature (°C)
amb


Similar Part No. - VBP104S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBP104S VISHAY-VBP104S Datasheet
160Kb / 8P
   Silicon PIN Photodiode
Rev. 1.3, 10-Aug-11
VBP104S VISHAY-VBP104S Datasheet
160Kb / 8P
   Silicon PIN Photodiode
Rev. 1.3, 10-Aug-11
VBP104S VISHAY-VBP104S Datasheet
160Kb / 8P
   Silicon PIN Photodiode
01-Jan-2022
VBP104S VISHAY-VBP104S Datasheet
160Kb / 8P
   Silicon PIN Photodiode
01-Jan-2022
VBP104S VISHAY-VBP104S Datasheet
161Kb / 8P
   Silicon PIN Photodiode
01-Jan-2023
More results

Similar Description - VBP104S

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
BPW41N TEMIC-BPW41N Datasheet
99Kb / 5P
   Silicon PIN Photodiode
logo
OPTEK Technologies
OP910 OPTEK-OP910 Datasheet
127Kb / 2P
   PIN SILICON PHOTODIODE
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF Datasheet
105Kb / 6P
   Silicon PIN Photodiode
Rev. 3, 16-Nov-99
VEMD11940FX01 VISHAY-VEMD11940FX01 Datasheet
220Kb / 6P
   Silicon PIN Photodiode
Rev. 1.0, 09-Jan-14
VBPW34FAS VISHAY-VBPW34FAS_11 Datasheet
164Kb / 8P
   Silicon PIN Photodiode
Rev. 1.2, 24-Aug-11
TEFD4300 VISHAY-TEFD4300_14 Datasheet
93Kb / 5P
   Silicon PIN Photodiode
Rev. 1.2, 04-Aug-14
BPV23NF VISHAY-BPV23NF_11 Datasheet
126Kb / 5P
   Silicon PIN Photodiode
Rev. 1.8, 24-Aug-11
T1110P6 VISHAY-T1110P6_14 Datasheet
79Kb / 4P
   Silicon PIN Photodiode
Rev. 1.5, 21-May-14
T1180P6 VISHAY-T1180P6 Datasheet
87Kb / 5P
   Silicon PIN Photodiode
Rev. 1.2, 07-Dec-15
T1187P6 VISHAY-T1187P6 Datasheet
101Kb / 5P
   Silicon PIN Photodiode
Rev. 1.1, 14-Apr-15
VEMD6060X01 VISHAY-VEMD6060X01 Datasheet
168Kb / 8P
   Silicon PIN Photodiode
Rev. 1.0, 14-Jan-16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com