Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMP8603QMM Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMP8603QMM
Description  60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8603QMM Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMP8603QMM Datasheet HTML 1Page - National Semiconductor (TI) LMP8603QMM Datasheet HTML 2Page - National Semiconductor (TI) LMP8603QMM Datasheet HTML 3Page - National Semiconductor (TI) LMP8603QMM Datasheet HTML 4Page - National Semiconductor (TI) LMP8603QMM Datasheet HTML 5Page - National Semiconductor (TI) LMP8603QMM Datasheet HTML 6Page - National Semiconductor (TI) LMP8603QMM Datasheet HTML 7Page - National Semiconductor (TI) LMP8603QMM Datasheet HTML 8Page - National Semiconductor (TI) LMP8603QMM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 4)
Human Body
For input pins only
±4000V
For all other pins
±2000V
Machine Model
200V
Charge Device Model
1000V
Supply Voltage (V
S - GND)
6.0V
Continuous Input Voltage (−IN
and +IN) (Note 6)
−22V to 60V
Transient (400 ms)
−25V to 65V
Maximum Voltage at A1, A2,
OFFSET and OUT Pins
V
S +0.3V and
GND -0.3V
Storage Temperature Range
−65°C to 150°C
Junction Temperature (Note 3)
150°C
Mounting Temperature
Infrared or Convection (20 sec)
235°C
Wave Soldering Lead (10 sec)
260°C
Operating Ratings (Note 1)
Supply Voltage (V
S – GND)
3.0V to 5.5V
Offset Voltage (Pin 7 )
0 to V
S
Temperature Range (Note 3)
Packaged devices
−40°C to +125°C
Package Thermal Resistance (Note 3)
8-Pin SOIC (
θ
JA)
190°C/W
8-Pin MSOP (
θ
JA)
203°C/W
3.3V Electrical Characteristics (Note 2)
Unless otherwise specified, all limits guaranteed at T
A = 25°C, VS = 3.3V, GND = 0V, −4V VCM 27V, and RL = , Offset (Pin
7) is grounded, 10nF between V
S and GND. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 7)
Typ
(Note 5)
Max
(Note 7)
Units
Overall Performance (From -IN (pin 1) and +IN (pin 8) to OUT (pin 5) with pins A1 (pin 3) and A2 (pin 4) connected)
I
S
Supply Current
1
1.3
mA
A
V
Total Gain
LMP8602
49.75
50
50.25
V/V
LMP8603
99.5
100
100.5
Gain Drift (Note 15)
−40°C
T
A 125°C
−2.7
±20
ppm/°C
SR
Slew Rate (Note 8)
V
IN = ±0.165V
0.4
0.7
V/
μs
BW
Bandwidth
50
60
kHz
V
OS
Input Offset Voltage
V
CM = VS / 2
0.15
±1
mV
TCV
OS
Input Offset Voltage Drift (Note 9)
−40°C
T
A 125°C
2
±10
μV/°C
e
n
Input Referred Voltage Noise
0.1 Hz − 10 Hz, 6 Sigma
16.4
μV
P-P
Spectral Density, 1 kHz
830
nV/
Hz
PSRR
Power Supply Rejection Ratio
DC, 3.0V
V
S 3.6V, VCM = VS/2
70
86
dB
Mid−scale Offset Scaling Accuracy
LMP8602
±0.25
±1
%
Input Referred
±0.33
mV
LMP8603
±0.45
±1.5
%
Input Referred
±0.248
mV
Preamplifier (From input pins -IN (pin 1) and +IN (pin 8) to A1 (pin 3))
R
CM
Input Impedance Common Mode
−4V
V
CM 27V
250
295
350
k
R
DM
Input Impedance Differential Mode
−4V
V
CM 27V
500
590
700
k
V
OS
Input Offset Voltage
V
CM = VS / 2
±0.15
±1
mV
DC CMRR DC Common Mode Rejection Ratio
−2V
V
CM 24V
86
96
dB
AC CMRR
AC Common Mode Rejection Ratio
(Note 10)
f = 1 kHz
80
94
dB
f = 10 kHz
85
CMVR
Input Common Mode Voltage Range
for 80 dB CMRR
−4
27
V
K1
Gain (Note 15)
9.95
10.0
10.05
V/V
R
F-INT
Output Impedance Filter Resistor
99
100
101
k
TCR
F-INT
Output Impedance Filter Resistor Drift
±5
±50
ppm/°C
A1 V
OUT
A1 Output Voltage Swing
V
OL
R
L =
2
10
mV
V
OH
3.2
3.25
V
www.national.com
2


Similar Part No. - LMP8603QMM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8603QMM TI1-LMP8603QMM Datasheet
541Kb / 26P
[Old version datasheet]   60V Common Mode, Fixed Gain, Bidirectional Precision
LMP8603QMM TI-LMP8603QMM Datasheet
1Mb / 33P
[Old version datasheet]   60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
LMP8603QMM/NOPB TI1-LMP8603QMM/NOPB Datasheet
1Mb / 42P
[Old version datasheet]   Current-Sensing Amplifiers
LMP8603QMME TI-LMP8603QMME Datasheet
1Mb / 33P
[Old version datasheet]   60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
LMP8603QMME/NOPB TI1-LMP8603QMME/NOPB Datasheet
1Mb / 42P
[Old version datasheet]   Current-Sensing Amplifiers
More results

Similar Description - LMP8603QMM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8602 NSC-LMP8602 Datasheet
597Kb / 24P
   60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
logo
Texas Instruments
LMP8602MM TI-LMP8602MM Datasheet
1Mb / 33P
[Old version datasheet]   60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
LMP8602 TI-LMP8602_15 Datasheet
1Mb / 34P
[Old version datasheet]   60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
logo
National Semiconductor ...
LMP8601 NSC-LMP8601 Datasheet
533Kb / 22P
   60V Common Mode, Bidirectional Precision Current Sensing Amplifier
logo
Texas Instruments
LMP8602 TI1-LMP8602 Datasheet
541Kb / 26P
[Old version datasheet]   60V Common Mode, Fixed Gain, Bidirectional Precision
LMP8601 TI1-LMP8601_14 Datasheet
1Mb / 29P
[Old version datasheet]   LMP8601/LMP8601Q 60V Common Mode, Bidirectional Precision Current Sensing Amplifier
LMP8601 TI1-LMP8601_15 Datasheet
1Mb / 33P
[Old version datasheet]   Common-Mode Bidirectional Precision Current-Sensing Amplifier
LMP8601MAX-NOPB TI1-LMP8601MAX-NOPB Datasheet
1Mb / 29P
[Old version datasheet]   60-V Common-Mode Bidirectional Precision Current Sensing Amplifier
LMP8278Q TI1-LMP8278Q Datasheet
392Kb / 17P
[Old version datasheet]   High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
LMP8278 TI-LMP8278_15 Datasheet
952Kb / 23P
[Old version datasheet]   High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com