Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OKX-T10 Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # OKX-T10
Description  Adjustable DOSA 10/16-Amp SIP DC/DC Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

OKX-T10 Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  OKX-T10 Datasheet HTML 1Page - Murata Power Solutions Inc. OKX-T10 Datasheet HTML 2Page - Murata Power Solutions Inc. OKX-T10 Datasheet HTML 3Page - Murata Power Solutions Inc. OKX-T10 Datasheet HTML 4Page - Murata Power Solutions Inc. OKX-T10 Datasheet HTML 5Page - Murata Power Solutions Inc. OKX-T10 Datasheet HTML 6Page - Murata Power Solutions Inc. OKX-T10 Datasheet HTML 7Page - Murata Power Solutions Inc. OKX-T10 Datasheet HTML 8Page - Murata Power Solutions Inc. OKX-T10 Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
PRELIMINARY
MECHANICAL SPECIFICATIONS, CONTINUED: “J” PACKAGE OPTION (REVERSED HEADERS)
I/O CONNECTIONS
Pin
Function
Pin
Function
1
+ Output
6
Common
2
+ Output
7
+ Input
3
+Sense In
8
+ Input
4
+ Output
9* *Sequence/Tracking
5
Common
10
Trim
11
On/Off Control
*Sequence/Tracking is standard for OKX2. On OKX models, Pin 9 is omitted.
Third Angle Projection
Dimensions are in inches (mm shown for ref. only).
Components are shown for reference only.
Tolerances (unless otherwise specified):
.XX ± 0.02 (0.5)
.XXX ± 0.010 (0.25)
Angles ± 1˚
.31
7.9
2.02
51.3
.040
1.02
(x10 or 11*)
1.52
.060
35.56
1.400
10.16
.400
12.70
.500
48.26
1.900
2.54
TYP
.100
.34
8.6
12.70
.500
10.16
.400
1.27
.050
35.56
1.400
.100
TYP
2.54
.31
7.9
9.7
MAX
.38
.050
1.27
RECOMMENDED FOOTPRINT -TOP VIEW
11 10
9*
8
7
6
5
4
3
2
1
MATERIAL:
PINS: COPPER ALLOY
FINISH: (ALL PINS)
PINS: TIN
11 10
9* 8
7
6
5
4
3
2
1
2.00
50.8
.50
12.7
.030
TYP
0.76
.13
3.3
OKX T/10 & T/16-W5 Series
Adjustable DOSA 10/16-Amp SIP DC/DC Converters
MDC_MDC_OKX_T10T16-W5 Series.A01_D3 Page 4 of 13
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com


Similar Part No. - OKX-T10

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
OKX-T10 MURATA-PS-OKX-T10 Datasheet
190Kb / 4P
   Adjustable DOSA 10/16-Amp SIP DC/DC Converters
OKX-T10-T16-D12 MURATA-PS-OKX-T10-T16-D12 Datasheet
448Kb / 17P
   Adjustable DOSA 10/16-Amp SIP DC/DC Converters
OKX-T10-T16-W5 MURATA-PS-OKX-T10-T16-W5 Datasheet
320Kb / 14P
   Adjustable DOSA 10/16-Amp SIP DC/DC Converters
More results

Similar Description - OKX-T10

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
OKX-T10-T16-D12 MURATA-PS-OKX-T10-T16-D12 Datasheet
448Kb / 17P
   Adjustable DOSA 10/16-Amp SIP DC/DC Converters
OKX-T10 MURATA-PS-OKX-T10 Datasheet
190Kb / 4P
   Adjustable DOSA 10/16-Amp SIP DC/DC Converters
OKX MURATA-PS-OKX Datasheet
518Kb / 15P
   Adjustable DOSA 10/16-Amp SIP DC/DC Converters
OKX-T10-T16-W5 MURATA-PS-OKX-T10-T16-W5 Datasheet
320Kb / 14P
   Adjustable DOSA 10/16-Amp SIP DC/DC Converters
OKY-T10 MURATA-PS-OKY-T10_1 Datasheet
651Kb / 17P
   Programmable DOSA-SMT 10/16-Amp DC/DC Converters
OKY-T10 MURATA-PS-OKY-T10_10 Datasheet
580Kb / 16P
   Programmable DOSA-SMT 10/16-Amp DC/DC Converters
OKY-T10 MURATA-PS-OKY-T10 Datasheet
169Kb / 3P
   Programmable DOSA-SMT 10/16-Amp DC/DC Converters
logo
Murata Manufacturing Co...
OKR-T-10-W12 MURATA-OKR-T-10-W12 Datasheet
295Kb / 9P
   Adjustable Output 10-Amp SIP-mount DC/DC Converters
logo
Murata Power Solutions ...
OKR-T10-W12 MURATA-PS-OKR-T10-W12 Datasheet
295Kb / 9P
   Adjustable Output 10-Amp SIP-mount DC/DC Converters
OKI-T3-W40 MURATA-PS-OKI-T3-W40 Datasheet
518Kb / 12P
   Adjustable Output 3-Amp DOSA-SMT DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com