Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD2634 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SD2634
Description  Color TV Horizontal Deflection Output Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SD2634 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SD2634 Datasheet HTML 1Page - Sanyo Semicon Device 2SD2634 Datasheet HTML 2Page - Sanyo Semicon Device 2SD2634 Datasheet HTML 3Page - Sanyo Semicon Device 2SD2634 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SD2634
No.6474-3/4
0
0
20
40
60
80
100
120
140
160
3.0
0.5
1.0
1.5
2.0
2.5
3.5
Ambient Temperature, Ta --
°C
PC -- Ta
IT01808
No
heat
sink
0
0
20
40
60
80
100
120
140
160
10
20
30
40
50
60
65
70
Case Temperature, Tc --
°C
PC -- Tc
IT01809
1.0
10
100
1000
35 7
0.01
0.1
1.0
10
23
5 7
23
5 7
2
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
Collector-to-Emitter Voltage, VCE -- V
10
100
1000
0.1
1.0
10
2
3
5
7
2
3
5
7
2
3
5
23
5
7
2
3
5
7
23
Collector-to-Emitter Voltage, VCE -- V
Reverse Bias A S O
For ward Bias A S O
L=500
µH
IB2=--1A
Tc=25
°C
Single pulse
IT01806
IT01807
ICP=20A
IC=8A
P
C =65W
Tc=25
°C
Single pulse
5
1.0
10
0.1
23
7
5
23
7
1.0
0.1
7
5
3
2
7
5
3
2
Collector Current, IC -- A
SW Time -- IC
SW Time -- IB2
1.0
0.1
23
7
5
23
7
5
1.0
0.1
5
3
2
7
5
3
2
7
10
Base Current, IB2 -- A
IT01804
IT01805
tf
tstg
VCC=200V
IC=3A
IB1=0.6A
R load
tf
tstg
VCC=200V
IC / IB1=5
IB2 / IB1=2
R load


Similar Part No. - 2SD2634

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SD2634 SAVANTIC-2SD2634 Datasheet
187Kb / 4P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD2634 ISC-2SD2634 Datasheet
159Kb / 4P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD2634 SAVANTIC-2SD2634 Datasheet
189Kb / 4P
   Silicon NPN Power Transistors
More results

Similar Description - 2SD2634

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD2251 SANYO-2SD2251 Datasheet
86Kb / 3P
   Color TV Horizontal Deflection Output Applications???
2SD2580 SANYO-2SD2580 Datasheet
43Kb / 4P
   Color TV Horizontal Deflection Output Applications
2SD1880 SANYO-2SD1880 Datasheet
85Kb / 3P
   Color TV Horizontal Deflection Output Applications?
2SD1881 SANYO-2SD1881 Datasheet
85Kb / 3P
   Color TV Horizontal Deflection Output Applications?
2SD1882 SANYO-2SD1882 Datasheet
84Kb / 3P
   Color TV Horizontal Deflection Output Applications?
2SD2689LS SANYO-2SD2689LS Datasheet
35Kb / 4P
   Color TV Horizontal Deflection Output Applications
2SC6090LS SANYO-2SC6090LS Datasheet
55Kb / 4P
   Color TV Horizontal Deflection Output Applications
2SC6089 SANYO-2SC6089 Datasheet
56Kb / 4P
   Color TV Horizontal Deflection Output Applications
2SD1653 SANYO-2SD1653 Datasheet
347Kb / 9P
   COLOR TV HORIZONTAL DEFLECTION OUTPUT APPLICATIONS
2SD2688LS SANYO-2SD2688LS Datasheet
39Kb / 4P
   Color TV Horizontal Deflection Output Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com