Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTH006A0X4-SRZ Datasheet(PDF) 4 Page - Lineage Power Corporation

Part # APTH006A0X4-SRZ
Description  Pico TLynx 6A: Non-Isolated DC-DC Power Modules
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

APTH006A0X4-SRZ Datasheet(HTML) 4 Page - Lineage Power Corporation

  APTH006A0X4-SRZ Datasheet HTML 1Page - Lineage Power Corporation APTH006A0X4-SRZ Datasheet HTML 2Page - Lineage Power Corporation APTH006A0X4-SRZ Datasheet HTML 3Page - Lineage Power Corporation APTH006A0X4-SRZ Datasheet HTML 4Page - Lineage Power Corporation APTH006A0X4-SRZ Datasheet HTML 5Page - Lineage Power Corporation APTH006A0X4-SRZ Datasheet HTML 6Page - Lineage Power Corporation APTH006A0X4-SRZ Datasheet HTML 7Page - Lineage Power Corporation APTH006A0X4-SRZ Datasheet HTML 8Page - Lineage Power Corporation APTH006A0X4-SRZ Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Data Sheet
October 8, 2009
Pico TLynxTM 6A: Non-isolated DC-DC Power Modules
2.4 – 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 6A output current
LINEAGE POWER
4
General Specifications
Parameter
Min
Typ
Max
Unit
Calculated MTBF (IO=IO, max, TA=25°C) Telecordia Issue 2, Method
1 Case 3
34,602,572
Hours
Weight
1.95 (0.0687)
g (oz.)
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions. See Feature Descriptions for additional information.
Parameter
Device
Symbol
Min
Typ
Max
Unit
On/Off Signal Interface
(VIN=VIN, min to VIN, max ; open collector or equivalent,
Signal referenced to GND)
Device with suffix “4” – Positive Logic (See Ordering
Information)
Logic High (Module ON)
Input High Current
All
IIH
10
µA
Input High Voltage
All
VIH
1.2
VIN,max
V
Logic Low (Module OFF)
Input Low Current
All
IIL
1
mA
Input Low Voltage
All
VIL
-0.3
0.3
V
Device Code with no suffix – Negative Logic (See Ordering
Information)
(On/OFF pin is open collector/drain logic input with
external pull-up resistor; signal referenced to GND)
Logic High (Module OFF)
Input High Current
All
IIH
1
mA
Input High Voltage
All
VIH
VIN – 0.8
VIN, max
Vdc
Logic Low (Module ON)
Input low Current
All
IIL
0.2
mA
Input Low Voltage
All
VIL
-0.2
VIN – 1.6
Vdc
Turn-On Delay and Rise Times
(VIN=VIN, nom, IO=IO, max , VO to within ±1% of steady state)
Case 1: On/Off input is enabled and then input power is
applied (delay from instant at which VIN = VIN, min until Vo =
10% of Vo, set)
All
Tdelay
2
msec
Case 2: Input power is applied for at least one second and
then the On/Off input is enabled (delay from instant at
which Von/Off is enabled until Vo = 10% of Vo, set)
All
Tdelay
2
msec
Output voltage Rise time (time for Vo to rise from
10% of Vo, set to 90% of Vo, set)
All
Trise
5
msec
Output voltage overshoot (TA = 25
oC
3.0
% VO, set
VIN= VIN, min to VIN, max,IO = IO, min to IO, max)
With or without maximum external capacitance
Over Temperature Protection
All
Tref
140
°C
(See Thermal Considerations section)
Sequencing Delay time
Delay from VIN, min to application of voltage on SEQ
pin
All
TsEQ-delay
10
msec
Tracking Accuracy
(Power-Up: 2V/ms)
APTH
VSEQ –Vo
100
mV
(Power-Down: 2V/ms)
APTH
VSEQ –Vo
100
mV
(VIN, min to VIN, max; IO, min to IO, max VSEQ < Vo)


Similar Part No. - APTH006A0X4-SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
APTH006A0X4-SRZ LINEAGEPOWER-APTH006A0X4-SRZ Datasheet
595Kb / 23P
   2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 6A output current
More results

Similar Description - APTH006A0X4-SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
APTS003A0X-SRZ LINEAGEPOWER-APTS003A0X-SRZ Datasheet
627Kb / 25P
   12V Pico TLynx 3A: Non-Isolated DC-DC Power Modules
APTH006A0X LINEAGEPOWER-APTH006A0X_11 Datasheet
578Kb / 23P
   Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APTS006A0X LINEAGEPOWER-APTS006A0X_10 Datasheet
752Kb / 25P
   12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APTS006A0X-SRZ_0912 LINEAGEPOWER-APTS006A0X-SRZ_0912 Datasheet
826Kb / 25P
   12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APTH003A0X LINEAGEPOWER-APTH003A0X_10 Datasheet
834Kb / 24P
   Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
APXH003A0X-SRZ_0910 LINEAGEPOWER-APXH003A0X-SRZ_0910 Datasheet
771Kb / 23P
   Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
NSR006A0X LINEAGEPOWER-NSR006A0X_10 Datasheet
468Kb / 20P
   Naos Raptor 6A: Non-Isolated DC-DC Power Modules
PDT012A0X LINEAGEPOWER-PDT012A0X Datasheet
776Kb / 32P
   12A Digital Pico DLynxTM: Non-Isolated DC-DC Power Modules
PDT012A0X3_1108 LINEAGEPOWER-PDT012A0X3_1108 Datasheet
1Mb / 23P
   12A Analog Pico DLynxTM: Non-Isolated DC-DC Power Modules
APXK004A0X-SRZ LINEAGEPOWER-APXK004A0X-SRZ_10 Datasheet
660Kb / 25P
   16V Pico TLynxTM 4A: Non-Isolated DC-DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com