Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTS003A0X-SRZ Datasheet(PDF) 7 Page - Lineage Power Corporation

Part # APTS003A0X-SRZ
Description  12V Pico TLynx 3A: Non-Isolated DC-DC Power Modules
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

APTS003A0X-SRZ Datasheet(HTML) 7 Page - Lineage Power Corporation

Back Button APTS003A0X-SRZ Datasheet HTML 3Page - Lineage Power Corporation APTS003A0X-SRZ Datasheet HTML 4Page - Lineage Power Corporation APTS003A0X-SRZ Datasheet HTML 5Page - Lineage Power Corporation APTS003A0X-SRZ Datasheet HTML 6Page - Lineage Power Corporation APTS003A0X-SRZ Datasheet HTML 7Page - Lineage Power Corporation APTS003A0X-SRZ Datasheet HTML 8Page - Lineage Power Corporation APTS003A0X-SRZ Datasheet HTML 9Page - Lineage Power Corporation APTS003A0X-SRZ Datasheet HTML 10Page - Lineage Power Corporation APTS003A0X-SRZ Datasheet HTML 11Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Data Sheet
January 28, 2010
12V Pico TLynxTM 3A: Non-isolated DC-DC Power Modules
4.5 – 14Vdc input; 0.59Vdc to 5.5Vdc output; 3A output current
Characteristic Curves
The following figures provide typical characteristics for the 12V PicoTLynx
TM 3A at 1.2Vo and at 25oC.
65
70
75
80
85
90
0
0.5
1
1.5
2
2.5
3
Vin=14V
Vin=12V
Vin=4.5V
1
2
3
4
55
65
75
85
95
105
Standard Part
(85°C)
Ruggedized (D)
Part (105°C)
NC
0.5m/s
(100LFM)
1m/s
(200LFM)
OUTPUT CURRENT, IO (A)
AMBIENT TEMPERATURE, TA
OC
Figure 7. Converter Efficiency versus Output Current.
Figure 8. Derating Output Current versus Ambient
Temperature and Airflow.
TIME, t (1
μs/div)
TIME, t (20
μs /div)
Figure 9. Typical output ripple and noise (VIN = 12V, Io =
Io,max).
Figure 10. Transient Response to Dynamic Load
Change from 0% to 50% to 0%.
TIME, t (2ms/div)
TIME, t (2ms/div)
Figure 11. Typical Start-up Using On/Off Voltage (Io =
Io,max).
Figure 12. Typical Start-up Using Input Voltage (VIN =
12V, Io = Io,max).
LINEAGE POWER
7


Similar Part No. - APTS003A0X-SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
APTS006A0X-SRZ LINEAGEPOWER-APTS006A0X-SRZ Datasheet
730Kb / 25P
   4.5 - 14Vdc input; 0.59Vdc to 5.5Vdc output; 6A output current
APTS006A0X-SRZ LINEAGEPOWER-APTS006A0X-SRZ Datasheet
826Kb / 25P
   12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APTS006A0X-SRZ_0912 LINEAGEPOWER-APTS006A0X-SRZ_0912 Datasheet
826Kb / 25P
   12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APTS006A0X4-SRZ LINEAGEPOWER-APTS006A0X4-SRZ Datasheet
730Kb / 25P
   4.5 - 14Vdc input; 0.59Vdc to 5.5Vdc output; 6A output current
APTS006A0X4-SRZ LINEAGEPOWER-APTS006A0X4-SRZ Datasheet
826Kb / 25P
   12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
More results

Similar Description - APTS003A0X-SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
APXH006A0X-SRZ_0910 LINEAGEPOWER-APXH006A0X-SRZ_0910 Datasheet
555Kb / 23P
   Pico TLynx 6A: Non-Isolated DC-DC Power Modules
APTH003A0X LINEAGEPOWER-APTH003A0X_10 Datasheet
834Kb / 24P
   Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
APXH003A0X-SRZ_0910 LINEAGEPOWER-APXH003A0X-SRZ_0910 Datasheet
771Kb / 23P
   Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
APTS006A0X LINEAGEPOWER-APTS006A0X_10 Datasheet
752Kb / 25P
   12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APTS006A0X-SRZ_0912 LINEAGEPOWER-APTS006A0X-SRZ_0912 Datasheet
826Kb / 25P
   12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APXS002A0X LINEAGEPOWER-APXS002A0X Datasheet
945Kb / 25P
   12V Pico TLynxTM 2A: Non-Isolated DC-DC Power Modules
APTS020A0X LINEAGEPOWER-APTS020A0X_10 Datasheet
765Kb / 26P
   12V TLynxTM Non-Isolated DC-DC Power Modules
APTH006A0X LINEAGEPOWER-APTH006A0X_11 Datasheet
578Kb / 23P
   Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APTS030A0X LINEAGEPOWER-APTS030A0X Datasheet
763Kb / 23P
   12V Mega TLynxTM : Non-Isolated DC-DC Power Modules
APTS012A0X LINEAGEPOWER-APTS012A0X_10 Datasheet
1Mb / 26P
   12V Micro TLynxTM: Non-Isolated DC-DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com