Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLG-120H-30 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # HLG-120H-30
Description  120W Single Output Switching Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HLG-120H-30 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  HLG-120H-30 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HLG-120H-30 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HLG-120H-30 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HLG-120H-30 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HLG-120H-30 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. HLG-120H-30 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3.75KVACI/P-FG:1.88KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC/25
/70%RH
CONSTANTCURRENTREGION Note.4
HLG-120H-12 A
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE Note.6
CURRENT ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
Note.8
HOLDUP TIME (Typ.)
VOLTAGERANGE
Note.5
FREQUENCY RANGE
POWERFACTOR
EFFICIENCY (Typ.)
ACCURRENT
INPUT
INRUSHCURRENT(
.)
Typ
LEAKAGECURRENT
SAFETY STANDARDS Note.7
HARMONICCURRENT
EMSIMMUNITY
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERCURRENT
Note.4
OVERVOLTAGE
OVERTEMPERATURE
Canbeadjusted byinternalpotentialmeterorthroughoutputcable
2500ms,50ms
/115VAC;Btype2500ms,200msat95%load230VAC/115VAC
atfullload230VAC
12ms atfullload230VAC/115VAC
90~305VAC127~431VDC
47~63Hz
PF
0.95/230VACPF
0.98/115VACatfullloadandratedoutputvoltage
PF
0.9at50~100%load
1.4A /115VAC0.6A /230VAC0.55A /277VAC
COLDSTART 75A/230VAC
<0.75mA /277VAC
95~108%
Complianceto EN55015,EN55022(CISPR22)ClassB
CompliancetoEN61000-3-2ClassC(
50%load);EN61000-3-3
-40~+60
@fullload ;+70
@60%load(Refertoderatingcurve)
20~95%RH non-condensing
-40~+80
,10~95%RH
0.03%/
(0~50
)
10~500Hz,5G12min./1cycle,periodfor72min.eachalongX, Y,Zaxes
192.2Khrsmin.MIL-HDBK-217F(25
)
220*68*38.8mm(L*W*H)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Constant current operation region is within 50% ~100% rated output voltage. This is the suitable operation region for LED related applications, but please
reconfirm special electrical requirements for some specific system design.
5. Derating may be needed under low input voltages. Please check the static characteristics for more details.
6. Type A only.
7. Safety and EMC design refer to EN60598-1, CNS15233, GB7000.1, FCC part18.
8. Length of set up time is measured at cold first start. Turning ON/OFF the power supply may lead to increase of the set up time.
9. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
10. Refer to warranty statement.
1.12Kg;12pcs/14.4Kg/0.76CUFT
120WSingleOutputSwitchingPowerSupply
Universal AC input / Full range (up to 305VAC)
Built-in active PFC function
Protections: Short circuit / Overload / Over voltage / Over temperature
Cooling by free air convection
OCP point adjustable through output cable or internal potential meter
IP67 / IP65 design for indoor or outdoor installations
Three in one dimming function (1~10Vdc or PWM signal or resistor)
Suitable for LED lighting and street lighting applications
Compliance to worldwide safety regulations for lighting
5 years warranty (Note.10)
Suitable for dry / damp / wet locations
High efficiency up to 93.5%
Features :
H L G - 1 2 0 H series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
EMICONDUCTION&RADIATION
SAFETY &
EMC
PROTECTION
100
10
(RTH2)
Protectiontype: Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
SHORTCIRCUIT
14~17V
18~21V
23~27V
28~34V
34~38V
41~46V
54~60V
47~53V
59~65V
92%
92%
93%
93%
93%
93%
93.5%
93%
93.5%
2.5%
5~10A
2.0%
4~8A
1.0%
3~6A
1.0%
2.5~5A
1.0%
2~4A
1.0%
1.7~3.4A
1.0%
1.2~2.5A
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
2.0%
1.5%
0.5%
0.5%
0.5%
0.5%
0.5%
1.0%
1.1~2.3A
0.5%
0.5%
1.0%
1.4~2.9A
0.5%
0.5%
HLG-120H-12
HLG-120H-15
HLG-120H-20
HLG-120H-24
HLG-120H-30
HLG-120H-36
HLG-120H-48
12V
6~12V
15V
7.5~15V
20V
10~20V
24V
12~24V
30V
15~30V
36V
18~36V
48V
24~48V
10A
8A
6A
5A
4A
3.4A
2.5A
120W
120W
120W
120W
120W
122.4W
120W
150mVp-p
150mVp-p
13.5~17V
150mVp-p
17~22V
150mVp-p
22~27V
200mVp-p
27~33V
200mVp-p
33~40V
200mVp-p
43~53V
10.8~13.5V
HLG-120H-54
54V
27~54V
2.3A
124.2W
200mVp-p
49~58V
HLG-120H-42
42V
21~42V
2.9A
121.8W
200mVp-p
38~46V
F
M
M
110
SELV
IP65 IP67
A : IP65 rated. Output voltage and constant current level can be adjusted through internal potential meter.
B : IP67 rated. Constant current level adjustable through output cable with 1~10Vdc or 10V PWM signal or resistor.
Blank : IP67 rated. Cable for I/O connection.
Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
Protectiontype: Shutdowno/pvoltagewithauto-recoveryorre-powerontorecovery
CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,EN61547,EN55024,heavyindustrylevel(surge4KV),criteria A
EN61347-1,EN61347-2-13independent
approved;DesignrefertoUL60950-1, TUVEN60950-1
IP65orIP67


Similar Part No. - HLG-120H-30

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-120H-30 MEANWELL-HLG-120H-30 Datasheet
345Kb / 6P
   120W Single Output Switching Power Supply
HLG-120H-30 MEANWELL-HLG-120H-30 Datasheet
351Kb / 6P
   120W Single Output Switching Power Supply
HLG-120H-30 MEANWELL-HLG-120H-30 Datasheet
257Kb / 6P
   120W Single Output Switching Power Supply
HLG-120H-30A MEANWELL-HLG-120H-30A Datasheet
257Kb / 6P
   120W Single Output Switching Power Supply
HLG-120H-30B MEANWELL-HLG-120H-30B Datasheet
257Kb / 6P
   120W Single Output Switching Power Supply
More results

Similar Description - HLG-120H-30

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-120 MEANWELL-HLG-120_11 Datasheet
344Kb / 6P
   120W Single Output Switching Power Supply
HLG-120_1107 MEANWELL-HLG-120_1107 Datasheet
371Kb / 6P
   120W Single Output Switching Power Supply
HLG-120H-48A MEANWELL-HLG-120H-48A Datasheet
187Kb / 7P
   120W Single Output Switching Power Supply
EPS-120 MEANWELL-EPS-120 Datasheet
581Kb / 4P
   120W Single Output Switching Power Supply
NPF-120 MEANWELL-NPF-120 Datasheet
99Kb / 5P
   120W Single Output Switching Power Supply
NPF-120D MEANWELL-NPF-120D Datasheet
117Kb / 6P
   120W Single Output Switching Power Supply
HLG-120H MEANWELL-HLG-120H_12 Datasheet
257Kb / 6P
   120W Single Output Switching Power Supply
HLG-120H_1107 MEANWELL-HLG-120H_1107 Datasheet
351Kb / 6P
   120W Single Output Switching Power Supply
HLG-120 MEANWELL-HLG-120 Datasheet
344Kb / 6P
   120W Single Output Switching Power Supply
HLG-120 MEANWELL-HLG-120_12 Datasheet
372Kb / 6P
   120W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com