Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4428CSA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4428CSA
Description  Dual High-Speed 1.5A MOSFET Drivers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4428CSA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4428CSA Datasheet HTML 1Page - Maxim Integrated Products MAX4428CSA Datasheet HTML 2Page - Maxim Integrated Products MAX4428CSA Datasheet HTML 3Page - Maxim Integrated Products MAX4428CSA Datasheet HTML 4Page - Maxim Integrated Products MAX4428CSA Datasheet HTML 5Page - Maxim Integrated Products MAX4428CSA Datasheet HTML 6Page - Maxim Integrated Products MAX4428CSA Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Dual High-Speed 1.5A MOSFET Drivers
3
Typical Operating Characteristics
MAX4426 OUTPUT LOW VOLTAGE
vs. SOURCE CURRENT
SOURCE CURRENT (mA)
90
80
60 70
20 30 40 50
10
0.3
0.6
0
0
100
TA = +25°C
VDD = +8V
VDD = +18V
VDD = +13V
MAX4426 OUTPUT HIGH VOLTAGE
vs. SOURCE CURRENT
SOURCE CURRENT (mA)
90
80
60 70
20 30 40 50
10
0.3
0.6
0
0
100
TA = +25°C
VDD = +8V
VDD = +18V
VDD = +13V
MAX4426 SUPPLY CURRENT
vs. FREQUENCY
FERQUENCY (kHz)
100
10
10
20
30
0
1
1000
TA = +25°C
CL = 1000pF
VDD = +18V
VDD = +10V
VDD = +5V
MAX4426 RISE AND FALL TIME
vs. CAPACITIVE LOAD
CAPACITIVE LOAD (pF)
100
1000
10
100
1k
0
10
10,000
TA = +25°C
VDD = +18V
tR, tF
MAX4426 SUPPLY CURRENT
vs. CAPACITIVE LOAD
CAPACITIVE LOAD (pF)
1000
100
10
20
30
40
50
60
70
80
0
10
10,000
TA = +25°C
VDD = +16V
400kHz
200kHz
20kHz
MAX4426 DELAY TIME
vs. TEMPERATURE
TEMPERATURE (°C)
75
25
-25
5
15
25
35
10
20
30
0
125
50
0
-50
100
CL = 1000pF
VDD = +18V
tD2
tD1
MAX4426 RISE AND FALL TIME
vs. TEMPERATURE
TEMPERATURE (°C)
75
25
-25
10
20
30
40
0
125
50
0
-50
100
CL = 1000pF
VDD = +18V
tR, tF
MAX4426 DELAY TIME
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
15
10
5
10
20
30
40
50
60
70
0
20
CL = 1000pF
TA = +25°C
tD2
tD1
MAX4426 RISE AND FALL TIME
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
15
10
5
10
20
30
40
50
60
70
0
20
CL = 1000pF
TA = +25°C
tF
tR


Similar Part No. - MAX4428CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4428CSA MAXIM-MAX4428CSA Datasheet
204Kb / 6P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 1; 3/93
More results

Similar Description - MAX4428CSA

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM4426 CALOGIC-CLM4426 Datasheet
47Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
AS4426P CALOGIC-AS4426P Datasheet
56Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
MAX4426 MAXIM-MAX4426 Datasheet
204Kb / 6P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 1; 3/93
logo
TelCom Semiconductor, I...
TC426 TELCOM-TC426 Datasheet
76Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426 MICROCHIP-TC4426 Datasheet
66Kb / 9P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4426A MICROCHIP-TC4426A_06 Datasheet
427Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426M MICROCHIP-TC4426M Datasheet
209Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2005
TC4426 MICROCHIP-TC4426_V01 Datasheet
976Kb / 28P
   1.5A Dual High-Speed Power MOSFET Drivers
2006-2014
TC426 MICROCHIP-TC426_13 Datasheet
514Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com