Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLG-185 Datasheet(PDF) 6 Page - Mean Well Enterprises Co., Ltd.

Part # HLG-185
Description  185W Single Output Switching Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HLG-185 Datasheet(HTML) 6 Page - Mean Well Enterprises Co., Ltd.

  HLG-185 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HLG-185 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HLG-185 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HLG-185 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HLG-185 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. HLG-185 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Waterproofconnector
WaterproofconnectorcanbeassembledontheoutputcableofHLG-185tooperateindry/wet/damporoutdoorenvironment.
HLG-185
I/P
O/P
LEDLamp
AC
source
CableJoiner
PinConfiguration(Female)
PinConfiguration(Female)
Size
Size
M12
M15
4-PIN
5A/PIN
M12-04
OrderNo.
OrderNo.
10A max.
SuitableCurrent
SuitableCurrent
5-PIN
5A/PIN
M12-05
10A max.
2-PIN
12A/PIN
M15-02
12A max.
Uptofourwirescanbeconnectedthroughthiscablejoinerby
solderingorclampingbytools.
66
26
20
Suitablefor14AWG~22AWG
O/P Wires
LEDLamp
HLG-185
WATERPROOFCONNECTION
AC
source
I/P
FG
C
B
D
A
A
O/P
LEDCCdriver
ChassisofLEDLamp
CC
IC
HLG-185
A. Addacommonmodeferritechokeonoutputwirestoreducethecommonemissionbetween10M~300MHzperlightingEMIregulation.
B.ChassisofLEDlampandchassisofHLG-185ortheFGwireshouldbeconnectedtothesafetygroundtoreducetheEMInoise,includingtheconduction
andradiationemission.
C. TheadditionalX-Capanddischargeresistorcanreducethel
conductionnoisebetween9K~1MHzperlightingEMIregulation.
D.L-Cfiltershould beaddedattheDCinputofLEDconstantcurrentdrivertoavoidthedifferentialemissionandhighfrequencynoisegeneratedbythe
CCdriver.
owfrequency
EMIDEBUGSUGGESTION
185WSingleOutputSwitchingPowerSupply
H L G - 1 8 5 series
FileName:HLG-185-SPEC2010-09-29


Similar Part No. - HLG-185

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-185 MEANWELL-HLG-185 Datasheet
296Kb / 6P
   185W Single Output Switching Power Supply
HLG-185 MEANWELL-HLG-185 Datasheet
322Kb / 6P
   185W Single Output Switching Power Supply
HLG-185-12 MEANWELL-HLG-185-12 Datasheet
296Kb / 6P
   185W Single Output Switching Power Supply
HLG-185-12 MEANWELL-HLG-185-12 Datasheet
322Kb / 6P
   185W Single Output Switching Power Supply
HLG-185-12 MEANWELL-HLG-185-12 Datasheet
321Kb / 6P
   185W Single Output Switching Power Supply
More results

Similar Description - HLG-185

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-185H MEANWELL-HLG-185H_11 Datasheet
297Kb / 6P
   185W Single Output Switching Power Supply
HLG-185H_1107 MEANWELL-HLG-185H_1107 Datasheet
323Kb / 6P
   185W Single Output Switching Power Supply
HLG-185H MEANWELL-HLG-185H_12 Datasheet
324Kb / 6P
   185W Single Output Switching Power Supply
HLG-185H MEANWELL-HLG-185H Datasheet
298Kb / 6P
   185W Single Output Switching Power Supply
HLG-185_1107 MEANWELL-HLG-185_1107 Datasheet
322Kb / 6P
   185W Single Output Switching Power Supply
HEP-185 MEANWELL-HEP-185 Datasheet
89Kb / 4P
   185W Single Output Switching Power Supply
HLG-185 MEANWELL-HLG-185_11 Datasheet
296Kb / 6P
   185W Single Output Switching Power Supply
HLG-185 MEANWELL-HLG-185_12 Datasheet
321Kb / 6P
   185W Single Output Switching Power Supply
LDV-185 MEANWELL-LDV-185_12 Datasheet
1Mb / 3P
   185W Multple Channel Output Switching Power Supply
LDV-185_1112 MEANWELL-LDV-185_1112 Datasheet
506Kb / 3P
   185W Multiple Channel Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com