Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4428CPA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4428CPA
Description  Dual High-Speed 1.5A MOSFET Drivers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4428CPA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4428CPA Datasheet HTML 1Page - Maxim Integrated Products MAX4428CPA Datasheet HTML 2Page - Maxim Integrated Products MAX4428CPA Datasheet HTML 3Page - Maxim Integrated Products MAX4428CPA Datasheet HTML 4Page - Maxim Integrated Products MAX4428CPA Datasheet HTML 5Page - Maxim Integrated Products MAX4428CPA Datasheet HTML 6Page - Maxim Integrated Products MAX4428CPA Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Dual High-Speed 1.5A MOSFET Drivers
2
Supply Voltage VDD to GND.............................................. +20V
Time VIL < VIN_ < VIH ......................................................... 50ns
Input Voltage .....................................VDD + 0.3V to GND - 0.3V
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 9.09mW/°C above +70°C)............727mW
SO (derate 5.88mW/°C above +70°C) ........................471mW
CERDIP (derate 8.00mW/°C above +70°C) ................640mW
Operating Temperature Ranges:
MAX442_C_ _..................................................... 0°C to +70°C
MAX442_E_ _.................................................. -40°C to +85°C
MAX442_MJA.............................................. -550°C to +125°C
Storage Temperature Range............................ -55°C to +160°C
Maximum Chip Temperature...........................................+150°C
Lead Temperature (soldering, 10 sec) ...........................+300°C
ELECTRICAL CHARACTERISTICS
(VDD = +4.5V to +18V, TA = TMIN to TMAX, unless otherwise specified.)
ABSOLUTE MAXIMUM RATINGS
Note 1: Switching times guaranteed by design, not tested. See Figure 1 for timing measuremenl circuit.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Logic 1 Input Voltage
VIH
2.4
V
Logic 0 Input Voltage
VIL
0.8
V
Input Current
IIN
VIN = 0V to 18V
-1
1
µA
Output High Voltage
VOH
No load
VDD -
25
mV
Output Low Voltage
VOL
No load
25
mV
Output Resistance
ROUT
VDD = 18V,
ILOAD =
10mA
VIN = 0.8V for
inverting stages,
VIN = 2.4V for
noninverting
stages
TA = +25°C
4
10
ω
TA = TMIN to
TMAX
5
12
VIN = 2.4V for
inverting stages,
VIN = 0.8V for
noninverting
stages
TA = +25°C
4
10
TA = TMIN to
TMAX
5
12
Peak Output Current
IPK
VDD = 18V
1.5
A
Power-Supply Current
ISUPP
VIN = +3V for both
inputs
TA = +25°C
1.8
4.5
mA
TA = TMIN to TMAX
2.5
8.0
VIN = 0V for both
inputs
TA = +25°C
0.2
0.4
TA = TMIN to TMAX
0.3
0.6
Rise Time (Note 1)
tR
TA = +25°C
20
30
ns
TA = TMIN to TMAX
25
40
Fall Time (Note 1)
tF
TA = +25°C
20
30
ns
TA = TMIN to TMAX
25
40
Delay Time (Note 1)
tD1
TA = +25°C
10
30
ns
TA = TMIN to TMAX
15
40
tD2
TA = +25°C
25
50
ns
TA = TMIN to TMAX
30
60


Similar Part No. - MAX4428CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4428CPA MAXIM-MAX4428CPA Datasheet
204Kb / 6P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 1; 3/93
More results

Similar Description - MAX4428CPA

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM4426 CALOGIC-CLM4426 Datasheet
47Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
AS4426P CALOGIC-AS4426P Datasheet
56Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
MAX4426 MAXIM-MAX4426 Datasheet
204Kb / 6P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 1; 3/93
logo
TelCom Semiconductor, I...
TC426 TELCOM-TC426 Datasheet
76Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426 MICROCHIP-TC4426 Datasheet
66Kb / 9P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4426A MICROCHIP-TC4426A_06 Datasheet
427Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426M MICROCHIP-TC4426M Datasheet
209Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2005
TC4426 MICROCHIP-TC4426_V01 Datasheet
976Kb / 28P
   1.5A Dual High-Speed Power MOSFET Drivers
2006-2014
TC426 MICROCHIP-TC426_13 Datasheet
514Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com