Part Name
         Description
R5F64178HPFB

 RENESAS MCU ( 114 Page)


RENESAS
100% 
Zoom Out Zoom In
 90 page
background image
REJ03B0254-0110
Rev.1.10
Page 90 of 111
Jun 23, 2010
R32C/117 Group
5. Electrical Characteristics
VCC =5V
Switching Characteristics (VCC = 4.2 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Note:
1.
The value is calculated by the following formulas based on the base clock cycles (tc(Base)) and
respective cycles of Tsu(A-R), Tw(R), Tsu(A-W), and Tw(W) set by registers EBC0 to EBC3. If the
calculation results in a negative value, modify the value to be set. For the details of how to set values,
refer to the User’s manual.
tsu(S-R) = tsu(A-R) = Tsu(A-R) × tc(Base) - 15 [ns]
tw(R) = Tw(R) × tc(Base) - 10 [ns]
tsu(S-W) = tsu(A-W) = Tsu(A-W) × tc(Base) - 15 [ns]
tw(W) = tsu(D-W) = Tw(W) × tc(Base) - 10 [ns]
Table 5.35
External Bus Timing (Separate bus)
Symbol
Characteristic
Measurement
condition
Value
Unit
Min.
Max.
tsu(S-R)
Chip-select setup time for read
Refer to
Figure 5.6
(1)
ns
th(R-S)
Chip-select hold time after read
tc(Base) - 15
ns
tsu(A-R)
Address setup time for read
(1)
ns
th(R-A)
Address hold time after read
tc(Base) - 15
ns
tw(R)
Read pulse width
(1)
ns
tsu(S-W)
Chip-select setup time for write
(1)
ns
th(W-S)
Chip-select hold time after write
1.5 × tc(Base) - 15
ns
tsu(A-W)
Address setup time for write
(1)
ns
th(W-A)
Address hold time after write
1.5 × tc(Base) - 15
ns
tw(W)
Write pulse width
(1)
ns
tsu(D-W)
Data setup time for write
(1)
ns
th(W-D)
Data hold time after write
0ns



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl