Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FUSB1501MHX Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FUSB1501MHX
Description  USB2.0 Full-Speed / Low-Speed Transceiver with Charger Detection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FUSB1501MHX Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FUSB1501MHX Datasheet HTML 7Page - Fairchild Semiconductor FUSB1501MHX Datasheet HTML 8Page - Fairchild Semiconductor FUSB1501MHX Datasheet HTML 9Page - Fairchild Semiconductor FUSB1501MHX Datasheet HTML 10Page - Fairchild Semiconductor FUSB1501MHX Datasheet HTML 11Page - Fairchild Semiconductor FUSB1501MHX Datasheet HTML 12Page - Fairchild Semiconductor FUSB1501MHX Datasheet HTML 13Page - Fairchild Semiconductor FUSB1501MHX Datasheet HTML 14Page - Fairchild Semiconductor FUSB1501MHX Datasheet HTML 15Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FUSB1500 / FUSB1501 • Rev. 1.0.0
11
Functional Description (Continued)
Extended Control Mode
This block of control has a multi-function role; it is used
to signal a SE0 detect to the host via INT_N and uses a
weak resistor pull-up method for charger detection.
Note that the signaling of SE0 via INT_N is only
enabled for the state “011” and all SE0 events can still
be decoded from the VP, VM, and RCV outputs.
When the three inputs (SUSPND, CONFIG, and
SPEED_N) are not “011,” INT_N is not active; the SE0
detector (RCV = 0) is not active and its latch is set to
HIGH. When the “011” is seen on the inputs, the
FUSB1500/1501 is waiting for an SE0 event. When the
SE0 event (deglitched) is detected, INT_N goes active
(HL transition). The host detects this INT_N signal and
configures the inputs to the pattern “110” or “010” to
keep the 1.5k
Ω pull-up enabled. The INT_N signal is
then de-asserted and the SE0 detector reset.
If a code other than “010” or “110” is written, the mode
configuration is a function as described in Table 4 and the
SE0 detector and INT_N are de-asserted to reset states.
When entering the state “111,” which enables the weak
pull up resistor for charger detection, the D+/D- drivers
are automatically configured to USB receive mode
(equivalent to OE_N HIGH).
Figure 10 shows the extended control logic and Table 4
the truth table for the extended control.
Figure 10.
Extended Control Function
Table 4. Extended Control
Hi-Z
SUSPND CONFIG SPEED_N
Function
0
0
0
0
No 1.5k
Ω Pull-up
FS
USB Mode, Default
State
0
0
1
0
1.5k
Ω Pull-up
FS
USB Mode
0
0
0
1
No 1.5k
Ω Pull-up
LS
USB Mode
0
0
1
1
Pull-up On After Detecting SE0
FS
Suspend, Conditional
Pull-up
0
1
0
0
No 1.5k
Ω Pull-up
FS
Suspend
0
1
1
0
1.5k
Ω Pull-up
FS
Suspend
0
1
0
1
No 1.5k
Ω Pull-up
LS
Suspend
0
1
1
1
No 1.5k
Ω Pull-up, 125kΩ Pull-up
Connected
USB Rx Mode &
RWPU On
1
X
X
X
VP, VM, D+, D-, RCV High
Impedance, SW1 and SW2 Open
Hi-Z Mode


Similar Part No. - FUSB1501MHX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FUSB15101 ONSEMI-FUSB15101 Datasheet
496Kb / 22P
   Programmable USBType-C and Power Delivery 3.1 Source Controller with PPS Support
June, 2022 - Rev. 0
FUSB15101MNTWG ONSEMI-FUSB15101MNTWG Datasheet
496Kb / 22P
   Programmable USBType-C and Power Delivery 3.1 Source Controller with PPS Support
June, 2022 - Rev. 0
FUSB15200 ONSEMI-FUSB15200 Datasheet
264Kb / 23P
   Dual Port USB Type-C & PD Controller for Sink and DRP Applications
March, 2022 - Rev. 0
FUSB15200MNTWG ONSEMI-FUSB15200MNTWG Datasheet
264Kb / 23P
   Dual Port USB Type-C & PD Controller for Sink and DRP Applications
March, 2022 - Rev. 0
FUSB15201 ONSEMI-FUSB15201 Datasheet
626Kb / 19P
   Dual Port USB Type-C & PD Controller
March, 2022 ??Rev. 2
More results

Similar Description - FUSB1501MHX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA831 FAIRCHILD-FSA831 Datasheet
306Kb / 3P
   USB2.0 High-Speed (480Mbps) Charger Detection with Isolation Switch
FSUSB46 FAIRCHILD-FSUSB46 Datasheet
448Kb / 2P
   Hi-Speed USB2.0 (480Mbps) DPST Switch with Dedicated Charger Port Detection
logo
Agere Systems
USS810 AGERE-USS810 Datasheet
238Kb / 14P
   USB 2.0 Full-Speed/Low-Speed Transceiver
logo
ON Semiconductor
FSA201 ONSEMI-FSA201 Datasheet
555Kb / 21P
   USB2.0 Full-Speed and Audio Switches
June 2012 Rev. 1.2.2
FSUSB45 ONSEMI-FSUSB45 Datasheet
716Kb / 12P
   High-Speed USB2.0 Switch with Dedicated Charger Port Detect
July 2013 Rev. 1.0.7
logo
Infineon Technologies A...
TLE6251G INFINEON-TLE6251G Datasheet
342Kb / 31P
   High Speed CAN-Transceiver with Wake Detection
Rev. 3.2, Apr. 2006
TLE6251G INFINEON-TLE6251G_08 Datasheet
1Mb / 32P
   High Speed CAN-Transceiver with Wake Detection
Rev. 3.3, June 2008
logo
Fairchild Semiconductor
FUSB2805 FAIRCHILD-FUSB2805 Datasheet
496Kb / 5P
   USB2.0 High-Speed OTG Transceiver with ULPI Interface
FUSB2500 FAIRCHILD-FUSB2500 Datasheet
672Kb / 7P
   USB2.0 High-Speed OTG Transceiver with ULPI Interface
FSUSB45 FAIRCHILD-FSUSB45 Datasheet
444Kb / 2P
   Hi-Speed USB2.0 (480Mbps) Switch with Dedicated Charger Port Detect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com