Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FODM8061R2 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FODM8061R2
Description  High Noise Immunity, 3.3V/5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FODM8061R2 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FODM8061R2 Datasheet HTML 1Page - Fairchild Semiconductor FODM8061R2 Datasheet HTML 2Page - Fairchild Semiconductor FODM8061R2 Datasheet HTML 3Page - Fairchild Semiconductor FODM8061R2 Datasheet HTML 4Page - Fairchild Semiconductor FODM8061R2 Datasheet HTML 5Page - Fairchild Semiconductor FODM8061R2 Datasheet HTML 6Page - Fairchild Semiconductor FODM8061R2 Datasheet HTML 7Page - Fairchild Semiconductor FODM8061R2 Datasheet HTML 8Page - Fairchild Semiconductor FODM8061R2 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
©2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FODM8061 Rev. 1.0.3
5
Typical Performance Curves
0.001
0.01
0.1
1
10
100
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Fig. 1 Input LED Current vs Forward Voltage
1
2
3
4
5
6
-40
-20
0
20
40
60
80
100
120
Fig. 2 Threshold Input Current vs Ambient Temperature
VCC = 5.0V
VCC = 3.3V
IOL= 13mA
0.60
0.55
0.50
0.45
0.40
0.35
-40
-20
0
20
40
60
80
100
120
Fig. 3 Low Level Output Voltage vs. Ambient Temperature
V
CC
= 3.3V
IOL = 13mA
IF = 5mA
V
CC = 5.0V
VF – FORWARD VOLTAGE (V)
TA – AMBIENT TEMPERATURE (°C)
TA – AMBIENT TEMPERATURE (°C)
20
15
10
5
0
-40
-20
0
20
40
60
80
100
120
Fig. 4 Logic High Output Current vs Ambient Temperature
V
CC
= 3.3V
IF = 250µA
VO = 3.3V
V
CC = 5.0V
TA – AMBIENT TEMPERATURE (°C)
10
9
8
7
6
5
4
3
2
-40
-20
0
20
40
60
80
100
120
Fig. 5 Typical Logic Low Output Supply Current
vs. Ambient Temperature
IF = 10mA
TA – AMBIENT TEMPERATURE (°C)
TA = 25°C
TA = -40°C
TA = 110°C
V
CC
= 5.0V
V
CC = 3.3V
10
8
6
4
2
0
-40
-20
0
20
40
60
80
100
120
Fig. 6 Typical Logic High Output Supply Current
vs. Ambient Temperature
IF = 0mA
TA – AMBIENT TEMPERATURE (°C)
V
CC
= 5.0V
V
CC = 3.3V


Similar Part No. - FODM8061R2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM8061R2 FAIRCHILD-FODM8061R2 Datasheet
382Kb / 12P
   High Noise Immunity, 3.3V/5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
logo
ON Semiconductor
FODM8061R2 ONSEMI-FODM8061R2 Datasheet
714Kb / 14P
   High Noise Immunity, 3.3V/5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
Rev. 2
FODM8061R2 ONSEMI-FODM8061R2 Datasheet
239Kb / 11P
   High Noise Immunity, 3.3V/5V, 10 Mbit/sec Logic Gate Output (Open Collector) Optocoupler
August, 2022 - Rev. 3
FODM8061R2V ONSEMI-FODM8061R2V Datasheet
714Kb / 14P
   High Noise Immunity, 3.3V/5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
Rev. 2
FODM8061R2V ONSEMI-FODM8061R2V Datasheet
239Kb / 11P
   High Noise Immunity, 3.3V/5V, 10 Mbit/sec Logic Gate Output (Open Collector) Optocoupler
August, 2022 - Rev. 3
More results

Similar Description - FODM8061R2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM8061 FAIRCHILD-FODM8061 Datasheet
382Kb / 12P
   High Noise Immunity, 3.3V/5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
logo
ON Semiconductor
FODM8061 ONSEMI-FODM8061 Datasheet
714Kb / 14P
   High Noise Immunity, 3.3V/5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
Rev. 2
logo
Fairchild Semiconductor
FODM611 FAIRCHILD-FODM611 Datasheet
370Kb / 12P
   High Noise Immunity, 5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
FODM611 FAIRCHILD-FODM611_10 Datasheet
396Kb / 12P
   High Noise Immunity, 5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
logo
ON Semiconductor
FODM8061 ONSEMI-FODM8061_V01 Datasheet
239Kb / 11P
   High Noise Immunity, 3.3V/5V, 10 Mbit/sec Logic Gate Output (Open Collector) Optocoupler
August, 2022 - Rev. 3
logo
Fairchild Semiconductor
FOD8001R2 FAIRCHILD-FOD8001R2 Datasheet
624Kb / 12P
   High Noise Immunity, 3.3V/5V Logic Gate Optocoupler
FOD8001 FAIRCHILD-FOD8001 Datasheet
624Kb / 12P
   High Noise Immunity, 3.3V/5V Logic Gate Optocoupler
FODM8071 FAIRCHILD-FODM8071 Datasheet
363Kb / 13P
   3.3V/5V Logic Gate Output Optocoupler with High Noise Immunity
FODM8071 FAIRCHILD-FODM8071_10 Datasheet
369Kb / 13P
   3.3V/5V Logic Gate Output Optocoupler with High Noise Immunity
logo
CT Micro International ...
6N137 CTMICRO-6N137 Datasheet
1Mb / 16P
   10MBit/s High Speed Logic Gate Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com