Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN4603MM10X Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN4603MM10X
Description  600mA, Fully Integrated, Buck Power Supply Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4603MM10X Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN4603MM10X Datasheet HTML 1Page - Fairchild Semiconductor FAN4603MM10X Datasheet HTML 2Page - Fairchild Semiconductor FAN4603MM10X Datasheet HTML 3Page - Fairchild Semiconductor FAN4603MM10X Datasheet HTML 4Page - Fairchild Semiconductor FAN4603MM10X Datasheet HTML 5Page - Fairchild Semiconductor FAN4603MM10X Datasheet HTML 6Page - Fairchild Semiconductor FAN4603MM10X Datasheet HTML 7Page - Fairchild Semiconductor FAN4603MM10X Datasheet HTML 8Page - Fairchild Semiconductor FAN4603MM10X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4603 • Rev. 1.0.1
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above
the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended
exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings
are stress ratings only.
Symbol
Parameter
Min.
Max.
Units
VIN
Input Voltage with Respect to GND
-0.3
6.0
V
Voltage on Any Other Pin with Respect to GND
-0.3
VIN
V
TJ
Junction Temperature
-40
+150
°C
TSTG
Storage Temperature
-65
+150
°C
TL
Lead Temperature (Soldering, 10 Seconds)
+260
°C
ESD
Electrostatic Discharge
Capability
Human Body Model JESD22-A114
6
kV
Charged Device Model, JESD22-C101
2
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating
conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend exceeding
them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Units
VCC
Supply Voltage Range
2.3
5.5
V
IOUT
Output Current
0
600
mA
TA
Operating Ambient Temperature
-40
+85
°C
TJ
Operating Junction Temperature
-40
+125
°C
Thermal Properties
Symbol
Parameter
Typical
Units
ΘJA
Junction-to-Ambient Thermal Resistance
(2)
120
°C/W
Note:
2.
Junction-to-ambient thermal resistance is a function of application and board layout. This data is measured with a two-
layer 2s0p board in accordance to the JESD51- JEDEC standard. Special attention must be paid not to exceed junction
temperature TJ(max) at a given ambient temperature TA.


Similar Part No. - FAN4603MM10X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN400A FAIRCHILD-FAN400A Datasheet
567Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
FAN400A FAIRCHILD-FAN400A Datasheet
764Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller
FAN400ANY FAIRCHILD-FAN400ANY Datasheet
567Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
FAN400ANY FAIRCHILD-FAN400ANY Datasheet
764Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller
FAN400ATY FAIRCHILD-FAN400ATY Datasheet
567Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
More results

Similar Description - FAN4603MM10X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6590A STMICROELECTRONICS-L6590A Datasheet
238Kb / 19P
   FULLY INTEGRATED POWER SUPPLY
L6590 STMICROELECTRONICS-L6590 Datasheet
360Kb / 23P
   FULLY INTEGRATED POWER SUPPLY FIPS
logo
Rohm
BZ6A1206GMP ROHM-BZ6A1206GMP Datasheet
1Mb / 23P
   0.65A Output, Fully Integrated Step-down Switching Power Supply Module
BZ6A7D06GM ROHM-BZ6A7D06GM Datasheet
690Kb / 19P
   0.65A Output, Fully Integrated, Step-down Switching Power Supply Module
logo
Enpirion, Inc.
EP5368QI ENPIRION-EP5368QI Datasheet
304Kb / 12P
   600mA Synchronous Buck Regulator With Integrated Inductor
EP5357LUI ENPIRION-EP5357LUI Datasheet
291Kb / 17P
   600mA Synchronous Buck Regulator with Integrated Inductor
logo
Altera Corporation
EP5358XUI ALTERA-EP5358XUI Datasheet
757Kb / 16P
   600mA PowerSoC Synchronous Buck Regulator with Integrated Inductor
EP5368QI ALTERA-EP5368QI Datasheet
896Kb / 14P
   600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
EP5357XUI ALTERA-EP5357XUI Datasheet
879Kb / 19P
   600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
logo
List of Unclassifed Man...
EN5312Q ETC1-EN5312Q Datasheet
253Kb / 12P
   Fully Integrated Voltage Mode Synchronous Buck PWM DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com