Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN4860UC5X Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FAN4860UC5X
Description  3MHz, 5V Output Synchronous TinyBoost??Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4860UC5X Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN4860UC5X Datasheet HTML 7Page - Fairchild Semiconductor FAN4860UC5X Datasheet HTML 8Page - Fairchild Semiconductor FAN4860UC5X Datasheet HTML 9Page - Fairchild Semiconductor FAN4860UC5X Datasheet HTML 10Page - Fairchild Semiconductor FAN4860UC5X Datasheet HTML 11Page - Fairchild Semiconductor FAN4860UC5X Datasheet HTML 12Page - Fairchild Semiconductor FAN4860UC5X Datasheet HTML 13Page - Fairchild Semiconductor FAN4860UC5X Datasheet HTML 14Page - Fairchild Semiconductor FAN4860UC5X Datasheet HTML 15Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4860 • Rev. 1.0.3
11
Application Information
External Component Selection
Table 2 shows the recommended external components for
the FAN4860:
Table 2.
External Components
REF
Description
Manufacturer
L1
1.0µH, 0.8A, 190m
Ω,
0805
Murata LQM21PN1R0MC0,
or equivalent
CIN
2.2µF, 6.3V, X5R,
0402
Murata GRM155R60J225M
TDK C1005X5R0J225M
COUT
4.7µF, 10V, X5R,
0603
(3)
Kemet C0603C475K8PAC
TDK C1608X5R1A475K
Note:
3.
A 6.3V-rated 0603 capacitor may be used for COUT,
such as Murata GRM188R60J225M. All datasheet
parameters are valid with the 6.3V-rated capacitor.
Due to DC bias effects, the 10V capacitor offers a
performance enhancement; particularly output ripple
and transient response, without any size increase.
Output Capacitance (COUT)
Stability
The effective capacitance (CEFF) of small, high-value,
ceramic capacitors decrease as their bias voltage increases,
as shown in Figure 30.
Figure 30. CEFF for 4.7μF, 0603, X5R, 6.3V
(Murata GRM188R60J475K)
FAN4860 is guaranteed for stable operation with the
minimum value of CEFF (CEFF(MIN)) outlined in Table 3.
Table 3.
Minimum CEFF Required for Stability
Operating Conditions
CEFF(MIN) (μF)
VIN (V)
ILOAD (mA)
2.3 to 4.5
0 to 200
1.5
2.7 to 4.5
0 to 200
1.0
2.3 to 4.5
0 to 150
1.0
CEFF varies with manufacturer, dielectric material, case size,
and temperature. Some manufacturers may be able to
provide an X5R capacitor in 0402 case size that retains CEFF
>1.5
μF with 5V bias; others may not. If this CEFF cannot be
economically obtained and 0402 case size is required, the IC
can work with the 0402 capacitor as long as the minimum VIN
is restricted to >2.7V.
For best performance, a 10V-rated 0603 output capacitor is
recommended (Kemet C0603C475K8PAC, or equivalent).
Since it retains greater CEFF under bias and over
temperature, ouptut ripple can is reduced and transient
capability enhanced.
Output Voltage Ripple
Output voltage ripple is inversely proportional to COUT.
During tON, when the boost switch is on, all load current is
supplied by COUT.
OUT
LOAD
ON
)
P
P
(
RIPPLE
C
I
t
V
=
and
EQ. 2
⎟⎟
⎜⎜
=
=
OUT
IN
SW
SW
ON
V
V
1
t
D
t
t
Therefore:
EQ. 3
OUT
LOAD
OUT
IN
SW
)
P
P
(
RIPPLE
C
I
V
V
1
t
V
⎟⎟
⎜⎜
=
EQ. 4
where:
SW
SW
f
1
t
=
EQ. 5
As can be seen from EQ. 4, the maximum VRIPPLE occurs
when VIN is minimum and ILOAD is maximum.
Startup
Input current limiting is in effect during soft-start, which limits
the current available to charge COUT. If the output fails to
achieve regulation within the time period described in the
soft-start section above; a FAULT occurs, causing the circuit
to shut down, then restart after a significant time period. If
COUT is a very high value, the circuit may not start on the first
attempt, but eventually achieves regulation if no load is
present. If a high-current load and high capacitance are both
present during soft-start, the circuit may fail to achieve


Similar Part No. - FAN4860UC5X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN4860UC5X ONSEMI-FAN4860UC5X Datasheet
1Mb / 21P
   3 MHz, Synchronous TinyBoost Regulator
February 2014 Rev. 1.1.1
More results

Similar Description - FAN4860UC5X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN48685 ONSEMI-FAN48685 Datasheet
470Kb / 12P
   Fixed-Output Synchronous TinyBoost Regulator
July, 2018 ??Rev. 0
FAN48619 ONSEMI-FAN48619 Datasheet
1Mb / 12P
   Fixed-Output Synchronous TinyBoost Regulator
December 2015 Rev. 1.0
FAN48614 ONSEMI-FAN48614 Datasheet
527Kb / 4P
   Fixed-Output Synchronous TinyBoost Regulator
July 2015 Rev. 1.4
FAN48615 ONSEMI-FAN48615 Datasheet
1Mb / 12P
   Fixed-Output Synchronous TinyBoost Regulator
September 2016 Rev. 1.0
FAN48617 ONSEMI-FAN48617 Datasheet
1Mb / 11P
   Fixed-Output Synchronous TinyBoost Regulator
August 2016 Rev.1.0
FAN48610 ONSEMI-FAN48610 Datasheet
775Kb / 12P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
August 2015 Rev. 1.5
logo
Fairchild Semiconductor
FAN48610 FAIRCHILD-FAN48610 Datasheet
1Mb / 13P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
logo
ON Semiconductor
FAN48695 ONSEMI-FAN48695 Datasheet
620Kb / 14P
   Synchronous Regulator, TINYBOOST, 2.5 MHz
March, 2020 ??Rev. 1
FAN4860 ONSEMI-FAN4860 Datasheet
1Mb / 21P
   3 MHz, Synchronous TinyBoost Regulator
February 2014 Rev. 1.1.1
FAN4868 ONSEMI-FAN4868 Datasheet
309Kb / 12P
   3 MHz, Synchronous TinyBoost Regulator
October, 2018 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com