Part Name
         Description
R5F64176HDFD

 RENESAS MCU ( 114 Page)


RENESAS
100% 
Zoom Out Zoom In
 90 page
background image
REJ03B0254-0110
Rev.1.10
Page 90 of 111
Jun 23, 2010
R32C/117 Group
5. Electrical Characteristics
VCC =5V
Switching Characteristics (VCC = 4.2 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Note:
1.
The value is calculated by the following formulas based on the base clock cycles (tc(Base)) and
respective cycles of Tsu(A-R), Tw(R), Tsu(A-W), and Tw(W) set by registers EBC0 to EBC3. If the
calculation results in a negative value, modify the value to be set. For the details of how to set values,
refer to the User’s manual.
tsu(S-R) = tsu(A-R) = Tsu(A-R) × tc(Base) - 15 [ns]
tw(R) = Tw(R) × tc(Base) - 10 [ns]
tsu(S-W) = tsu(A-W) = Tsu(A-W) × tc(Base) - 15 [ns]
tw(W) = tsu(D-W) = Tw(W) × tc(Base) - 10 [ns]
Table 5.35
External Bus Timing (Separate bus)
Symbol
Characteristic
Measurement
condition
Value
Unit
Min.
Max.
tsu(S-R)
Chip-select setup time for read
Refer to
Figure 5.6
(1)
ns
th(R-S)
Chip-select hold time after read
tc(Base) - 15
ns
tsu(A-R)
Address setup time for read
(1)
ns
th(R-A)
Address hold time after read
tc(Base) - 15
ns
tw(R)
Read pulse width
(1)
ns
tsu(S-W)
Chip-select setup time for write
(1)
ns
th(W-S)
Chip-select hold time after write
1.5 × tc(Base) - 15
ns
tsu(A-W)
Address setup time for write
(1)
ns
th(W-A)
Address hold time after write
1.5 × tc(Base) - 15
ns
tw(W)
Write pulse width
(1)
ns
tsu(D-W)
Data setup time for write
(1)
ns
th(W-D)
Data hold time after write
0ns



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl